Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L1Q0-308000000ZZZ0 Datasheet(PDF) 11 Page - Lumileds Lighting Company

Part # L1Q0-308000000ZZZ0
Description  Industry Standard 3535 Footprint Delivering High Efficacy at High Drive Current
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

L1Q0-308000000ZZZ0 Datasheet(HTML) 11 Page - Lumileds Lighting Company

Back Button L1Q0-308000000ZZZ0 Datasheet HTML 7Page - Lumileds Lighting Company L1Q0-308000000ZZZ0 Datasheet HTML 8Page - Lumileds Lighting Company L1Q0-308000000ZZZ0 Datasheet HTML 9Page - Lumileds Lighting Company L1Q0-308000000ZZZ0 Datasheet HTML 10Page - Lumileds Lighting Company L1Q0-308000000ZZZ0 Datasheet HTML 11Page - Lumileds Lighting Company L1Q0-308000000ZZZ0 Datasheet HTML 12Page - Lumileds Lighting Company L1Q0-308000000ZZZ0 Datasheet HTML 13Page - Lumileds Lighting Company L1Q0-308000000ZZZ0 Datasheet HTML 14Page - Lumileds Lighting Company L1Q0-308000000ZZZ0 Datasheet HTML 15Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
LUXEON Q Datasheet DS118 20140109 ©2014 Philips Lumileds Lighting Company.
10
Typical Forward Current Characteristics
Forward Current vs. Forward Voltage
Junction Temperature = 85°C
Figure 8. Typical forward current vs. forward volatage, L1Q0-xxyy00000zzz0.


Similar Part No. - L1Q0-308000000ZZZ0

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
L1Q0-308000000ZZZ0 LUMILEDS-L1Q0-308000000ZZZ0 Datasheet
1Mb / 18P
   Standard ceramic 3535 footprint delivering high efficacy at high-drive current
More results

Similar Description - L1Q0-308000000ZZZ0

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS118 LUMILEDS-DS118 Datasheet
1Mb / 18P
   Standard ceramic 3535 footprint delivering high efficacy at high-drive current
L2C4-2780XS01F0600 LUMILEDS-L2C4-2780XS01F0600 Datasheet
3Mb / 18P
   High efficacy with industry standard footprint
20191013
LUXEON4014 LUMILEDS-LUXEON4014 Datasheet
1Mb / 14P
   Compact footprint delivering high-efficacy and just the right amount of light
MXZ7-PW50 LUMILEDS-MXZ7-PW50 Datasheet
2Mb / 25P
   Compact footprint delivering high-efficacy and just the right amount of light
logo
Emerson Network Power
BXB100 EMERSON-NETWORKPOWER-BXB100 Datasheet
593Kb / 3P
   Industry standard footprint
logo
MMD Components
MVAH5 MMD-MVAH5 Datasheet
88Kb / 2P
   Industry Standard Footprint
logo
Lumileds Lighting Compa...
DS205 LUMILEDS-DS205 Datasheet
1Mb / 25P
   A compact footprint delivering high efficacy and just the right amount of light
PB205 LUMILEDS-PB205 Datasheet
762Kb / 2P
   A compact footprint delivering high efficacy and just the right amount of light
MXA8-PW27-0000 LUMILEDS-MXA8-PW27-0000 Datasheet
1Mb / 2P
   High efficacy up to 165 lm/W at 60 Compact 3535 form factor
MXC8-PW27-0000 LUMILEDS-MXC8-PW27-0000 Datasheet
1Mb / 25P
   High efficacy for sustainable design Compact 3535 2D package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com