Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

US5C3257 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # US5C3257
Description  QUAD 2:1 MUX/DEMUX BUS SWITCH
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US5C3257 Datasheet(HTML) 3 Page - Unisonic Technologies

  US5C3257 Datasheet HTML 1Page - Unisonic Technologies US5C3257 Datasheet HTML 2Page - Unisonic Technologies US5C3257 Datasheet HTML 3Page - Unisonic Technologies US5C3257 Datasheet HTML 4Page - Unisonic Technologies US5C3257 Datasheet HTML 5Page - Unisonic Technologies US5C3257 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
US5C3257
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R502-891.a
BLOCK DIAGRAM
S
E
IA0
IA1
IB0
IB1
IC0
IC1
ID0
ID1
YA
YB
YC
YD
TRUTH TABLE
E
S
YA
YB
YC
YD
Function
H
X
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Disable
L
L
IA0
IB0
IC0
ID0
S=0
L
H
IA1
IB1
IC1
ID1
S=1
Note: H=High Voltage Level, L=Low Voltage Level


Similar Part No. - US5C3257

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
US5C3257G-S16-R UTC-US5C3257G-S16-R Datasheet
139Kb / 6P
   QUAD 2:1 MUX/DEMUX BUS SWITCH
US5C3257G-S16-T UTC-US5C3257G-S16-T Datasheet
139Kb / 6P
   QUAD 2:1 MUX/DEMUX BUS SWITCH
US5C3257L-S16-R UTC-US5C3257L-S16-R Datasheet
139Kb / 6P
   QUAD 2:1 MUX/DEMUX BUS SWITCH
US5C3257L-S16-T UTC-US5C3257L-S16-T Datasheet
139Kb / 6P
   QUAD 2:1 MUX/DEMUX BUS SWITCH
US5C3257 UTC-US5C3257_15 Datasheet
139Kb / 6P
   QUAD 2:1 MUX/DEMUX BUS SWITCH
More results

Similar Description - US5C3257

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5C3257QE PERICOM-PI5C3257QE Datasheet
694Kb / 6P
   Quad 2:1 Mux/DeMux Bus Switch
logo
Unisonic Technologies
US5C3257 UTC-US5C3257_15 Datasheet
139Kb / 6P
   QUAD 2:1 MUX/DEMUX BUS SWITCH
logo
Integrated Device Techn...
IDT74FST3257 IDT-IDT74FST3257 Datasheet
146Kb / 5P
   QUAD 2:1 MUX/DEMUX BUS SWITCH
logo
Pericom Semiconductor C...
PI3B3257 PERICOM-PI3B3257 Datasheet
192Kb / 5P
   3.3V, Quad 2:1 Mux/Demux Bus Switch
PI5C3303 PERICOM-PI5C3303 Datasheet
55Kb / 3P
   2:1 Mux/Demux Bus Switch
PI5C3303 PERICOM-PI5C3303_09 Datasheet
415Kb / 5P
   SOTiny 2:1 Mux/DeMux Bus Switch
PI5C3303 PERICOM-PI5C3303 Datasheet
305Kb / 5P
   SOTiny??2:1 Mux/DeMux Bus Switch
logo
Potato Semiconductor Co...
PO3B3257A POTATO-PO3B3257A_14 Datasheet
1Mb / 5P
   Quad 2:1 Mux/DeMux
PO3B3257A POTATO-PO3B3257A Datasheet
558Kb / 6P
   Quad 2:1 Mux/DeMux
logo
Pericom Semiconductor C...
PI5C33X257 PERICOM-PI5C33X257_05 Datasheet
428Kb / 5P
   12-Channel, 2:1 Mux/DeMux Bus Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com