Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N752 Datasheet(PDF) 2 Page - Shanghai Lunsure Electronic Tech

Part # 1N752
Description  0.5W SILICON PLANAR ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

1N752 Datasheet(HTML) 2 Page - Shanghai Lunsure Electronic Tech

  1N752 Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech 1N752 Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CE
1N746 THRU 1N759
CHENYI ELECTRONICS
0.5W SILICON PLANAR ZENER DIODES
1N746…1N759 SILICON PLANAR ZENER DIODES
Maximum
Typical
Maximum
zener
Tempetature
Regulator
impedence
coefficient
Current
VZ
IZT
ZZR at IZR
TA=25
TA=150
IZM
V
mA
%/
A
A
mA
1N746
3.3
28
-0.062
110
1N747
3.6
24
-0.055
100
1N748
3.9
23
-0.049
95
1N749
4.3
22
-0.036
85
1N750
4.7
19
-0.018
75
1N751
5.1
17
-0.008
70
1N752
5.6
11
+0.006
65
1N753
6.2
7
+0.022
60
1N754
6.8
5
+0.035
55
1N755
7.5
6
+0.045
50
1N756
8.2
8
+0.052
45
1N757
9.1
10
+0.056
40
1N758
10.0
17
+0.060
35
1N759
12.0
30
+0.060
30
1)Tested with pulses tp=20ms
2)Valid provided that are kept at ambient temperature at a distance of 8mm from case.
Maximum Reverse
Leakage Current IR 2) at VR=1V
Type
Zener Voltage Range1)
20
30
20
10
2
1
0.1
Copyright @ 2000 SHANGHAI CHENYI ELECTRONICS CO.,LTD
Page 2 of 2


Similar Part No. - 1N752

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
1N752 JGD-1N752 Datasheet
199Kb / 2P
   500mW SILICON ZENER DIODES
logo
Digitron Semiconductors
1N752 DIGITRON-1N752 Datasheet
523Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
GOOD-ARK Electronics
1N752 GOOD-ARK-1N752 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Micro Commercial Compon...
1N752 MCC-1N752 Datasheet
347Kb / 2P
   0.5W Silicon Planar Zener Diodes
logo
Microsemi Corporation
1N752 MICROSEMI-1N752 Datasheet
70Kb / 2P
   SILICON 500 mW ZENER DIODES
More results

Similar Description - 1N752

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
1N5221THRU1N5281 CHENYI-1N5221THRU1N5281 Datasheet
66Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
BZX97 CHENYI-BZX97 Datasheet
37Kb / 2P
   0.5W SILICON PLANAR ZENER DIODES
logo
Jinan Jingheng (Group) ...
1N746 JINANJINGHENG-1N746 Datasheet
99Kb / 2P
   0.5W SILICON PLANAR ZENER DIODES
logo
DAESAN ELECTRONIC CORP.
1N5221A DAESAN-1N5221A Datasheet
352Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
logo
Micro Commercial Compon...
DL957B MCC-DL957B Datasheet
93Kb / 3P
   0.5W Silicon Planar Zener Diodes
logo
Jinan Jingheng (Group) ...
MM1Z2V0 JINANJINGHENG-MM1Z2V0 Datasheet
538Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
ZMM5221 JINANJINGHENG-ZMM5221 Datasheet
221Kb / 3P
   0.5W SILICON PLANAR ZENER DIODES
logo
DAESAN ELECTRONIC CORP.
GDZJ DAESAN-GDZJ Datasheet
402Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
logo
Jinan Jing Heng Electro...
BZX55-B2V0 JINGHENG-BZX55-B2V0 Datasheet
128Kb / 3P
   0.5W SILICON PLANAR ZENER DIODES
logo
Jinan Jingheng (Group) ...
1N5221 JINANJINGHENG-1N5221 Datasheet
383Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
logo
Shanghai Lunsure Electr...
BZX55 CHENYI-BZX55 Datasheet
116Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com