Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MG13B Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # MG13B
Description  TO CHANGE WITHOUT NOTICE ACCESSORIES
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MG13B Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button MG13B Datasheet HTML 4Page - List of Unclassifed Manufacturers MG13B Datasheet HTML 5Page - List of Unclassifed Manufacturers MG13B Datasheet HTML 6Page - List of Unclassifed Manufacturers MG13B Datasheet HTML 7Page - List of Unclassifed Manufacturers MG13B Datasheet HTML 8Page - List of Unclassifed Manufacturers MG13B Datasheet HTML 9Page - List of Unclassifed Manufacturers MG13B Datasheet HTML 10Page - List of Unclassifed Manufacturers MG13B Datasheet HTML 11Page - List of Unclassifed Manufacturers MG13B Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
D
D8
APEM, PO BOX 8288, HAVERHILL, MA USA 01835-0788 TOLL FREE: (877) 246-7890 FAX: (781) 245-4531 E-mail: info@apem.com
SECURITY GUARDS for switch series 12000, 3500, 600H and 6000
Series 60 - for 3 position switches
Actuator returned then locked in upper position
Series 20PN - for 2 position switches
Actuator returned then locked in down position (OFF)
Option P - holes for wiring seal standard on this model
MODEL NO. COLOR
62
Gray
63
White
64
Orange
65
Black
66
Red
67
Green
68
Yellow
69
Blue
65/68
Black/yellow striped
Series 70 - for 2 position switches
Actuator returned then locked in upper position
MODEL NO. COLOR
72
Gray
73
White
74
Orange
75
Black
76
Red
77
Green
78
Yellow
79
Yellow
75/78
Black/yellow striped
MODEL NO. COLOR
22PN
Gray
23PN
White
24PN
Orange
25PN
Black
26PN
Red
27PN
Green
28PN
Yellow
29PN
Blue
Series 50 - for 2 position switches
Actuator returned then locked in down position (OFF)
MODEL NO. COLOR
52
Gray
53
White
54
Orange
55
Black
56
Red
57
Green
58
Yellow
59
Blue
55/58
Black/yellow striped


Similar Part No. - MG13B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MG13B ETC2-MG13B Datasheet
654Kb / 16P
   MISCELLANEOUS HARDWARE-ACCESSORIES
More results

Similar Description - MG13B

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1418JF9 HAMMOND-1418JF9 Datasheet
150Kb / 1P
   Data subject to change without notice
1418JL9 HAMMOND-1418JL9 Datasheet
155Kb / 1P
   Data subject to change without notice
1436A HAMMOND-1436A Datasheet
138Kb / 1P
   Data subject to change without notice
1438B HAMMOND-1438B Datasheet
153Kb / 1P
   Data subject to change without notice
1438S HAMMOND-1438S Datasheet
152Kb / 1P
   Data subject to change without notice
1418JC7 HAMMOND-1418JC7 Datasheet
154Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTICE
1418JD9 HAMMOND-1418JD9 Datasheet
147Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTICE
EJ444 HAMMOND-EJ444 Datasheet
134Kb / 1P
   Data subject to change without notice
1418JJ9 HAMMOND-1418JJ9 Datasheet
147Kb / 1P
   Data subject to change without notice
1418JK9 HAMMOND-1418JK9 Datasheet
149Kb / 1P
   Data subject to change without notice
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com