Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPM82 Datasheet(PDF) 10 Page - Sanken electric

Part # MPM82
Description  2 A Non-Isolated Step-Down DC / DC Converter Modules
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

MPM82 Datasheet(HTML) 10 Page - Sanken electric

Back Button MPM82 Datasheet HTML 6Page - Sanken electric MPM82 Datasheet HTML 7Page - Sanken electric MPM82 Datasheet HTML 8Page - Sanken electric MPM82 Datasheet HTML 9Page - Sanken electric MPM82 Datasheet HTML 10Page - Sanken electric MPM82 Datasheet HTML 11Page - Sanken electric MPM82 Datasheet HTML 12Page - Sanken electric MPM82 Datasheet HTML 13Page - Sanken electric MPM82 Datasheet HTML 14Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
SANKEN ELECTRIC CO., LTD.
2 A Non-Isolated Step-Down DC/ DC Converter Modules
MPM8x Series
March 11, 2013
MPM80-DS, Rev. 0.1
Thermal Derating
Figure 2. MPM80 thermal derating curve; measurement conditions: VO = 5 V, no heatsink
0.0
0.5
1.0
1.5
2.0
2.5
TA (°C)
-20
0
20
40
60
80
100
VIN = 12 V
VIN = 24 V
Figure 2 shows thermal derating curves for the MPM80. The
MPM80 requires derating based on the ambient temperature, TA,
in use.
Use the MPM80 within the thermal derating curves shown in
figure 2. If using the MPM80 outside the curves, consider using
a heatsink. In this case, the thermal resistance, RθJ-C , between the
MPM80 junction and case is 8 °C/W. Therefore, use the MPM80
at a junction temperature, TJ, of 125°C or less, with TJ calculated
using the following procedure.
1. The internal loss, PLOSS, of the MPM80 in use is calculated as
follows:
PLOSS = ( IIN × VIN ) – ( IO × VO)
(2)
where
PLOSS is the internal loss of the MPM80, in watts,
IIN is the input current of the MPM80, in amperes,
VIN is the input voltage of the MPM80, in volts,
IO is the output current of the MPM80 in amperes, and
VO is the output voltage of the MPM80, in volts.
Overall thermal resistance, RθJ-H, is determined by adding the
thermal resistances of the MPM80 and a heatsink, as follows:
RθJ-H = RθJ-C + RθH
(3)
where
RθJ-H is the thermal resistance between the MPM80 and heat-
sink, in degrees Celsius per watt,
RθJ-C is the thermal resistance between the MPM80 junction and
the MPM80 case, in degrees Celsius per watt, and
RθH is the thermal resistance of the heatsink, in degrees Celsius
per watt.
Junction temperature, TJ , is calculated as follows:
TJ = PLOSS × RθJ-H
(4)
Because the maximum TJ rating of the MPM80 is 125°C, please
use the MPM80 at a junction temperature of 125°C or less.


Similar Part No. - MPM82

ManufacturerPart #DatasheetDescription
logo
Sanken electric
MPM80 SANKEN-MPM80 Datasheet
381Kb / 15P
   2 A Non-Isolated Step-Down DC / DC Converter Modules
MPM81 SANKEN-MPM81 Datasheet
381Kb / 15P
   2 A Non-Isolated Step-Down DC / DC Converter Modules
More results

Similar Description - MPM82

ManufacturerPart #DatasheetDescription
logo
Sanken electric
MPM81 SANKEN-MPM81 Datasheet
381Kb / 15P
   2 A Non-Isolated Step-Down DC / DC Converter Modules
MPM80 SANKEN-MPM80 Datasheet
381Kb / 15P
   2 A Non-Isolated Step-Down DC / DC Converter Modules
logo
Rohm
BP5223 ROHM-BP5223_10 Datasheet
120Kb / 1P
   Step-down DC/DC Converter(Non-isolated)
BP5224-33 ROHM-BP5224-33_10 Datasheet
115Kb / 1P
   Step-down DC/DC Converter(Non-isolated)
BP5226-18 ROHM-BP5226-18_10 Datasheet
108Kb / 1P
   Step-down DC/DC Converter(Non-isolated)
BP5225 ROHM-BP5225_10 Datasheet
105Kb / 1P
   Step-down DC/DC Converter (Non-isolated)
logo
Sanken electric
BR301 SANKEN-BR301 Datasheet
346Kb / 10P
   3.3 V, 1 A Non-Isolated Step Down DC/DC Converter Module
BR300 SANKEN-BR300 Datasheet
347Kb / 10P
   5 V, 1 A Non-Isolated Step Down DC/DC Converter Module
logo
Rohm
BP5220A ROHM-BP5220A_10 Datasheet
555Kb / 9P
   Step-down DC/DC Converters(Non-isolated)
BP5275-18 ROHM-BP5275-18 Datasheet
621Kb / 9P
   Non-Isolated Step-Down 3-Terminal DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com