Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS770006IRGER Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS770006IRGER
Description  Broadband, Fully-Differential, 14-/16-Bit ADC DRIVER AMPLIFIER
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS770006IRGER Datasheet(HTML) 1 Page - National Semiconductor (TI)

  THS770006IRGER Datasheet HTML 1Page - National Semiconductor (TI) THS770006IRGER Datasheet HTML 2Page - National Semiconductor (TI) THS770006IRGER Datasheet HTML 3Page - National Semiconductor (TI) THS770006IRGER Datasheet HTML 4Page - National Semiconductor (TI) THS770006IRGER Datasheet HTML 5Page - National Semiconductor (TI) THS770006IRGER Datasheet HTML 6Page - National Semiconductor (TI) THS770006IRGER Datasheet HTML 7Page - National Semiconductor (TI) THS770006IRGER Datasheet HTML 8Page - National Semiconductor (TI) THS770006IRGER Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
50W
50W
100W
V
OCM
100W
V
IN-
V
IN+
30MHz
Bandpass
Filter
THS770006
R
O
V
OCM
R
O
A
IN-
A
IN+
16-Bit
ADC
0
61
Frequency(MHz)
10
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
-
-
-
-
-
-
-
-
-
-
-
-
25
30
35
5
15
20
55
40
45
50
10
THS770006
www.ti.com
SBOS520B
– JULY 2010 – REVISED JANUARY 2012
Broadband, Fully-Differential, 14-/16-Bit
ADC DRIVER AMPLIFIER
Check for Samples: THS770006
1
FEATURES
DESCRIPTION
The THS770006 is a fixed-gain of +6dB, wideband,
23
2.4GHz Bandwidth
fully-differential amplifier designed and optimized
3100V/
µs Slew Rate, VOUT =2V Step
specifically
for
driving
16-bit
analog-to-digital
Fixed Voltage Gain: +6dB
converters
(ADCs)
at
input
frequencies
up
to
130MHz, and 14-bit ADCs at input frequencies up to
IMD3: –107dBc, VOUT = 2VPP, RL = 400Ω,
200MHz.
This
device
provides
high
bandwidth,
f = 100MHz
high-voltage output with low distortion and low noise,
OIP3: 48dBm, f = 100MHz
critical in high-speed data acquisition systems that
Noise Figure: 11dB, f = 100MHz
require very high dynamic range, such as wireless
base
stations
and
test
and
measurement
applications. This device also makes an excellent
APPLICATIONS
differential amplifier for general-purpose, high-speed
14-/16-bit ADC Driver
differential
signal
chain
and
short
line
driver
ADC Driver for Wireless Base Station Signal
applications.
Chains: GSM, WCDMA, MC-GSM
The THS770006 operates on a nominal +5V single
ADC Driver for High Dynamic Range Test and
supply, offers very fast, 7.5ns maximum recovery
Measurement Equipment
time
from
overdrive
conditions,
and
has
a
power-down mode for power saving. The THS770006
THS770006 Driving 16-Bit ADC
is offered in a Pb-free (RoHS compliant) and green,
QFN-24
thermally-enhanced
package.
It
is
characterized
for
operation
over
the
industrial
temperature range of
–40°C to +85°C.
RELATED DEVICES
DEVICE
DESCRIPTION
Wideband, low-noise, low-distortion,
THS4509
fully-differential amplifier
Wideband, low-noise, low-distortion,
PGA870
fully-differential, digitally-programmable
FFT Plot with Two-Tone Input at 96MHz and
gain amplifier
100MHz (see Application Information section).
ADS5481 to
16-bit, 80MSPS to 200MSPS ADCs
ADS5485
ADS6145
14-bit, 125MSPS ADC
ADS6149
14-bit, 250MSPS ADC
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2010–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - THS770006IRGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS770006IRGER TI-THS770006IRGER Datasheet
1,006Kb / 36P
[Old version datasheet]   Broadband, Fully-Differential, 14-/16-Bit ADC DRIVER AMPLIFIER
More results

Similar Description - THS770006IRGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS770012 TI-THS770012_15 Datasheet
1Mb / 35P
[Old version datasheet]   Broadband, Fully-Differential, 14-/16-Bit ADC Driver Amplifier
THS770006 TI1-THS770006_14 Datasheet
1Mb / 40P
[Old version datasheet]   Broadband, Fully-Differential, 14-/16-Bit ADC DRIVER AMPLIFIER
THS770012 TI1-THS770012_14 Datasheet
1Mb / 36P
[Old version datasheet]   Broadband, Fully-Differential, 14-/16-Bit ADC Driver Amplifier
THS770012 TI1-THS770012 Datasheet
1Mb / 35P
[Old version datasheet]   Broadband, Fully-Differential, 14-/16-Bit ADC Driver Amplifier
THS770006 TI-THS770006_10 Datasheet
1,006Kb / 36P
[Old version datasheet]   Broadband, Fully-Differential, 14-/16-Bit ADC DRIVER AMPLIFIER
logo
Maxim Integrated Produc...
MAX11901 MAXIM-MAX11901 Datasheet
1Mb / 29P
   16-Bit, 1.6Msps, Low-Power, Fully Differential SAR ADC
2018
MAX11900 MAXIM-MAX11900 Datasheet
969Kb / 29P
   16-Bit, 1Msps, Low-Power, Fully Differential SAR ADC
2018
logo
Analog Devices
LTC6409 AD-LTC6409 Datasheet
432Kb / 24P
   Differential Amplifier/ADC Driver
AD8476 AD-AD8476_16 Datasheet
572Kb / 25P
   Low Power, Unity Gain, Fully Differential Amplifier and ADC Driver
logo
Linear Technology
LTC6430 LINER-LTC6430 Datasheet
718Kb / 12P
   15dB Differential Amplifier and 14-Bit, 310Msps Dual ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com