Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS4502CDGNR Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4502CDGNR
Description  Wideband, Low-Distortion Fully Differential Amplifiers
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4502CDGNR Datasheet(HTML) 2 Page - National Semiconductor (TI)

  THS4502CDGNR Datasheet HTML 1Page - National Semiconductor (TI) THS4502CDGNR Datasheet HTML 2Page - National Semiconductor (TI) THS4502CDGNR Datasheet HTML 3Page - National Semiconductor (TI) THS4502CDGNR Datasheet HTML 4Page - National Semiconductor (TI) THS4502CDGNR Datasheet HTML 5Page - National Semiconductor (TI) THS4502CDGNR Datasheet HTML 6Page - National Semiconductor (TI) THS4502CDGNR Datasheet HTML 7Page - National Semiconductor (TI) THS4502CDGNR Datasheet HTML 8Page - National Semiconductor (TI) THS4502CDGNR Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 49 page
background image
APPLICATION CIRCUIT DIAGRAM
f - Frequency - MHz
-80
-92
0
20
40
60
-74
THIRD-ORDER INTERMODULATION
DISTORTION
-62
80
100
-68
-86
-98
12
10
14
16
VS
392
+
-
-
+
800
5 V
-5 V
VOUT
392
402
56.2
50
374
VOCM
2.5 V
-
+
-
+
VOCM
14 Bit/80 MSps
IN
IN
5 V
Vref
5 V
-5 V
VS
0.1
µF 10 µF
0.1
µF 10 µF
THS4502
392
10 pF
1
µF
56.2
ADC
374
50
402
392
10 pF
24.9
24.9
THS4503
(TOP VIEW)
V
IN-
1
2
3
4
8
7
6
5
V
OCM
V
S+
V
OUT+
V
IN+
V
S-
V
OUT-
PD
D, DGN, DGK
THS4502
(TOP VIEW)
D, DGN, DGK
V
IN-
1
2
3
4
8
7
6
5
V
OCM
V
S+
V
OUT+
V
IN+
V
S-
V
OUT-
NC
THS4502
THS4503
SLOS352E
– APRIL 2002 – REVISED OCTOBER 2011
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION
ORDERABLE PACKAGE AND NUMBER
PLASTIC MSOP(1)
TEMPERATURE
PLASTIC SMALL OUTLINE
PLASTIC MSOP
PowerPAD
(D)
(DGN)
SYMBOL
(DGK)
SYMBOL
THS4502CD
THS4502CDGN
BCG
THS4502CDGK
ATX
0
°C to 70°C
THS4503CD
THS4503CDGN
BCK
THS4503CDGK
ATY
THS4502ID
THS4502IDGN
BCI
THS4502IDGK
ASX
-40
°C to 85°C
THS4503ID
THS4503IDGN
BCL
THS4503IDGK
ASY
(1)
All packages are available taped and reeled. The R suffix standard quatity is 2500. The T suffix standard quantity is 250 (e.g.,
THS4502DT).
PIN ASSIGNMENTS
2
Submit Documentation Feedback
Copyright
© 2002–2011, Texas Instruments Incorporated
Product Folder Link(s): THS4502 THS4503


Similar Part No. - THS4502CDGNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4502CDGNR TI-THS4502CDGNR Datasheet
609Kb / 40P
[Old version datasheet]   WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
THS4502CDGNR TI1-THS4502CDGNR Datasheet
1Mb / 48P
[Old version datasheet]   Wideband, Low-Distortion Fully Differential Amplifiers
THS4502CDGNRG4 TI-THS4502CDGNRG4 Datasheet
609Kb / 40P
[Old version datasheet]   WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
More results

Similar Description - THS4502CDGNR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
THS4504 NSC-THS4504 Datasheet
1Mb / 45P
   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
THS4503-EP NSC-THS4503-EP Datasheet
1Mb / 40P
   WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
logo
Texas Instruments
THS4503-EP TI1-THS4503-EP_17 Datasheet
1Mb / 40P
[Old version datasheet]   WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
THS4502 TI1-THS4502_16 Datasheet
1Mb / 48P
[Old version datasheet]   Wideband, Low-Distortion Fully Differential Amplifiers
THS4503-EP TI1-THS4503-EP Datasheet
768Kb / 38P
[Old version datasheet]   WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
THS4505 TI-THS4505 Datasheet
1Mb / 38P
[Old version datasheet]   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
logo
National Semiconductor ...
THS4501 NSC-THS4501 Datasheet
1Mb / 48P
   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
logo
Texas Instruments
THS4500IDR TI1-THS4500IDR Datasheet
1Mb / 48P
[Old version datasheet]   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
THS4500 TI-THS4500 Datasheet
585Kb / 37P
[Old version datasheet]   WIDEBAND, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
THS4502 TI-THS4502 Datasheet
609Kb / 40P
[Old version datasheet]   WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com