Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS4140IDGNR Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4140IDGNR
Description  HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4140IDGNR Datasheet(HTML) 5 Page - National Semiconductor (TI)

  THS4140IDGNR Datasheet HTML 1Page - National Semiconductor (TI) THS4140IDGNR Datasheet HTML 2Page - National Semiconductor (TI) THS4140IDGNR Datasheet HTML 3Page - National Semiconductor (TI) THS4140IDGNR Datasheet HTML 4Page - National Semiconductor (TI) THS4140IDGNR Datasheet HTML 5Page - National Semiconductor (TI) THS4140IDGNR Datasheet HTML 6Page - National Semiconductor (TI) THS4140IDGNR Datasheet HTML 7Page - National Semiconductor (TI) THS4140IDGNR Datasheet HTML 8Page - National Semiconductor (TI) THS4140IDGNR Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
Table of Graphs
−80
−70
−60
−50
−40
−30
−20
100 k
1 M
10 M
100 M
f − Frequency (Differential Out) − Hz
VCC−
VCC
VCC = 5 V to ±15 V
−20
−15
−10
−5
0
5
10
15
20
25
30
35
40
45
100 k
1M
10 M
100 M
1 G
RL = 800 Ω,
VCC = ±5 V,
VI = 45 mVPP
f − Frequency − Hz
Rf = 240 Ω
Rf = 470 Ω
Rf = 1.2 kΩ
Rf = 2.4 kΩ
Rf = 24 kΩ
THS4140
THS4141
SLOS320F – MAY 2000 – REVISED JANUARY 2006
FIGURE
PSRR
Power supply rejection ratio
vs Frequency (differential out)
1
Small signal frequency response
2
Large signal frequency response
3
CMMR
Common-mode rejection ratio
vs Frequency
4
Small signal frequency response
5
SR
Slew rate
6
vs Frequency
7
Second harmonic distortion
vs Output voltage
8, 9
vs Frequency
10, 11
Third harmonic distortion
vs Output voltage
12, 13
Settling time
14
Vn
Voltage noise
vs Frequency
15
Single-ended output voltage
vs Common-mode output voltage
16
VO
Output voltage
vs Differential load resistance
17
zo
Output impedance
vs Frequency
18
Input bias current
vs Supply voltage
19
Output current range
vs Supply voltage
20
POWER SUPPLY REJECTION RATIO
vs
FREQUENCY (DIFFERENTIAL OUT)
SMALL SIGNAL FREQUENCY RESPONSE
Figure 1.
Figure 2.
5
Submit Documentation Feedback


Similar Part No. - THS4140IDGNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4140IDGNR TI-THS4140IDGNR Datasheet
1Mb / 33P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4140IDGNRG4 TI-THS4140IDGNRG4 Datasheet
1Mb / 33P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
More results

Similar Description - THS4140IDGNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4141CDGNR TI-THS4141CDGNR Datasheet
1Mb / 33P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4121IDGN TI1-THS4121IDGN Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4121CD TI-THS4121CD Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4140 TI-THS4140 Datasheet
523Kb / 24P
[Old version datasheet]   HIGH SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4120 TI-THS4120 Datasheet
504Kb / 23P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
National Semiconductor ...
THS4121 NSC-THS4121 Datasheet
1Mb / 31P
   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
Texas Instruments
THS4130CDG4 TI-THS4130CDG4 Datasheet
1Mb / 36P
[Old version datasheet]   HIGH-SPEED, LOW-NOISE, FULLY-DIFFERENTIAL I/O AMPLIFIERS
THS4130 TI-THS4130 Datasheet
569Kb / 27P
[Old version datasheet]   HIGH SPEED LOW NOISE, FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
National Semiconductor ...
THS4131 NSC-THS4131 Datasheet
1Mb / 37P
   HIGH-SPEED, LOW-NOISE, FULLY-DIFFERENTIAL I/O AMPLIFIERS
logo
Texas Instruments
THS4150CDGN TI-THS4150CDGN Datasheet
1,010Kb / 34P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL I/O AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com