Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS4120IDR Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4120IDR
Description  HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4120IDR Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button THS4120IDR Datasheet HTML 3Page - National Semiconductor (TI) THS4120IDR Datasheet HTML 4Page - National Semiconductor (TI) THS4120IDR Datasheet HTML 5Page - National Semiconductor (TI) THS4120IDR Datasheet HTML 6Page - National Semiconductor (TI) THS4120IDR Datasheet HTML 7Page - National Semiconductor (TI) THS4120IDR Datasheet HTML 8Page - National Semiconductor (TI) THS4120IDR Datasheet HTML 9Page - National Semiconductor (TI) THS4120IDR Datasheet HTML 10Page - National Semiconductor (TI) THS4120IDR Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
www.ti.com
−120
−110
−100
−90
−80
−70
−60
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5th_HD
4th_HD
3rd_HD
2nd_HD
VDD = 3.3 V,
f = 1 MHz,
RL = 800 Ω,
Rf = 200 Ω,
G = 1
Single Input / Differential Output
VO − Output Voltage − V
−90
−80
−70
−60
−50
−40
−30
−20
−10
−25
−20
−15
−10
−5
0
5
10
VO − Output Voltage − V
f = 10 MHz
f = 5 MHz
VDD = 3.3 V,
f = 1 MHz
Rf = 270 Ω,
RL = 800 Ω
0.95
0.96
0.97
0.98
0.99
1
1.01
1.02
1.03
0
100
200
300
400
500
t − Time − ns
Settling Time,
1% = 40 ns,
0.1% = 60 ns,
0.01% = 292 ns
VDD = 3.3 V,
VO = 2 VPP,
RF = 330 Ω,
RL = 800 Ω,
G = 1
VDD = 3.3 V
−2
−1.5
−1
−0.5
0
0.5
1
1.5
2
Source
Sink
100
1k
10k
RL − Load Resistance − Ω
THS4120
THS4121
SLOS319D – FEBRUARY 2001 – REVISED OCTOBER 2004
THS4121
HARMONIC DISTORTION
THIRD INTERMODULALTION DISTORTION
vs
vs
OUTPUT VOLTAGE
OUTPUT VOLTAGE
Figure 9.
Figure 10.
THS4121
OUTPUT VOLTAGE
vs
LOAD RESISTANCE
SETTLING TIME
Figure 11.
Figure 12.
7
Submit Documentation Feedback


Similar Part No. - THS4120IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4120IDR TI1-THS4120IDR Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4120IDRG4 TI1-THS4120IDRG4 Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
More results

Similar Description - THS4120IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4141CDGNR TI-THS4141CDGNR Datasheet
1Mb / 33P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
National Semiconductor ...
THS4140 NSC-THS4140 Datasheet
1Mb / 33P
   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
Texas Instruments
THS4121IDGN TI1-THS4121IDGN Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4121CD TI-THS4121CD Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4140 TI-THS4140 Datasheet
523Kb / 24P
[Old version datasheet]   HIGH SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4120 TI-THS4120 Datasheet
504Kb / 23P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4130CDG4 TI-THS4130CDG4 Datasheet
1Mb / 36P
[Old version datasheet]   HIGH-SPEED, LOW-NOISE, FULLY-DIFFERENTIAL I/O AMPLIFIERS
THS4130 TI-THS4130 Datasheet
569Kb / 27P
[Old version datasheet]   HIGH SPEED LOW NOISE, FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
National Semiconductor ...
THS4131 NSC-THS4131 Datasheet
1Mb / 37P
   HIGH-SPEED, LOW-NOISE, FULLY-DIFFERENTIAL I/O AMPLIFIERS
logo
Texas Instruments
THS4150CDGN TI-THS4150CDGN Datasheet
1,010Kb / 34P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL I/O AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com