Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMP8350MAXNOPB Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMP8350MAXNOPB
Description  LMP8350 Ultra Low Distortion Fully Differential Precision ADC Driver with Selectable Power Modes
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMP8350MAXNOPB Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LMP8350MAXNOPB Datasheet HTML 1Page - National Semiconductor (TI) LMP8350MAXNOPB Datasheet HTML 2Page - National Semiconductor (TI) LMP8350MAXNOPB Datasheet HTML 3Page - National Semiconductor (TI) LMP8350MAXNOPB Datasheet HTML 4Page - National Semiconductor (TI) LMP8350MAXNOPB Datasheet HTML 5Page - National Semiconductor (TI) LMP8350MAXNOPB Datasheet HTML 6Page - National Semiconductor (TI) LMP8350MAXNOPB Datasheet HTML 7Page - National Semiconductor (TI) LMP8350MAXNOPB Datasheet HTML 8Page - National Semiconductor (TI) LMP8350MAXNOPB Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
LMP8350
www.ti.com
SNOSB80B – FEBRUARY 2011 – REVISED MARCH 2013
+10V Electrical Characteristics
(1) (continued)
Unless otherwise specified, all limits are ensured for TA = 25°C, Avcl = +1, RF = RG = 1kΩ, Fully differential input, VS = +10V,
RL = 2 kΩ//20pF differentially, Input CMR and VOCM=mid supply and HP mode unless otherwise noted. Boldface limits apply
at the temperature extremes.
Symbol
Parameter
Conditions(2)
Min(3)
Typ(4)
Max(3)
Units
ISHORT
Short-Circuit Current
Output Shorted to mid supply(7)
High Power
+75 / -36
+108 / -65
mA
Medium Power
+60 / -26
+85 / -48
Low Power
+15 / -6
+36 / -20
PSRR
Power Supply Rejection Ratio
High Power
107
VS ±10%
Mid Power
118
dB
Low Power
124
IS
Supply Current
18
VEN=8.75
(8)
15
20
10
VEN=6.25
(8)
8
mA
11
4
VEN=3.75
(8)
3
5
PD
Power Down Mode
Disable Voltage Threshold(8)
<1.65
V
0.9
Shutdown Current
0.75
mA
0.95
Enable Pin Current
100
μA
ten
Enable Time
High Power
15
Mid Power
20
ns
Low Power
40
10V AC Characteristics
SSBW
Small Signal Bandwidth
High Power
118
200mVp-p Differential
Mid Power
87
MHz
Low Power
31
SR
Slew Rate
High Power
507
2Vp-p Differential(9)
Mid Power
393
V/
μs
Low Power
178
trise
Rise Time
High Power
3.0
2Vp-p Differential
Mid Power
3.9
ns
Low Power
9.7
tfall
Fall Time
High Power
2.8
2Vp-p Differential
Mid Power
3.8
ns
Low Power
9.6
ts
0.1% Settling Time
2V Step, CL = 20pF
20
2Vp-p
High Power
ns
Mid Power
25
Low Power
38
en
Input Referred Voltage Noise
High Power
4.6
@ 10KHz
Mid Power
4.8
nV/
√Hz
Low Power
8
(7)
The short circuit test is a momentary test which applies to both single-supply and split-supply operation. Continuous short circuit
operation at elevated ambient temperature can exceed the maximum allowable junction temperature of 150°C. Positive number (+) is
sourcing, negative number (-) is sinking.
(8)
Enable voltage is referred to V- (negative supply voltage).
(9)
Slew Rate is the average of the rising and falling edges.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMP8350


Similar Part No. - LMP8350MAXNOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP8350MAX TI1-LMP8350MAX Datasheet
522Kb / 24P
[Old version datasheet]   Ultra Low Distortion Fully Differential Precision ADC Driver with Selectable Power Modes
LMP8350MAX TI1-LMP8350MAX Datasheet
1Mb / 36P
[Old version datasheet]   Ultra-Low Distortion Fully-Differential Precision ADC Driver
LMP8350MAX/NOPB TI1-LMP8350MAX/NOPB Datasheet
1Mb / 36P
[Old version datasheet]   Ultra-Low Distortion Fully-Differential Precision ADC Driver
More results

Similar Description - LMP8350MAXNOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP8350 TI-LMP8350_15 Datasheet
957Kb / 36P
[Old version datasheet]   LMP8350 Ultra-Low Distortion Fully-Differential Precision ADC Driver With Selectable Power Modes
LMP8350 TI1-LMP8350 Datasheet
522Kb / 24P
[Old version datasheet]   Ultra Low Distortion Fully Differential Precision ADC Driver with Selectable Power Modes
LMP8350 TI1-LMP8350_16 Datasheet
1Mb / 36P
[Old version datasheet]   Ultra-Low Distortion Fully-Differential Precision ADC Driver
logo
Analog Devices
ADA4938-1 AD-ADA4938-1_07 Datasheet
298Kb / 14P
   Ultra-Low Distortion Differential ADC Driver
Rev. PrD
ADA4937-1 AD-ADA4937-1 Datasheet
248Kb / 9P
   Ultra-Low Distortion Differential ADC Driver
Rev. PrA
ADA4938-1 AD-ADA4938-1_06 Datasheet
278Kb / 9P
   Ultra-Low Distortion Differential ADC Driver
Rev. PrA
ADA4940-1 AD-ADA4940-1_18 Datasheet
1Mb / 30P
   Ultralow Power, Low Distortion, Fully Differential ADC Drivers
ADA4940-1 AD-ADA4940-1_16 Datasheet
1Mb / 30P
   Ultralow Power, Low Distortion, Fully Differential ADC Drivers
AD8138 AD-AD8138 Datasheet
534Kb / 16P
   Low Distortion Differential ADC Driver
REV. E
AD8138 AD-AD8138_15 Datasheet
583Kb / 25P
   Low Distortion Differential ADC Driver
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com