Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH6639MFXNOPB Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH6639MFXNOPB
Description  LMH6639 190MHz Rail-to-Rail Output Amplifier with Disable
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6639MFXNOPB Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LMH6639MFXNOPB Datasheet HTML 2Page - National Semiconductor (TI) LMH6639MFXNOPB Datasheet HTML 3Page - National Semiconductor (TI) LMH6639MFXNOPB Datasheet HTML 4Page - National Semiconductor (TI) LMH6639MFXNOPB Datasheet HTML 5Page - National Semiconductor (TI) LMH6639MFXNOPB Datasheet HTML 6Page - National Semiconductor (TI) LMH6639MFXNOPB Datasheet HTML 7Page - National Semiconductor (TI) LMH6639MFXNOPB Datasheet HTML 8Page - National Semiconductor (TI) LMH6639MFXNOPB Datasheet HTML 9Page - National Semiconductor (TI) LMH6639MFXNOPB Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
LMH6639
SNOS989G – JANUARY 2002 – REVISED MARCH 2013
www.ti.com
±5V Electrical Characteristics (continued)
Unless otherwise specified, all limits ensured for at TJ = 25°C, VSUPPLY = ±5V, VO = VCM = GND, and RL = 2kΩ to V
+/2.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min(1)
Typ(2)
Max(1)
Units
IOS
Input Offset Current
20
800
nA
1000
RIN
Common Mode Input Resistance
AV +1, f = 1kHz, RS = 1MΩ
7.5
M
CIN
Common Mode Input
AV = +1, RS = 100kΩ
1.28
pF
Capacitance
CMVR
Common Mode Input Voltage
CMRR
≥ 50dB
−5.3
−5.2
Range
−5.1
V
3.8
4.0
3.6
CMRR
Common Mode Rejection Ratio
See(6)
72
95
dB
AVOL
Large Signal Voltage Gain
VO = 9VPP, RL = 2kΩ
88
100
84
dB
VO = 8VPP, RL = 150Ω
74
77
70
VO
Output Swing
RL = 2kΩ, VID = 200mV
4.85
4.96
High
RL = 150Ω, VID = 200mV
4.55
4.80
V
RL = 50Ω, VID = 200mV
3.60
4.55
Output Swing
RL = 2kΩ, VID = −200mV
−4.97
−4.90
Low
RL = 150Ω, VID = −200mV
−4.85
−4.55
V
RL = 50Ω, VID = −200mV
−4.65
−4.30
ISC
Output Short Circuit Current
Sourcing to Ground(7)
100
168
80
mA
Sinking to Ground(7)
110
190
85
IOUT
Output Current
VO = 0.5V from either supply
112
mA
PSRR
Power Supply Rejection Ratio
See(8)
72
96
dB
IS
Supply Current (Enabled)
No Load
4.18
6.5
8.5
mA
Supply Current (Disabled)
0.758
1.0
1.3
TH_SD
Threshold Voltage for Shutdown
V+
− 1.67
V
Mode
I_SD PIN
Shutdown Pin Input Current
SD Pin Connected to
−5V(9)
−84
μA
TON
On Time after Shutdown
83
nsec
TOFF
Off Time to Shutdown
160
nsec
ROUT
Output Resistance Closed Loop
RF = 10kΩ, f = 1kHz, AV = −1
32
m
RF = 10kΩ, f = 1MHz, AV = −1
226
(6)
f
≤ 1kHz (see typical performance Characteristics)
(7)
Short circuit test is a momentary test.
(8)
f
≤ 1kHz (see typical performance Characteristics)
(9)
Positive current corresponds to current flowing into the device.
6
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LMH6639


Similar Part No. - LMH6639MFXNOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6639MFX NSC-LMH6639MFX Datasheet
649Kb / 17P
   190MHz Rail-to-Rail Output Amplifier with Disable
logo
Texas Instruments
LMH6639MFX/NOPB TI1-LMH6639MFX/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   LMH6639 190MHz Rail-to-Rail Output Amplifier with Disable
LMH6639MFX/NOPB TI1-LMH6639MFX/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   190MHz Rail-to-Rail Output Amplifier with Disable
More results

Similar Description - LMH6639MFXNOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6639 TI1-LMH6639_16 Datasheet
1Mb / 26P
[Old version datasheet]   LMH6639 190MHz Rail-to-Rail Output Amplifier with Disable
logo
National Semiconductor ...
LMH6639 NSC-LMH6639 Datasheet
649Kb / 17P
   190MHz Rail-to-Rail Output Amplifier with Disable
logo
Texas Instruments
LMH6639 TI1-LMH6639_17 Datasheet
1Mb / 26P
[Old version datasheet]   190MHz Rail-to-Rail Output Amplifier with Disable
LMH6639 TI1-LMH6639 Datasheet
1Mb / 26P
[Old version datasheet]   190MHz Rail-to-Rail Output Amplifier with Disable
logo
Analog Devices
AD8041 AD-AD8041 Datasheet
250Kb / 16P
   160 MHz Rail-to-Rail Amplifier with Disable
REV. B
AD8041 AD-AD8041_15 Datasheet
505Kb / 17P
   160 MHz Rail-to-Rail Amplifier with Disable
REV. B
AD8041 AD-AD8041_17 Datasheet
311Kb / 18P
   160 MHz Rail-to-Rail Amplifier with Disable
logo
National Semiconductor ...
LMV422 NSC-LMV422 Datasheet
761Kb / 10P
   Dual Rail-to-Rail Output Operational Amplifier with
logo
Unisonic Technologies
LV321 UTC-LV321_18 Datasheet
427Kb / 10P
   RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
logo
Exar Corporation
LMV321 EXAR-LMV321 Datasheet
1Mb / 15P
   General Purpose, Rail-to-Rail Output Amplifier Rail-to-Rail Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com