Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH6639MA Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6639MA
Description  LMH6639 190MHz Rail-to-Rail Output Amplifier with Disable
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6639MA Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMH6639MA Datasheet HTML 1Page - National Semiconductor (TI) LMH6639MA Datasheet HTML 2Page - National Semiconductor (TI) LMH6639MA Datasheet HTML 3Page - National Semiconductor (TI) LMH6639MA Datasheet HTML 4Page - National Semiconductor (TI) LMH6639MA Datasheet HTML 5Page - National Semiconductor (TI) LMH6639MA Datasheet HTML 6Page - National Semiconductor (TI) LMH6639MA Datasheet HTML 7Page - National Semiconductor (TI) LMH6639MA Datasheet HTML 8Page - National Semiconductor (TI) LMH6639MA Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
5V
V
+
75:
75:
75:
INPUT
VREF
1k
1k
SD
V
-
+
-
SHUTDOWN INPUT
OUT
10n
100n
LMH6639
www.ti.com
SNOS989G – JANUARY 2002 – REVISED MARCH 2013
LMH6639 190MHz Rail-to-Rail Output Amplifier with Disable
Check for Samples: LMH6639
1
FEATURES
DESCRIPTION
The LMH6639 is a voltage feedback operational
2
(VS = 5V, Typical Values Unless Specified)
amplifier with a rail-to-rail output drive capability of
Supply Current (No Load) 3.6mA
110mA. Employing TI’s patented VIP10 process, the
Supply Current (Off Mode) 400
μA
LMH6639 delivers a bandwidth of 190MHz at a
current consumption of only 3.6mA. An input common
Output Resistance (Closed Loop 1MHz) 0.186
mode voltage range extending to 0.2V below the V
−3dB BW (AV = 1) 190MHz
and to within 1V of V+, makes the LMH6639 a true
Settling Time 33nsec
single supply op-amp. The output voltage range
extends to within 30mV of either supply rail providing
Input Common Mode Voltage
−0.2V to 4V
the user with a dynamic range that is especially
Output Voltage Swing 40mV from Rails
desirable in low voltage applications.
Linear Output Current 110mA
The LMH6639 offers a slew rate of 172V/
μs resulting
Total Harmonic Distortion
−60dBc
in a full power bandwidth of approximately 28MHz.
Fully Characterized for 3V, 5V and ±5V
The LMH6639 also offers protection for the input
transistors by using two anti-parallel diodes and a
No Output Phase Reversal with CMVR
series resistor connected across the inputs. The TON
Exceeded
value of 83nsec combined with a settling time of
Excellent Overdrive Recovery
33nsec
makes
this
device
ideally
suited
for
Off Isolation 1MHz
−70dB
multiplexing applications (see application note for
details). Careful attention has been paid to ensure
Differential Gain 0.12%
device stability under all operating voltages and
Differential Phase 0.045°
modes. The result is a very well behaved frequency
response characteristic for any gain setting including
APPLICATIONS
+1, and excellent specifications for driving video
cables including harmonic distortion of
−60dBc,
Active Filters
differential gain of 0.12% and differential phase of
CD/DVD ROM
0.045°
ADC Buffer Amplifier
Portable Video
Current Sense Buffer
Figure 1. Typical Single Supply Schematic
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2002–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMH6639MA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6639MA NSC-LMH6639MA Datasheet
649Kb / 17P
   190MHz Rail-to-Rail Output Amplifier with Disable
logo
Texas Instruments
LMH6639MA TI1-LMH6639MA Datasheet
1Mb / 26P
[Old version datasheet]   LMH6639 190MHz Rail-to-Rail Output Amplifier with Disable
LMH6639MA TI1-LMH6639MA Datasheet
1Mb / 26P
[Old version datasheet]   190MHz Rail-to-Rail Output Amplifier with Disable
LMH6639MA/NOPB TI1-LMH6639MA/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   LMH6639 190MHz Rail-to-Rail Output Amplifier with Disable
LMH6639MA/NOPB TI1-LMH6639MA/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   190MHz Rail-to-Rail Output Amplifier with Disable
More results

Similar Description - LMH6639MA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6639 TI1-LMH6639_16 Datasheet
1Mb / 26P
[Old version datasheet]   LMH6639 190MHz Rail-to-Rail Output Amplifier with Disable
logo
National Semiconductor ...
LMH6639 NSC-LMH6639 Datasheet
649Kb / 17P
   190MHz Rail-to-Rail Output Amplifier with Disable
logo
Texas Instruments
LMH6639 TI1-LMH6639_17 Datasheet
1Mb / 26P
[Old version datasheet]   190MHz Rail-to-Rail Output Amplifier with Disable
LMH6639 TI1-LMH6639 Datasheet
1Mb / 26P
[Old version datasheet]   190MHz Rail-to-Rail Output Amplifier with Disable
logo
Analog Devices
AD8041 AD-AD8041 Datasheet
250Kb / 16P
   160 MHz Rail-to-Rail Amplifier with Disable
REV. B
AD8041 AD-AD8041_15 Datasheet
505Kb / 17P
   160 MHz Rail-to-Rail Amplifier with Disable
REV. B
AD8041 AD-AD8041_17 Datasheet
311Kb / 18P
   160 MHz Rail-to-Rail Amplifier with Disable
logo
National Semiconductor ...
LMV422 NSC-LMV422 Datasheet
761Kb / 10P
   Dual Rail-to-Rail Output Operational Amplifier with
logo
Unisonic Technologies
LV321 UTC-LV321_18 Datasheet
427Kb / 10P
   RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
logo
Exar Corporation
LMV321 EXAR-LMV321 Datasheet
1Mb / 15P
   General Purpose, Rail-to-Rail Output Amplifier Rail-to-Rail Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com