Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH6601MGXNOPB Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH6601MGXNOPB
Description  LMH6601/LMH6601Q 250 MHz, 2.4V CMOS Operational Amplifier with Shutdown
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6601MGXNOPB Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LMH6601MGXNOPB Datasheet HTML 7Page - National Semiconductor (TI) LMH6601MGXNOPB Datasheet HTML 8Page - National Semiconductor (TI) LMH6601MGXNOPB Datasheet HTML 9Page - National Semiconductor (TI) LMH6601MGXNOPB Datasheet HTML 10Page - National Semiconductor (TI) LMH6601MGXNOPB Datasheet HTML 11Page - National Semiconductor (TI) LMH6601MGXNOPB Datasheet HTML 12Page - National Semiconductor (TI) LMH6601MGXNOPB Datasheet HTML 13Page - National Semiconductor (TI) LMH6601MGXNOPB Datasheet HTML 14Page - National Semiconductor (TI) LMH6601MGXNOPB Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
1
10
100
1000
FREQUENCY (MHz
-1
0
1
2
3
4
5
6
7
2.7V
3.3V
5V
10k
100k
1M
10M
100M
FREQUENCY (Hz)
0
1
2
3
4
5
6
VS = 5V
AV = +2
RL = 150: to VS/2
THD < -30 dBc
1
10
100
1000
FREQUENCY (MHz)
-18
-15
-12
-9
-6
-3
0
3
6
VOUT = 0.25 VPP
RL = 1 k: || CL to V
-
0 pF
5 pF
10 pF
20 pF
20 pF
0 pF
-40
-20
0
20
40
60
80
TEMPERATURE (°C)
80
90
100
110
120
130
140
AV = +2
VOUT = 2 VPP
3.3V
5V
100
1
10
100
1000
FREQUENCY (MHz)
-18
-15
-12
-9
-6
-3
0
3
6
1 k:
50:
150:
VOUT = 0.25 VPP
RL TIED TO V
-
1
10
100
1000
FREQUENCY (MHz)
-18
-15
-12
-9
-6
-3
0
3
6
AV = +1
VOUT = 0.25 VPP
GAIN
PHASE
2.7V
3.3V
5V
2.7V
3.3V
5V
-210
-180
-150
-120
-90
-60
-30
0
30
LMH6601, LMH6601-Q1
www.ti.com
SNOSAK9E – JUNE 2006 – REVISED MARCH 2013
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Unless otherwise noted, all data is with AV = +2, RF = RG = 604Ω, VS = 3.3V, VOUT = VS/2, SD tied to V
+, R
L = 150Ω to V
, T =
25°C.
Frequency Response for Various Loads
Frequency Response for Various Supply Voltages
Figure 9.
Figure 10.
−3 dB BW
vs.
Ambient Temperature
Frequency Response for Various Cap Load
Figure 11.
Figure 12.
Max Output Swing
vs.
Frequency Response for Various Supply Voltage
Frequency
Figure 13.
Figure 14.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMH6601 LMH6601-Q1


Similar Part No. - LMH6601MGXNOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6601MGX NSC-LMH6601MGX Datasheet
1Mb / 27P
   250 MHz, 2.4V CMOS Op Amp with Shutdown
LMH6601MGX NSC-LMH6601MGX Datasheet
1Mb / 28P
   250 MHz, 2.4V CMOS Operational Amplifier with Shutdown
logo
Texas Instruments
LMH6601MGX/NOPB TI1-LMH6601MGX/NOPB Datasheet
2Mb / 40P
[Old version datasheet]   CMOS Operational Amplifier
More results

Similar Description - LMH6601MGXNOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6601 NSC-LMH6601_09 Datasheet
1Mb / 28P
   250 MHz, 2.4V CMOS Operational Amplifier with Shutdown
logo
Texas Instruments
LMH6601 TI1-LMH6601 Datasheet
1Mb / 37P
[Old version datasheet]   250 MHz, 2.4V CMOS Operational Amplifier with Shutdown
LMH6601-Q1 TI1-LMH6601-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   250 MHz, 2.4V CMOS Operational Amplifier with Shutdown
logo
National Semiconductor ...
LMH6601 NSC-LMH6601 Datasheet
1Mb / 27P
   250 MHz, 2.4V CMOS Op Amp with Shutdown
logo
Texas Instruments
OPA355-Q1 TI-OPA355-Q1 Datasheet
383Kb / 18P
[Old version datasheet]   200-MHz CMOS Operational Amplifier With Shutdown
OPA322 TI1-OPA322_16 Datasheet
1Mb / 38P
[Old version datasheet]   CMOS Operational Amplifier with Shutdown
OPA322-Q1 TI1-OPA322-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   CMOS Operational Amplifier With Shutdown
OPA355NA TI1-OPA355NA Datasheet
823Kb / 24P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
OPA355UA TI-OPA355UA Datasheet
1Mb / 26P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
OPA355NA TI-OPA355NA Datasheet
1Mb / 27P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com