Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0800886 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0800886
Description  Feed-through terminal block - ST 2,5-QUATTRO BK - 3037452
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0800886 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0800886 Datasheet HTML 1Page - PHOENIX CONTACT 0800886 Datasheet HTML 2Page - PHOENIX CONTACT 0800886 Datasheet HTML 3Page - PHOENIX CONTACT 0800886 Datasheet HTML 4Page - PHOENIX CONTACT 0800886 Datasheet HTML 5Page - PHOENIX CONTACT 0800886 Datasheet HTML 6Page - PHOENIX CONTACT 0800886 Datasheet HTML 7Page - PHOENIX CONTACT 0800886 Datasheet HTML 8Page - PHOENIX CONTACT 0800886 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
https://www.phoenixcontact.com/us/products/3037452
12/30/13   Page 1 / 19
Feed-through terminal block - ST 2,5-QUATTRO BK - 3037452
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Feed-through terminal block, Connection method: Spring-cage connection, Cross section: 0.08 mm² - 4 mm²,
AWG: 28 - 12, Width: 5.2 mm, Color: black, Mounting type: NS 35/7,5, NS 35/15
The figure shows a version of the
article
Key commercial data
Packing unit
1 pc
Minimum order quantity
50 pc
Weight per Piece (excluding packing)
9.944 GRM
Custom tariff number
85369010
Country of origin
Germany
Technical data
General
Number of levels
1
Number of connections
4
Color
black
Insulating material
PA
Inflammability class according to UL 94
V0
Maximum load current
28 A (with 4 mm² conductor cross section)
Rated surge voltage
8 kV
Pollution degree
3
Surge voltage category
III
Insulating material group
I
Connection in acc. with standard
IEC 60947-7-1
Nominal current IN
24 A


Similar Part No. - 0800886

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0800886 PHOENIX-0800886 Datasheet
188Kb / 21P
   Feed-through terminal block - PT 2,5-QUATTRO RD
0800886 PHOENIX-0800886 Datasheet
180Kb / 22P
   Ground modular terminal block - PT 2,5-QUATTRO-PE BK
0800886 PHOENIX-0800886 Datasheet
188Kb / 23P
   Protective conductor double-level terminal block - PTTBS 2,5-PE/L
0800886 PHOENIX-0800886 Datasheet
203Kb / 26P
   Knife disconnect terminal block - PT 2,5-MTB
0800886 PHOENIX-0800886 Datasheet
184Kb / 22P
   Disconnect terminal block - PT 1,5/S-TG
More results

Similar Description - 0800886

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3214424 PHOENIX-3214424 Datasheet
186Kb / 19P
   Feed-through terminal block - PT 2,5-QUATTRO BK
3037436 PHOENIX-3037436 Datasheet
737Kb / 29P
   Feed-through terminal block - ST 2,5-QUATTRO YE
3040669 PHOENIX-3040669 Datasheet
512Kb / 47P
   Feed-through terminal block - ST 2,5-QUATTRO/2P BU
09/12/2020
3211993 PHOENIX-3211993 Datasheet
252Kb / 22P
   Feed-through terminal block - PTS 2,5-QUATTRO
09/12/2020
3034057 PHOENIX-3034057 Datasheet
65Kb / 4P
   Feed-through terminal block - DT 2,5-QUATTRO
3206446 PHOENIX-3206446 Datasheet
322Kb / 27P
   Feed-through terminal block - QTC 2,5-QUATTRO
3054341 PHOENIX-3054341 Datasheet
166Kb / 19P
   Feed-through terminal block - DT 2,5-QUATTRO-MT
3213124 PHOENIX-3213124 Datasheet
68Kb / 6P
   Feed-through terminal block - ST 1,5/S-QUATTRO
1291928 PHOENIX-1291928 Datasheet
687Kb / 28P
   Feed-through terminal block - PTV 6-QUATTRO BK
1002940 PHOENIX-1002940 Datasheet
90Kb / 5P
   Feed-through terminal block - ST 4-QUATTRO OG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com