Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F2970G-S18-T Datasheet(PDF) 3 Page - Unisonic Technologies

Part # F2970G-S18-T
Description  FOR FAN MOTOR SINGLE-PHASE FULL-WAVE DRIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

F2970G-S18-T Datasheet(HTML) 3 Page - Unisonic Technologies

  F2970G-S18-T Datasheet HTML 1Page - Unisonic Technologies F2970G-S18-T Datasheet HTML 2Page - Unisonic Technologies F2970G-S18-T Datasheet HTML 3Page - Unisonic Technologies F2970G-S18-T Datasheet HTML 4Page - Unisonic Technologies F2970G-S18-T Datasheet HTML 5Page - Unisonic Technologies F2970G-S18-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
F2970
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R109-035.a
BLOCK DIAGRAM
VM
VCC
6VREG
HB
IN+
IN-
FG
S-GND
CT P-IN RMI VTH
WH WL CPWM
P-GND
OUT
OUT
Overheat
Protection
Constant
voltage
1.25V
Hysteresis
AMP
Charge/
discharge
Controller
Current
control
circuit
RMI
VTH
CPWM
P-IN
-
+
+
-
H: Rotation mode
L: Regeneration
mode
Comparator
Delay
circuit
Delay
circuit
Oscillation


Similar Part No. - F2970G-S18-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
F2970G-S18-T UTC-F2970G-S18-T Datasheet
169Kb / 6P
   FOR FAN MOTOR SINGLE-PHASE FULL-WAVE DRIVER
More results

Similar Description - F2970G-S18-T

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6908F ROHM-BA6908F Datasheet
101Kb / 8P
   Single-phase full-wave motor driver for fan motor
BD6709FS ROHM-BD6709FS Datasheet
241Kb / 6P
   Single-Phase Full-Wave Motor Driver for Fan Motor
BH6779FVM ROHM-BH6779FVM Datasheet
220Kb / 5P
   Single-Phase Full-Wave Motor Driver for Fan Motor
BD6963AFUJ ROHM-BD6963AFUJ Datasheet
115Kb / 4P
   Single-Phase Full-Wave Motor Driver for Fan Motor
logo
Unisonic Technologies
F6908 UTC-F6908_10 Datasheet
210Kb / 7P
   SINGLE-PHASE FULL-WAVE MOTOR DRIVER FOR FAN MOTOR
logo
Shaoxing Devechip Micro...
SDC11556 SDC-SDC11556 Datasheet
314Kb / 8P
   Single-Phase Full-Wave Motor Driver for Fan Motor
logo
AMtek SEMICONDUCTORS CO...
AM7301 AMTEK-AM7301 Datasheet
474Kb / 12P
   Single Phase Full-Wave Motor Driver for Fan Motor
May. 2011 V1.5
logo
Rohm
BD6722FS ROHM-BD6722FS_1 Datasheet
149Kb / 5P
   Single-Phase Full-Wave Motor Driver for Fan Motor
BA6906F ROHM-BA6906F_1 Datasheet
114Kb / 4P
   Single-Phase Full-Wave Motor Driver for Fan Motor
BD6721FS ROHM-BD6721FS Datasheet
316Kb / 6P
   Single-Phase Full-Wave Motor Driver for Fan Motor
BD6722FS ROHM-BD6722FS Datasheet
314Kb / 6P
   Single-Phase Full-Wave Motor Driver for Fan Motor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com