Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1888116-2 Datasheet(PDF) 3 Page - Tyco Electronics

Part # 1888116-2
Description  XFP Products
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1888116-2 Datasheet(HTML) 3 Page - Tyco Electronics

  1888116-2 Datasheet HTML 1Page - Tyco Electronics 1888116-2 Datasheet HTML 2Page - Tyco Electronics 1888116-2 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
27
Catalog 1773408-1
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 2-09
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Pluggable Input / Output Solutions
XFP Copper Cable Assemblies (Continued)
Passive XFP 0.5 Meter
28 AWG Stressed Eye at
10.5 Gbps
I
Data Rate: 10.51875 Gbps
I
Data Pattern: PRBS 2^7-1
I
Eye Height: 427.0 mV
I
Jitter: 13.6 ps
Active XFP 5 Meter 24 AWG
Stressed Eye at 10.5 Gbps
I
Data Rate: 10.51875 Gbps
I
Data Pattern: PRBS 2^7-1
I
Eye Height: 427.0 mV
I
Jitter: 13.6 ps


Similar Part No. - 1888116-2

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
1888116-2 TEC-1888116-2 Datasheet
563Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

Similar Description - 1888116-2

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
EM316-2XFP MRV-EM316-2XFP Datasheet
141Kb / 3P
   XFP-to-XFP 10-Gigabit Repeaters
logo
DDK Ltd.
SPT-RSB30B-12-FG DDK-SPT-RSB30B-12-FG Datasheet
164Kb / 2P
   XFP Connector
logo
MRV Communications, Inc...
TM2-XFP MRV-TM2-XFP Datasheet
365Kb / 2P
   LambdaDriver 10 Gbps XFP - Dual Transponder Module (TM2-XFP)
logo
Finisar Corporation.
FDB-1022 FINISAR-FDB-1022 Datasheet
538Kb / 3P
   XFP Evaluation Board
logo
Source Photonics, Inc.
FTM-53X0C-X40G SOURCE-FTM-53X0C-X40G Datasheet
286Kb / 11P
   10G 1550nm XFP Transceiver
logo
List of Unclassifed Man...
SI5040-D-GM ETC2-SI5040-D-GM Datasheet
138Kb / 2P
   10 Gbps XFP Transceiver
logo
Silicon Laboratories
SI5040 SILABS-SI5040 Datasheet
131Kb / 2P
   10 Gbps XFP Transceiver
logo
Source Photonics, Inc.
FTM-83X0C-X03G SOURCE-FTM-83X0C-X03G Datasheet
300Kb / 11P
   10G 850nm XFP Transceiver
logo
Tyco Electronics
1489948-2 MACOM-1489948-2 Datasheet
22Kb / 1P
   HEAT SINK CLIP XFP
logo
MRV Communications, Inc...
XFP-10GD-SX MRV-XFP-10GD-SX Datasheet
59Kb / 2P
   10 Gigabit XFP Transceivers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com