Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1051993 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1051993
Description  Printed-circuit board connector - FK-MCP 1,5/ 5-ST-3,81 - 1851070
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1051993 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1051993 Datasheet HTML 1Page - PHOENIX CONTACT 1051993 Datasheet HTML 2Page - PHOENIX CONTACT 1051993 Datasheet HTML 3Page - PHOENIX CONTACT 1051993 Datasheet HTML 4Page - PHOENIX CONTACT 1051993 Datasheet HTML 5Page - PHOENIX CONTACT 1051993 Datasheet HTML 6Page - PHOENIX CONTACT 1051993 Datasheet HTML 7Page - PHOENIX CONTACT 1051993 Datasheet HTML 8Page - PHOENIX CONTACT 1051993 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
https://www.phoenixcontact.com/us/products/1851070
12/29/13   Page 3 / 10
Printed-circuit board connector - FK-MCP 1,5/ 5-ST-3,81 - 1851070
Classifications
eCl@ss
eCl@ss 8.0
27440402
ETIM
ETIM 3.0
EC001121
ETIM 4.0
EC002638
ETIM 5.0
EC002638
UNSPSC
UNSPSC 6.01
30211810
UNSPSC 7.0901
39121409
UNSPSC 11
39121409
UNSPSC 12.01
39121409
UNSPSC 13.2
39121409
Approvals
Approvals
Approvals
CSA / UL Recognized / VDE Gutachten mit Fertigungsüberwachung / cUL Recognized / GOST / IECEE CB Scheme / GOST / CCA / cULus Recognized
Ex Approvals
Approvals submitted
Approval details
CSA 
 
B
D
mm²/AWG/kcmil
28-16
28-16
Nominal current IN
8 A
8 A
Nominal voltage UN
300 V
300 V


Similar Part No. - 1051993

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1051993 PHOENIX-1051993 Datasheet
157Kb / 6P
   MKDS 5/ 2-6,35
1051993 PHOENIX-1051993 Datasheet
177Kb / 7P
   MVSTBR 2,5/ 3-ST-5,08
1051993 PHOENIX-1051993 Datasheet
164Kb / 6P
   MKDSN 2,5/ 2
1051993 PHOENIX-1051993 Datasheet
157Kb / 5P
   MSTB 2,5/ 2-GF-5,08
1051993 PHOENIX-1051993 Datasheet
152Kb / 6P
   MCVW 1,5/ 7-ST-3,81
More results

Similar Description - 1051993

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1817453 PHOENIX-1817453 Datasheet
115Kb / 7P
   Printed-circuit board connector - FK-MCP 1,5/ 5-ST-3,81-LR
1800275 PHOENIX-1800275 Datasheet
66Kb / 4P
   Printed-circuit board connector - FK-MCP 1,5/ 5-ST-3,81 BK
1851203 PHOENIX-1851203 Datasheet
92Kb / 6P
   Printed-circuit board connector - FK-MCP 1,5/18-ST-3,81
1851229 PHOENIX-1851229 Datasheet
91Kb / 6P
   Printed-circuit board connector - FK-MCP 1,5/20-ST-3,81
1851041 PHOENIX-1851041 Datasheet
129Kb / 8P
   Printed-circuit board connector - FK-MCP 1,5/ 2-ST-3,81
1851148 PHOENIX-1851148 Datasheet
132Kb / 8P
   Printed-circuit board connector - FK-MCP 1,5/12-ST-3,81
1851096 PHOENIX-1851096 Datasheet
136Kb / 9P
   Printed-circuit board connector - FK-MCP 1,5/ 7-ST-3,81
1851119 PHOENIX-1851119 Datasheet
136Kb / 9P
   Printed-circuit board connector - FK-MCP 1,5/ 9-ST-3,81
1800273 PHOENIX-1800273 Datasheet
81Kb / 4P
   Printed-circuit board connector - FK-MCP 1,5/ 4-ST-3,81 BK
1817424 PHOENIX-1817424 Datasheet
114Kb / 7P
   Printed-circuit board connector - FK-MCP 1,5/ 2-ST-3,81-LR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com