Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH6551QMMXNOPB Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH6551QMMXNOPB
Description  LMH6551Q Differential, High Speed Op Amp
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6551QMMXNOPB Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LMH6551QMMXNOPB Datasheet HTML 7Page - National Semiconductor (TI) LMH6551QMMXNOPB Datasheet HTML 8Page - National Semiconductor (TI) LMH6551QMMXNOPB Datasheet HTML 9Page - National Semiconductor (TI) LMH6551QMMXNOPB Datasheet HTML 10Page - National Semiconductor (TI) LMH6551QMMXNOPB Datasheet HTML 11Page - National Semiconductor (TI) LMH6551QMMXNOPB Datasheet HTML 12Page - National Semiconductor (TI) LMH6551QMMXNOPB Datasheet HTML 13Page - National Semiconductor (TI) LMH6551QMMXNOPB Datasheet HTML 14Page - National Semiconductor (TI) LMH6551QMMXNOPB Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
0.1
1
10
100
1000
FREQUENCY (MHz)
40
45
50
55
60
65
70
75
80
VIN, CM = 0.5 VPP
VS = ±5V
1
10
100
1000
FREQUENCY (MHz)
-90
-80
-40
-25
-30
-35
-70
-75
-85
-65
-60
-55
-50
-45
VS = ±5V
RF = 360:
RL = 500:
VIN = 0.5 VPP
0.01
1
1000
FREQUENCY (MHz)
0
40
100
100
10
0.1
80
60
20
90
70
50
30
10
PSRR +
PSRR -
VS = ±5V
RL = 200:
VCM = 0V
0.01
1
1000
FREQUENCY (MHz)
0
40
100
100
10
0.1
80
60
20
90
70
50
30
10
VS = +5V
RL = 200:
VCM = 2.5V
0.01
0.1
1
10
1000
FREQUENCY (MHz)
0.01
0.1
10
100
1
100
VS = 5V
VIN = 0V
0.01
0.1
1
10
1000
FREQUENCY (MHz)
0.01
0.1
10
100
1
100
VS = 3.3V
VIN = 0V
LMH6551Q
www.ti.com
SNOSB95E – NOVEMBER 2011 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
(TA = 25°C, VS = ±5V, RL = 500Ω, RF = RG = 365Ω; Unless Specified).
Closed Loop Output Impedance
Closed Loop Output Impedance
Figure 20.
Figure 21.
PSRR
PSRR
Figure 22.
Figure 23.
CMRR
Balance Error
Figure 24.
Figure 25.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMH6551Q


Similar Part No. - LMH6551QMMXNOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6551QMMX TI1-LMH6551QMMX Datasheet
520Kb / 20P
[Old version datasheet]   Differential, High Speed Op Amp
November 29, 2011
LMH6551QMMX/NOPB TI-LMH6551QMMX/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   Differential, High Speed Op Amp
More results

Similar Description - LMH6551QMMXNOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6550 NSC-LMH6550_06 Datasheet
913Kb / 17P
   Differential, High Speed Op Amp
LMH6551 NSC-LMH6551 Datasheet
935Kb / 19P
   Differential, High Speed Op Amp
logo
Texas Instruments
LMH6551Q TI-LMH6551Q_15 Datasheet
1Mb / 26P
[Old version datasheet]   Differential, High Speed Op Amp
LMH6551Q TI1-LMH6551Q Datasheet
520Kb / 20P
[Old version datasheet]   Differential, High Speed Op Amp
November 29, 2011
LMH6551 TI1-LMH6551 Datasheet
1Mb / 32P
[Old version datasheet]   Differential, High-Speed Op Amp
logo
National Semiconductor ...
LMH6550 NSC-LMH6550 Datasheet
854Kb / 17P
   Differential, High Speed Op Amp
LMH6550 NSC-LMH6550_14 Datasheet
1Mb / 25P
   LMH6550 Differential, High Speed Op Amp
LMH6551 NSC-LMH6551_14 Datasheet
1Mb / 28P
   LMH6551 Differential, High Speed Op Amp
logo
Texas Instruments
LMH6551MAX_NOPB TI1-LMH6551MAX_NOPB Datasheet
1Mb / 28P
[Old version datasheet]   LMH6551 Differential, High Speed Op Amp
logo
M.S. Kennedy Corporatio...
MSK0032 MSK-MSK0032 Datasheet
411Kb / 5P
   HIGH SPEED, FET INPUT DIFFERENTIAL OP-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com