Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH6550MA Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6550MA
Description  LMH6550 Differential, High Speed Op Amp
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6550MA Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LMH6550MA Datasheet HTML 4Page - National Semiconductor (TI) LMH6550MA Datasheet HTML 5Page - National Semiconductor (TI) LMH6550MA Datasheet HTML 6Page - National Semiconductor (TI) LMH6550MA Datasheet HTML 7Page - National Semiconductor (TI) LMH6550MA Datasheet HTML 8Page - National Semiconductor (TI) LMH6550MA Datasheet HTML 9Page - National Semiconductor (TI) LMH6550MA Datasheet HTML 10Page - National Semiconductor (TI) LMH6550MA Datasheet HTML 11Page - National Semiconductor (TI) LMH6550MA Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
0
10 20 30 40 50 60 70 80 90 100
-60
-50
-40
-30
-20
-10
0
10
20
30
40
TIME (ns)
RL = 500:
RF = 360:
VOD = 4 VPP
0
10
20
30
40
50
60
70
FREQUENCY (MHz)
-100
-90
-80
-70
-60
-50
-40
-30
VS = 5V
RL = 800:
VOD = 2 VPP
VOCM = 2.5V
HD3
HD2
0
10 20 30 40 50 60 70 80 90 100
-1.5
-1
-0.5
0
0.5
1
1.5
TIME (ns)
VS = ±5
RL = 500:
RF = 360:
0
10 20 30 40 50 60 70 80 90 100
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
TIME (ns)
RL = 500:
RF = 360:
SINGLE ENDED
INPUT
1
10
100
0
10
20
30
40
50
60
70
CAPACITIVE LOAD (pF)
LOAD = 1 k: || CAP LOAD
VS = 5V
0
10 20 30 40 50 60 70 80 90 100
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
TIME (ns)
VS = 5V
RL = 500:
RF = 360:
LMH6550
SNOSAK0H – DECEMBER 2004 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
(TA = 25°C, VS = ±5V, RL = 500Ω, RF = RG = 365Ω; Unless Specified).
Suggested ROUT
vs.
Cap Load
1 VPP Pulse Response Single Ended Input
Figure 9.
Figure 10.
2 VPP Pulse Response Single Ended Input
Large Signal Pulse Response
Figure 11.
Figure 12.
Distortion
vs.
Output Common Mode Pulse Response
Frequency Single Ended Input
Figure 13.
Figure 14.
8
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LMH6550


Similar Part No. - LMH6550MA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6550MA NSC-LMH6550MA Datasheet
854Kb / 17P
   Differential, High Speed Op Amp
LMH6550MA NSC-LMH6550MA Datasheet
913Kb / 17P
   Differential, High Speed Op Amp
logo
Texas Instruments
LMH6550MA TI1-LMH6550MA Datasheet
2Mb / 33P
[Old version datasheet]   Differential, High-Speed Operational Amplifier
LMH6550MA/NOPB TI1-LMH6550MA/NOPB Datasheet
2Mb / 33P
[Old version datasheet]   Differential, High-Speed Operational Amplifier
logo
National Semiconductor ...
LMH6550MAX NSC-LMH6550MAX Datasheet
854Kb / 17P
   Differential, High Speed Op Amp
More results

Similar Description - LMH6550MA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6550 NSC-LMH6550_06 Datasheet
913Kb / 17P
   Differential, High Speed Op Amp
LMH6551 NSC-LMH6551 Datasheet
935Kb / 19P
   Differential, High Speed Op Amp
logo
Texas Instruments
LMH6551Q TI-LMH6551Q_15 Datasheet
1Mb / 26P
[Old version datasheet]   Differential, High Speed Op Amp
LMH6551Q TI1-LMH6551Q Datasheet
520Kb / 20P
[Old version datasheet]   Differential, High Speed Op Amp
November 29, 2011
LMH6551 TI1-LMH6551 Datasheet
1Mb / 32P
[Old version datasheet]   Differential, High-Speed Op Amp
logo
National Semiconductor ...
LMH6550 NSC-LMH6550 Datasheet
854Kb / 17P
   Differential, High Speed Op Amp
LMH6551 NSC-LMH6551_14 Datasheet
1Mb / 28P
   LMH6551 Differential, High Speed Op Amp
LMH6551Q-Q1 NSC-LMH6551Q-Q1 Datasheet
1Mb / 25P
   LMH6551Q Differential, High Speed Op Amp
logo
Texas Instruments
LMH6551MAX_NOPB TI1-LMH6551MAX_NOPB Datasheet
1Mb / 28P
[Old version datasheet]   LMH6551 Differential, High Speed Op Amp
logo
M.S. Kennedy Corporatio...
MSK0032 MSK-MSK0032 Datasheet
411Kb / 5P
   HIGH SPEED, FET INPUT DIFFERENTIAL OP-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com