Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM7372 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM7372
Description  LM7372 High Speed, High Output Current, Dual Operational Amplifier
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM7372 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM7372_14 Datasheet HTML 6Page - National Semiconductor (TI) LM7372_14 Datasheet HTML 7Page - National Semiconductor (TI) LM7372_14 Datasheet HTML 8Page - National Semiconductor (TI) LM7372_14 Datasheet HTML 9Page - National Semiconductor (TI) LM7372_14 Datasheet HTML 10Page - National Semiconductor (TI) LM7372_14 Datasheet HTML 11Page - National Semiconductor (TI) LM7372_14 Datasheet HTML 12Page - National Semiconductor (TI) LM7372_14 Datasheet HTML 13Page - National Semiconductor (TI) LM7372_14 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
-200
-100
0
100
200
OUTPUT CURRENT (mA)
-20
-10
0
10
20
NEGATIVE OUTPUT
POSITIVE OUTPUT
VS = ±15V
FREQUENCY (Hz)
100k
1M
10M
-110
-90
-70
-50
VS = ±5V
AV = 2
VO = 2VP-P
RL = 100
HD2
HD3
-40
25
85
125
TEMPERATURE (°C)
0
0.5
1
1.5
2
2.5
3
VS = ±15V
LM7372
SNOS926E – MAY 1999 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
Harmonic Distortion vs
Input Bias Current (µA) vs
Frequency
Temperature
Figure 22.
Figure 23.
Output Voltage vs
Output Current
Figure 24.
10
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM7372


Similar Part No. - LM7372_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM7372 TI1-LM7372_14 Datasheet
1Mb / 28P
[Old version datasheet]   LM7372 High Speed, High Output Current, Dual Operational Amplifier
More results

Similar Description - LM7372_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM7372 TI1-LM7372_14 Datasheet
1Mb / 28P
[Old version datasheet]   LM7372 High Speed, High Output Current, Dual Operational Amplifier
LM7372 TI1-LM7372 Datasheet
1Mb / 26P
[Old version datasheet]   High Speed, High Output Current, Dual Operational Amplifier
logo
Zarlink Semiconductor I...
ZL40166 ZARLINK-ZL40166 Datasheet
723Kb / 33P
   High Output Current High Speed Dual Operational Amplifier
ZL40167 ZARLINK-ZL40167 Datasheet
818Kb / 32P
   High Output Current High Speed Dual Operational Amplifier
logo
National Semiconductor ...
LM7372 NSC-LM7372 Datasheet
417Kb / 15P
   High Speed, High Output Current, Dual Operational Amplifier
logo
Zarlink Semiconductor I...
ZL40162 ZARLINK-ZL40162 Datasheet
598Kb / 32P
   High Output Current High Speed Dual Operational Amplifier
logo
ON Semiconductor
MC33076 ONSEMI-MC33076 Datasheet
213Kb / 12P
   DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
1996 REV 0
logo
Texas Instruments
TL3414A TI-TL3414A Datasheet
103Kb / 6P
[Old version datasheet]   DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
TL3414A TI-TL3414A_07 Datasheet
420Kb / 12P
[Old version datasheet]   DUAL HIGH-OUTPUT-CURRENT OPERATIONAL AMPLIFIER
TL3414A TI-TL3414A_06 Datasheet
208Kb / 9P
[Old version datasheet]   DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com