Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HWS600-12 Datasheet(PDF) 1 Page - TDK Electronics

Part # HWS600-12
Description  Single Output Industrial Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

HWS600-12 Datasheet(HTML) 1 Page - TDK Electronics

  HWS600-12 Datasheet HTML 1Page - TDK Electronics HWS600-12 Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
61
1-800-526-2324 • www.us.tdk-lambda.com/lp/
Disclaimer: us.tdk-lambda.com/lp/legal.htm
HWS300-1500 Series
Features
 Limited Lifetime Warranty
 UL508 approved
 SEMI F47 Compliant (high line AC)
 Universal Input (85 - 265VAC)
 High Efficiency
 Class 1 Div 2 option (/RY suffix)
 Wide Range AC Input
Single Output Industrial Power Supplies
Model
HWS300
HWS600
HWS1000
HWS1500
Input Voltage range (47-63Hz)
-
85 - 265VAC or 120 - 330VDC (6)
Input Current (Typ)
(1)
A
5V: 3.8/1.9;
5V: 7.5/3.6;
3.3V: 9.6/5.0;
3.3V: 15.0/8.0;
12-48V: 4.2/2.1
12-48V: 8.1/3.9
5-60V: 13.5/7.0
5-60V: 19.5/10.0
Inrush Current
(1)
A
20 / 40
Power Factor
-
Meets EN61000-3-2
Temperature Coefficient
-
<0.02%/°C
Overcurrent Protection
-
>105% (>101% of peak current for peak current capable models)
Overvoltage Protection
V
See table on page 2 (Recycle AC or remote on/off to reset)
Hold Up Time (Typ)
ms
20
Leakage Curr. (at 240VAC, 60Hz)
mA
<0.75mA
<1.2mA
<1.5mA
Remote Sense
-
Yes
Indicator
-
Green LED = ON
Remote on/off
-
Yes (Isolated from output)
Parallel operation
-
Single wire connection (up to 5 units)
DC Good
-
Yes
Remote Adjust (PV)
-
External voltage adjusts output, see options table
Operating Temperature
-
-10°C to +70°C, derate linearly to 50% load from 50C to 70C (2, 3)
Storage Temperature
°C
-30 to +85°C
Humidity (non condensing)
-
Operating: 10 - 90%RH, Non operating 10 - 95%RH
Cooling
-
Internal fan
Withstand Voltage
(4)
-
Input to Ground 2.5kVAC, Input to Output 3kVAC, Output to Ground 500VAC for 1 min.
Isolation Resistance
-
>100M at 25°C & 70%RH, Output to Ground 500VDC
Vibration (non operating)
-
10 - 55Hz (1 minute sweep), 19.6m/s2 constant X, Y, Z 1 hour
Shock
-
< 196.1 m/s2
Safety Agency Certifications (5)
-
UL60950-1, CSA60950-1, EN60950-1, EN50178, UL508, CE Mark
Line Dip
-
Complies with SEMI F47 (200VAC line only)
Conducted & Radiated EMI
-
EN55011 / EN55022, FCC VCCI (HWS300, 600 & 1000: Class B, HWS1500: Class A)
Immunity
-
IEC61000-4-2, -3, -4, -6 (Level 3), -5, -8 (Level 4), -11
Weight (Typ)
g
1,000
1,600
3,200
3.3-7.5V: 4000; 12V+: 3800
Size (WxHxD)
in
2.4 x 3.23 x 6.5”
3.94 x 3.23 x 6.5”
5 x 3.25 x 9.45”
5 x 3.25 x 11”
Warranty
yrs
Limited lifetime warranty (See TDK-Lambda’s terms and conditions)
Specifications
(1) 100/200VAC
(2) HWS start up -20°C. (-40°C see options table)
(3) HWS1000/1500 with 85VAC input: See installation manual
(4) 2kVAC HWS1000/1500 Input to ground
HWS1000: -10 to +71°C. HWS1000-5, HWS1500-3, -5 derate linearly above 40°C
(5) UL60601-1, EN60601-1, see options.
UL508; HWS300/600 5V, 12V, 24V & 48V models
(6) Not on HWS1500/ME, /HD or /RY versions
(*)
Class 1 Div 2 option (/RY suffix)
Key Market Segments & Applications


Similar Part No. - HWS600-12

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
HWS600-12 RSG-HWS600-12 Datasheet
355Kb / 4P
   Single Output Industrial Power Supplies
logo
TDK Electronics
HWS600-12 TDK-HWS600-12 Datasheet
156Kb / 1P
   AC-DC Power Supplies
HWS600-12-HD TDK-HWS600-12-HD Datasheet
157Kb / 1P
   AC-DC Power Supplies
HWS600-12-ME TDK-HWS600-12-ME Datasheet
157Kb / 1P
   AC-DC Power Supplies
HWS600-12-PV TDK-HWS600-12-PV Datasheet
157Kb / 1P
   AC-DC Power Supplies
More results

Similar Description - HWS600-12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HWS150-24 ETC2-HWS150-24 Datasheet
1Mb / 4P
   Single Output Industrial Power Supplies
logo
TDK Electronics
RTW28-3R6C TDK-RTW28-3R6C Datasheet
496Kb / 2P
   Single Output Industrial Power Supplies
JWS5028-A TDK-JWS5028-A Datasheet
183Kb / 2P
   Single Output Industrial Power Supplies
HWS15-24-A TDK-HWS15-24-A Datasheet
1,007Kb / 2P
   Single Output Industrial Power Supplies
JFS0500 TDK-JFS0500 Datasheet
213Kb / 2P
   Single Output Industrial Power Supplies
HWS15A-150A TDK-HWS15A-150A Datasheet
2Mb / 6P
   Single Output Industrial Power Supplies
logo
RSG Electronic Componen...
HWS300-1500 RSG-HWS300-1500 Datasheet
355Kb / 4P
   Single Output Industrial Power Supplies
logo
TDK Electronics
HWS1500-24-HD TDK-HWS1500-24-HD Datasheet
369Kb / 2P
   Single Output Industrial Power Supplies
logo
XP Power Limited
LCL XPPOWER-LCL Datasheet
1Mb / 12P
   SIngle Output Industrial Supplies
logo
TDK Electronics
HWS15A TDK-HWS15A Datasheet
97Kb / 2P
   50-150W Single Output Industrial Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com