Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1274566-1 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 1274566-1
Description  Mini BNC Connectors, 75 Ohm
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1274566-1 Datasheet(HTML) 1 Page - Tyco Electronics

  1274566-1 Datasheet HTML 1Page - Tyco Electronics 1274566-1 Datasheet HTML 2Page - Tyco Electronics 1274566-1 Datasheet HTML 3Page - Tyco Electronics 1274566-1 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
78
Catalog 1307191
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 3-07
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are standard equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
RF Coax Connectors
Mini BNC Connectors, 75 Ohm
Product Facts
Bayonet locking coupling
mechanism
40% more interconnects in
the same area
Compatible with
TROMPETER tooling
Ideal for telecommunica-
tions and broadband
applications
Tyco Electronics introduces
the Mini BNC series of
RF connectors to meet the
growing demand for next
generation telecommunica-
tions and broadband
applications where higher
connector densities are
needed. Preserving the
characteristics that have
made the standard BNC
so popular, the Mini BNC
offers the same high per-
formance currently found in
standard Tyco Electronics
BNC series, but offers 40%
more interconnects in the
same area.
The Mini BNC offering is
an excellent fit for 75 Ohm
systems, offering 500 mat-
ing cycles, electrical per-
formance through 2 GHz,
and is completely inter-
mateable with competitive
miniature BNC offerings.
Tyco Electronics’ Mini BNC
product offers the same
advantage of the bayonet
locking mechanism as our
standard BNC, allowing
quicker connect and dis-
connects than standard
threaded interfaces. It uses
standard BNC installation
tooling meaning there is no
need for retraining of field
telco installers, and it uti-
lizes the same PCB footprint
on the jack side, providing a
drop in replacement for DS3
telco applications.
Mini BNC connector config-
urations currently available
include PCB, panel mount,
and flexible cable. Other
options can be reviewed as
well, including additional
cable sizes, adapters, PCB
surface mounting, and tape
and reel packaging. Call
your local sales office or
authorized distributor for
additional information or
samples of the Mini BNC
connector series.
Tyco Electronics is a
leading supplier of RF and
Microwave connectors and
cable assemblies, and pro-
vides advanced technology
products from well known
and industry leading
brands, including AMP
and M/A-COM.
Material and Finish
Shells, Bodies, Mtg Nuts — Brass,
nickel plated
Washers — Stainless Steel, nickel
plated
Ferrule — Copper or Brass, tin plated
Center Contacts — Phos Bronze and
Brass, gold plated
Dielectrics — PTFE
Electrical Characteristics
Frequency — DC – 2 GHz
Nominal Impedance — 75 ohms
Voltage Rating — 300 Volts (VRMS
maximum) @ Sea Level
VSWR —
1.10 max to 500 MHz
(Return Loss -26.4 dB)
1.16 max to 1 GHz
(Return Loss -22.6 dB)
Insulation Resistance —
1,000 megohms minimum
Dielectric Withstanding Voltage —
1,000 Volts (VRMS maximum) @
Sea Level
Contact Resistance —
12 milliohms maximum
Mechanical Characteristics
Connector Durability —
500 mating cycles
Force to Engage —
7 pounds maximum
Force to Disengage —
1 pound minimum
Center Contact Retention —
2 pounds minimum
Cable Retention —
20 pounds minimum
Vibration — EIA-364-28,
Test Condition VII, Condition D
Shock — EIA-364-27, Method H
Environmental Characteristics
Temperature Rating —
–40 to +85°C
Moisture Resistance — EIA-364-31,
Method II, Condition C
Thermal Shock — EIA-364-32
Note: Performance specifications
are typical, but may not apply to all
connector types.
Related Product Data
Product Specification — 108-2159
Sample Kit — 1773042
BNC
Mini BNC
32.89
[1.29]
Ref.
27.52
[1.08]
Ref.
TROMPETER is a trademark of
Trompeter Electronics, Inc.


Similar Part No. - 1274566-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1274 ETC-1274 Datasheet
105Kb / 1P
   Heyco짰 Original Strain Relief Bushings
logo
Alpha Wire
1274 ALPHAWIRE-1274 Datasheet
98Kb / 4P
   Customer Specification
8/30/2022
1274 ALPHAWIRE-1274 Datasheet
97Kb / 4P
   Customer SpecificationS
12/2/2022
logo
Heyco.
1274 HEYCO-1274 Datasheet
104Kb / 1P
   Original Strain Relief Bushings
logo
Festo Corporation.
12740 FESTO-12740 Datasheet
82Kb / 1P
   Pneumatic muffler
More results

Similar Description - 1274566-1

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
73171 MOLEX2-73171 Datasheet
423Kb / 2P
   BNC 75 Ohm Connectors
logo
Tyco Electronics
5414459-1 MACOM-5414459-1 Datasheet
960Kb / 34P
   BNC Connectors (50 ohm/75 ohm)
logo
Pasternack Enterprises,...
PE34703 PASTERNACK-PE34703 Datasheet
392Kb / 3P
   75 Ohm Mini SMB Plug to 75 Ohm BNC Male
PE34703LF PASTERNACK-PE34703LF Datasheet
398Kb / 3P
   75 Ohm Mini SMB Plug to 75 Ohm BNC Male
PE34703-36 PASTERNACK-PE34703-36 Datasheet
394Kb / 3P
   75 Ohm Mini SMB Plug to 75 Ohm BNC Male Cable
PE34703-48 PASTERNACK-PE34703-48 Datasheet
394Kb / 3P
   75 Ohm Mini SMB Plug to 75 Ohm BNC Male Cable
PE34703LF-24 PASTERNACK-PE34703LF-24 Datasheet
399Kb / 3P
   75 Ohm Mini SMB Plug to 75 Ohm BNC Male Cable
PE34703LF-48 PASTERNACK-PE34703LF-48 Datasheet
400Kb / 3P
   75 Ohm Mini SMB Plug to 75 Ohm BNC Male Cable
PE34703-12 PASTERNACK-PE34703-12 Datasheet
394Kb / 3P
   75 Ohm Mini SMB Plug to 75 Ohm BNC Male Cable
PE34703-24 PASTERNACK-PE34703-24 Datasheet
394Kb / 3P
   75 Ohm Mini SMB Plug to 75 Ohm BNC Male Cable
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com