Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HPND-4038 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HPND-4038
Description  Beam Lead PIN Diodes for Phased Arrays and Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HPND-4038 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HPND-4038 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HPND-4038 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HPND-4038 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HPND-4038 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HPND-4038 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HPND-4038 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Electrical Specifications at TA = 25°C
Part
Number
Capacitance
(pF)
Series Resistance
RS (Ω)
Break-down
Voltage
VBR (V)
Reverse
Current
IR (nA)
Forward
Voltage
VF (V)
Carrier
Lifetime
τ (ns)
Reverse
Recovery
trr (ns)
Series
Resistance
RS (Ω)
HPND-
Min.
Max.
Typ.
Max.
Min.
Max.
Max.
Typ.
Typ.
Typ.
4028
0.025
0.045
2.3
3.0
60
100
1.1
36
2.6
2.0
4038
0.045
0.065
1.5
2.0
60
100
1.1
45
2.4
1.0
Test
Conditions
VR = 30V
f = 1 MHz
IF = 10 mA
f = 100 MHz
VR =VBR
Measure
IR ≤ 10 mA
VR = 50V
IF = 20 mA
IF = 10 mA
IR = 6 mA
*IF = 10 mA
IF = 5 mA
VR = 10V
IF = 50 mA
f = 100 MHz
90% recovery
Typical Parameters
FREQUENCY (GHz)
Figure 1. Typical Isolation and
Insertion Loss, HPND-4028.
FREQUENCY (GHz)
Figure 2. Typical Isolation and
Insertion Loss, HPND-4038.
-3 0V
0V
1 mA
5 mA
10 mA
0.12
0.06
0.08
0.10
0.04
0.02
0
0
1 0
20
30
REVERSE VOLTAGE (V)
Figure 3. Typical Capacitance vs.
Reverse Voltage (at 1 MHz).
40
15
20
25
30
35
10
5
0
0
0.15
0.30
0.45
0.60
0.75
1
1 0 18 20
-3 0V
0V
1 mA
5 mA
10 mA
30
10
14
18
22
26
6
2
1
10 20
100
0
0.1
0.2
0.3
0.4
0.5
HPND-4028
HPND-4038
12
6
8
10
4
2
0
0
5
10
15
FORWARD CURRENT (mA)
Figure 4. Typical Reverse Recovery
Time vs. Forward Current (Series
Configuration). HPND-4028, HPND-
4038.
Vn = 10 V
Vn = 20V
Figure 5. Typical Forward
Characteristics.
FORWARD VOLTAGE (V)
100
10
1
0.1
0.01
0.001
0
0.2
0.4
0.6
0.8
1.0
IF - FORWARD BIAS CURRENT (mA)
Figure 6. Typical RF Resistance vs.
Forward Bias Current (at 100 MHz).
1000
100
10
1.0
0.1
0.01
0.10
1.0
10
100
HPND-4038
HPND-4028


Similar Part No. - HPND-4038

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HPND-4005 HP-HPND-4005 Datasheet
40Kb / 4P
   Beam Lead PIN Diode
logo
AVAGO TECHNOLOGIES LIMI...
HPND-4005 AVAGO-HPND-4005 Datasheet
127Kb / 4P
   Beam Lead PIN Diode
logo
Broadcom Corporation.
HPND-4005 BOARDCOM-HPND-4005 Datasheet
127Kb / 4P
   Beam Lead PIN Diode
More results

Similar Description - HPND-4038

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4PBL027 MACOM-MA4PBL027 Datasheet
313Kb / 5P
   HMICTM Silicon Beam-Lead PIN Diodes
logo
M/A-COM Technology Solu...
MA4PBL027 MA-COM-MA4PBL027 Datasheet
104Kb / 5P
   HMICTM Silicon Beam-Lead PIN Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSCH-53XX AVAGO-HSCH-53XX Datasheet
74Kb / 6P
   Beam Lead Schottky Diodes for Mixers and Detectors
HSCH-5314 AVAGO-HSCH-5314 Datasheet
84Kb / 6P
   Beam Lead Schottky Diodes for Mixers and Detectors
logo
Broadcom Corporation.
HSCH-5310 BOARDCOM-HSCH-5310 Datasheet
84Kb / 6P
   Beam Lead Schottky Diodes for Mixers and Detectors
HSCH-5314 BOARDCOM-HSCH-5314 Datasheet
84Kb / 6P
   Beam Lead Schottky Diodes for Mixers and Detectors
logo
Siemens Semiconductor G...
BXY42BA-S SIEMENS-BXY42BA-S Datasheet
28Kb / 3P
   Silicon PIN Diodes (Beam lead version Fast switching)
logo
AVAGO TECHNOLOGIES LIMI...
HPND-4005 AVAGO-HPND-4005 Datasheet
127Kb / 4P
   Beam Lead PIN Diode
logo
Agilent(Hewlett-Packard...
HPND-4005 HP-HPND-4005 Datasheet
40Kb / 4P
   Beam Lead PIN Diode
logo
Broadcom Corporation.
HPND-4005 BOARDCOM-HPND-4005 Datasheet
127Kb / 4P
   Beam Lead PIN Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com