Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM6172IMX Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM6172IMX
Description  LM6172 Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6172IMX Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM6172IMX Datasheet HTML 1Page - National Semiconductor (TI) LM6172IMX Datasheet HTML 2Page - National Semiconductor (TI) LM6172IMX Datasheet HTML 3Page - National Semiconductor (TI) LM6172IMX Datasheet HTML 4Page - National Semiconductor (TI) LM6172IMX Datasheet HTML 5Page - National Semiconductor (TI) LM6172IMX Datasheet HTML 6Page - National Semiconductor (TI) LM6172IMX Datasheet HTML 7Page - National Semiconductor (TI) LM6172IMX Datasheet HTML 8Page - National Semiconductor (TI) LM6172IMX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
LM6172
www.ti.com
SNOS792D – MAY 1999 – REVISED MARCH 2013
LM6172 Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
Check for Samples: LM6172
1
FEATURES
DESCRIPTION
The LM6172 is a dual high speed voltage feedback
2
(Typical Unless Otherwise Noted)
amplifier. It is unity-gain stable and provides excellent
Easy to Use Voltage Feedback Topology
DC and AC performance. With 100MHz unity-gain
High Slew Rate 3000V/
μs
bandwidth, 3000V/
μs slew rate and 50mA of output
current
per
channel,
the
LM6172
offers
high
Wide Unity-Gain Bandwidth 100MHz
performance in dual amplifiers; yet it only consumes
Low Supply Current 2.3mA/Channel
2.3mA of supply current each channel.
High Output Current 50mA/channel
The LM6172 operates on ±15V power supply for
Specified for ±15V and ±5V Operation
systems requiring large voltage swings, such as
ADSL, scanners and ultrasound equipment. It is also
APPLICATIONS
specified at ±5V power supply for low voltage
applications such as portable video systems.
Scanner I-to-V Converters
ADSL/HDSL Drivers
The LM6172 is built with TI's advanced VIP III
(Vertically Integrated PNP) complementary bipolar
Multimedia Broadcast Systems
process. See the LM6171 datasheet for a single
Video Amplifiers
amplifier with these same features.
NTSC, PAL and SECAM Systems
ADC/DAC Buffers
Pulse Amplifiers and Peak Detectors
LM6172 Driving Capacitive Load
Connection Diagram
Figure 1. Top View 8-Pin
See Package Numbers P (PDIP) and D (SOIC)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM6172IMX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM6172IMX NSC-LM6172IMX Datasheet
551Kb / 16P
   Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
logo
Texas Instruments
LM6172IMX TI-LM6172IMX Datasheet
1Mb / 25P
[Old version datasheet]   LM6172 Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
LM6172IMX TI1-LM6172IMX Datasheet
1Mb / 25P
[Old version datasheet]   LM6172 Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
LM6172IMX/NOPB TI1-LM6172IMX/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   LM6172 Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
More results

Similar Description - LM6172IMX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM6172IMX TI-LM6172IMX Datasheet
1Mb / 25P
[Old version datasheet]   LM6172 Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
LM6172 TI1-LM6172_16 Datasheet
1Mb / 25P
[Old version datasheet]   LM6172 Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
LM6172QML TI1-LM6172QML Datasheet
1Mb / 22P
[Old version datasheet]   Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
LM6172 TI1-LM6172 Datasheet
1Mb / 25P
[Old version datasheet]   Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
LM6172QML-SP TI1-LM6172QML-SP Datasheet
1Mb / 25P
[Old version datasheet]   Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
logo
National Semiconductor ...
LM6172 NSC-LM6172 Datasheet
551Kb / 16P
   Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
logo
Texas Instruments
LM6172QML TI1-LM6172QML_16 Datasheet
1Mb / 25P
[Old version datasheet]   LM6172QML Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
LM6172QML TI-LM6172QML_V01 Datasheet
1Mb / 25P
[Old version datasheet]   LM6172QML Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
REVISED OCTOBER 2011
logo
National Semiconductor ...
LM6172QML NSC-LM6172QML Datasheet
1Mb / 25P
   LM6172QML Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
LM6172QML-SP NSC-LM6172QML-SP Datasheet
1Mb / 25P
   LM6172QML Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com