Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM6171BIM Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM6171BIM
Description  LM6171 High Speed Low Power Low Distortion Voltage Feedback Amplifier
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6171BIM Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM6171BIM Datasheet HTML 1Page - National Semiconductor (TI) LM6171BIM Datasheet HTML 2Page - National Semiconductor (TI) LM6171BIM Datasheet HTML 3Page - National Semiconductor (TI) LM6171BIM Datasheet HTML 4Page - National Semiconductor (TI) LM6171BIM Datasheet HTML 5Page - National Semiconductor (TI) LM6171BIM Datasheet HTML 6Page - National Semiconductor (TI) LM6171BIM Datasheet HTML 7Page - National Semiconductor (TI) LM6171BIM Datasheet HTML 8Page - National Semiconductor (TI) LM6171BIM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
LM6171
SNOS745C – MAY 1998 – REVISED MARCH 2013
www.ti.com
±15V AC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for TJ = 25°C, V
+ = +15V, V= −15V, V
CM = 0V, and RL = 1 kΩ. Boldface
limits apply at the temperature extremes
Symbol
Parameter
Conditions
Typ
LM6171AI
LM6171BI
Units
(1)
Limit
Limit
(2)
(2)
SR
Slew Rate(3)
AV = +2, VIN = 13 VPP
3600
V/
μs
AV = +2, VIN = 10 VPP
3000
GBW
Unity Gain-Bandwidth Product
100
MHz
−3 dB Frequency
AV = +1
160
MHz
AV = +2
62
MHz
φm
Phase Margin
40
deg
ts
Settling Time (0.1%)
AV = −1, VOUT = ±5V RL =
48
ns
500
Ω
Propagation Delay
VIN = ±5V, RL = 500Ω, AV =
6
ns
−2
AD
Differential Gain(4)
0.03
%
φD
Differential Phase(4)
0.5
deg
en
Input-Referred Voltage Noise
f = 1 kHz
12
nV/
√Hz
in
Input-Referred Current Noise
f = 1 kHz
1
pA/
√Hz
(1)
Typical Values represent the most likely parametric norm.
(2)
All limits are guaranteed by testing or statistical analysis.
(3)
Slew rate is the average of the rising and falling slew rates.
(4)
Differential gain and phase are measured with AV = +2, VIN = 1 VPP at 3.58 MHz and both input and output 75Ω terminated.
4
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: LM6171


Similar Part No. - LM6171BIM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM6171BIM NSC-LM6171BIM Datasheet
708Kb / 17P
   High Speed Low Power Low Distortion Voltage Feedback Amplifier
logo
Texas Instruments
LM6171BIM TI-LM6171BIM Datasheet
1Mb / 30P
[Old version datasheet]   LM6171 High Speed Low Power Low Distortion Voltage Feedback Amplifier
LM6171BIM TI1-LM6171BIM Datasheet
1Mb / 30P
[Old version datasheet]   LM6171 High Speed Low Power Low Distortion Voltage Feedback Amplifier
LM6171BIM/NOPB TI1-LM6171BIM/NOPB Datasheet
1Mb / 30P
[Old version datasheet]   LM6171 High Speed Low Power Low Distortion Voltage Feedback Amplifier
logo
National Semiconductor ...
LM6171BIMX NSC-LM6171BIMX Datasheet
708Kb / 17P
   High Speed Low Power Low Distortion Voltage Feedback Amplifier
More results

Similar Description - LM6171BIM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM6171AIM TI1-LM6171AIM Datasheet
1Mb / 30P
[Old version datasheet]   LM6171 High Speed Low Power Low Distortion Voltage Feedback Amplifier
LM6171AIM TI-LM6171AIM Datasheet
1Mb / 30P
[Old version datasheet]   LM6171 High Speed Low Power Low Distortion Voltage Feedback Amplifier
LM6171 TI1-LM6171 Datasheet
1Mb / 30P
[Old version datasheet]   High Speed Low Power Low Distortion Voltage Feedback Amplifier
logo
National Semiconductor ...
LM6171 NSC-LM6171 Datasheet
708Kb / 17P
   High Speed Low Power Low Distortion Voltage Feedback Amplifier
logo
Texas Instruments
THS4211 TI-THS4211 Datasheet
1Mb / 41P
[Old version datasheet]   LOW-DISTORTION HIGH-SPEED VOLTAGE FEEDBACK AMPLIFIER
logo
National Semiconductor ...
THS4211 NSC-THS4211 Datasheet
1Mb / 50P
   LOW-DISTORTION, HIGH-SPEED, VOLTAGE FEEDBACK AMPLIFIER
logo
Texas Instruments
LM6172QML TI1-LM6172QML Datasheet
1Mb / 22P
[Old version datasheet]   Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
logo
National Semiconductor ...
LM6172 NSC-LM6172 Datasheet
551Kb / 16P
   Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
logo
Texas Instruments
LM6172 TI1-LM6172 Datasheet
1Mb / 25P
[Old version datasheet]   Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
LM6172QML-SP TI1-LM6172QML-SP Datasheet
1Mb / 25P
[Old version datasheet]   Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com