Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAC38-3 Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # MAC38-3
Description  SILICON BIDIRECTIONAL THYRISTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

MAC38-3 Datasheet(HTML) 1 Page - Digitron Semiconductors

  MAC38-3 Datasheet HTML 1Page - Digitron Semiconductors MAC38-3 Datasheet HTML 2Page - Digitron Semiconductors MAC38-3 Datasheet HTML 3Page - Digitron Semiconductors MAC38-3 Datasheet HTML 4Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
MAC37 SERIES
SILICON BIDIRECTIONAL THYRISTORS
MAC38 SERIES
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak repetitive off-state voltage(1)
(TJ = 110°C)
MAC37-1,MAC38-1
MAC37-2,MAC38-2
MAC37-3,MAC38-3
MAC37-4,MAC38-4
MAC37-5,MAC38-5
MAC37-6,MAC38-6
MAC37-7,MAC38-7
VDRM
25
50
100
200
300
400
500
Volts
RMS on-state current
IT(RMS)
25
Amps
Peak non-repetitive surge current
(1 cycle, 60Hz, TJ = -40 to + 110°C)
ITSM
225
Amps
Circuit fusing considerations (TJ = -40 to + 110°C, t = 8.3ms)
I2t
210
A2s
Peak gate power (2)
PGM
5.0
Watts
Average gate power
PG(AV)
0.5
Watts
Peak gate current (2)
IGM
2
Amps
Operating junction temperature range
TJ
-40 to +110
°C
Storage temperature range
Tstg
-40 to +150
°C
Mounting torque
30
In. lb.
Note 1: For either direction of blocking voltage. VDRM for all types can be applied on a continuous dc basis without incurring damage. Ratings apply for open gate conditions. Thyristor devices shall
not be tested with a constant current source for blocking capability such that the voltage applied exceeds the rated blocking voltage.
Note 2: TJ = 110°C, 1 second maximum duration: 5.0% duty cycle, ITM = 10A.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Maximum
Unit
Thermal resistance, junction to case
R
ӨJC
1.0
°C/W
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ.
Max
Unit
Peak blocking current (either direction)
(VD = Rated VDRM, TJ = 110°C)
IDRM
-
-
2.0
mA
Peak on-state voltage (either direction)
(ITM = 35A peak)
VTM
-
1.4
1.9
Volts
Gate trigger current (continuous dc) (3)
(VD = 7V, RL = 47Ω)
MT2(+),G(+); MT2(-),G(-)
IGT
-
20
75
mA
Gate trigger voltage (continuous dc) (3)
(VD = 7V, RL = 47Ω)
MT2(+),G(+); MT2(-),G(-)
VGT
-
1.0
3.0
Volts
Gate trigger voltage (continuous dc) (3)
(VD = Rated VDRM, RL = 100Ω, TJ = 110°C)
MT2(+),G(+); MT2(-),G(-)
VGD
0.2
-
-
Volts
Holding current (either direction)
(VD = 7V, ITM = 150mA, gate open)
IH
-
10
75
mA
Gate controlled turn-on time
(ITM = 25A, IGT = 200mA)
ton
-
1.0
-
µs
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20130207


Similar Part No. - MAC38-3

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MAC3010 MOTOROLA-MAC3010 Datasheet
165Kb / 5P
   Silicon Bidirectional Thyristors
logo
Digitron Semiconductors
MAC3010 DIGITRON-MAC3010 Datasheet
338Kb / 6P
   SILICON BIDIRECTIONAL THYRISTORS
logo
New Jersey Semi-Conduct...
MAC3010 NJSEMI-MAC3010 Datasheet
111Kb / 2P
   Trlacs Silicon Bidirectional Thyrlstors
logo
Motorola, Inc
MAC3020 MOTOROLA-MAC3020 Datasheet
165Kb / 5P
   Silicon Bidirectional Thyristors
logo
Digitron Semiconductors
MAC3020 DIGITRON-MAC3020 Datasheet
338Kb / 6P
   SILICON BIDIRECTIONAL THYRISTORS
More results

Similar Description - MAC38-3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6344 ONSEMI-2N6344 Datasheet
87Kb / 8P
   Silicon Bidirectional Thyristors
March, 2000 ??Rev. 1
MAC223A6 ONSEMI-MAC223A6 Datasheet
162Kb / 5P
   Silicon Bidirectional Thyristors
August, 2006 ??Rev. 2
logo
Kersemi Electronic Co.,...
MAC4DSM KERSEMI-MAC4DSM Datasheet
466Kb / 8P
   Silicon Bidirectional Thyristors
logo
ON Semiconductor
BTA30-600CW3G ONSEMI-BTA30-600CW3G Datasheet
109Kb / 6P
   Silicon Bidirectional Thyristors
March, 2009 ??Rev. 0
logo
Digitron Semiconductors
MAC223 DIGITRON-MAC223 Datasheet
173Kb / 3P
   SILICON BIDIRECTIONAL THYRISTORS
MAC210 DIGITRON-MAC210 Datasheet
208Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
logo
New Jersey Semi-Conduct...
2N6342A NJSEMI-2N6342A Datasheet
167Kb / 1P
   SILICON BIDIRECTIONAL THYRISTORS
logo
Digitron Semiconductors
BTC05 DIGITRON-BTC05 Datasheet
427Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
MAC321 DIGITRON-MAC321 Datasheet
207Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
MAC320 DIGITRON-MAC320 Datasheet
206Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
MAC213 DIGITRON-MAC213 Datasheet
228Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com