Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAC228 Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # MAC228
Description  SILICON BIDIRECTIONAL THYRISTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

MAC228 Datasheet(HTML) 1 Page - Digitron Semiconductors

  MAC228 Datasheet HTML 1Page - Digitron Semiconductors MAC228 Datasheet HTML 2Page - Digitron Semiconductors MAC228 Datasheet HTML 3Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
MAC228(A) SERIES
SILICON BIDIRECTIONAL THYRISTORS
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Peak repetitive off-state voltage(1)
(TJ = -40 to +110°C, ½ sine wave, 50 to 60 Hz, gate open)
MAC228-2, MAC228A-2
MAC228-3, MAC228A-3
MAC228-4, MAC228A-4
MAC228-5, MAC228A-5
MAC228-6, MAC228A-6
MAC228-7, MAC228A-7
MAC228-8, MAC228A-8
MAC228-9, MAC228A-9
MAC228-10, MAC228A-10
VDRM
50
100
200
300
400
500
600
700
800
Volts
RMS on-state current (TC = 80°C, full cycle sine wave 50 to 60Hz)
IT(RMS)
8
Amps
Peak non-repetitive surge current
(1 cycle, 60 Hz, TJ = 110°C)
ITSM
80
Amps
Circuit fusing considerations (t = 8.3ms)
I2t
26
A2s
Peak gate current (t ≤ 2µs)
IGM
±2.0
Amps
Peak gate voltage (t ≤ 2µs)
VGM
±10
Volts
Peak gate power (t ≤ 2µs)
PGM
20
Watts
Average gate power (TC = 80°C, t = 8.3ms)
PG(AV)
0.5
Watts
Operating junction temperature range
TJ
-40 to +110
°C
Storage temperature range
Tstg
-40 to +150
°C
Mounting torque
8.0
In. lb.
Note 1: VDRM or VRRM for all types can be applied on a continuous basis. Blocking voltage shall not be tested with a constant current source such that the voltage ratings of the
devices are exceeded.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Maximum
Unit
Thermal resistance, junction to case
R
ӨJC
2.2
°C/W
Thermal resistance, junction to ambient
R
ӨJA
60
°C/W
ELECTRICAL CHARACTERISTICS (TC = 25°C and either polarity of MT2 to MT1 voltage unless otherwise noted)
Characteristic
Symbol
Min
Typ.
Max
Unit
Peak blocking current
(VD = Rated VDRM @ TJ = 25°C)
(VD = Rated VDRM @ TJ = 110°C)
IDRM
-
-
-
-
10
2
µA
mA
Peak on-state voltage
(ITM = 11A peak, pulse width ≤ 2 ms, duty cycle ≤ 2%)
VTM
-
-
1.8
Volts
Gate trigger current (continuous dc)
(VD = 12V, RL = 12Ω)
(MT2(+),G(+); (MT2(+),G(-); (MT2(-),G(-)
(MT2(-),G(+) “A” suffix only
IGT
-
-
-
-
5.0
10
mA
Gate trigger voltage (continuous dc)
(VD = 12V, RL = 100Ω)
MT2(+),G(+); MT2(+),G(-); MT2(-),G(-)
MT2(-),G(+) “A” suffix only
(VD = Rated VDRM, RL = 10kΩ, TC = 110°C)
MT2(+),G(+); MT2(+),G(-); MT2(-),G(-
MT2(-),G(+) “A” suffix only
VGT
-
-
0.2
0.2
-
-
-
-
2.0
2.5
-
-
Volts
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20130130


Similar Part No. - MAC228

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
MAC228 NJSEMI-MAC228 Datasheet
129Kb / 3P
   Triacs Silicon Bidirectional Triode Thyristors
MAC228-10 NJSEMI-MAC228-10 Datasheet
129Kb / 3P
   Triacs Silicon Bidirectional Triode Thyristors
MAC228-4 NJSEMI-MAC228-4 Datasheet
129Kb / 3P
   Triacs Silicon Bidirectional Triode Thyristors
MAC228-6 NJSEMI-MAC228-6 Datasheet
129Kb / 3P
   Triacs Silicon Bidirectional Triode Thyristors
MAC228-8 NJSEMI-MAC228-8 Datasheet
129Kb / 3P
   Triacs Silicon Bidirectional Triode Thyristors
More results

Similar Description - MAC228

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6344 ONSEMI-2N6344 Datasheet
87Kb / 8P
   Silicon Bidirectional Thyristors
March, 2000 ??Rev. 1
MAC223A6 ONSEMI-MAC223A6 Datasheet
162Kb / 5P
   Silicon Bidirectional Thyristors
August, 2006 ??Rev. 2
logo
Kersemi Electronic Co.,...
MAC4DSM KERSEMI-MAC4DSM Datasheet
466Kb / 8P
   Silicon Bidirectional Thyristors
logo
ON Semiconductor
BTA30-600CW3G ONSEMI-BTA30-600CW3G Datasheet
109Kb / 6P
   Silicon Bidirectional Thyristors
March, 2009 ??Rev. 0
logo
Digitron Semiconductors
MAC223 DIGITRON-MAC223 Datasheet
173Kb / 3P
   SILICON BIDIRECTIONAL THYRISTORS
MAC210 DIGITRON-MAC210 Datasheet
208Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
logo
New Jersey Semi-Conduct...
2N6342A NJSEMI-2N6342A Datasheet
167Kb / 1P
   SILICON BIDIRECTIONAL THYRISTORS
logo
Digitron Semiconductors
BTC05 DIGITRON-BTC05 Datasheet
427Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
MAC321 DIGITRON-MAC321 Datasheet
207Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
MAC320 DIGITRON-MAC320 Datasheet
206Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
MAC213 DIGITRON-MAC213 Datasheet
228Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com