Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPSL101L-S08-T Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UPSL101L-S08-T
Description  ISOLATED, PRIMARY SIDE CONTROL LED LIGHTING DRIVER WITH ACTIVE PFC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UPSL101L-S08-T Datasheet(HTML) 4 Page - Unisonic Technologies

  UPSL101L-S08-T Datasheet HTML 1Page - Unisonic Technologies UPSL101L-S08-T Datasheet HTML 2Page - Unisonic Technologies UPSL101L-S08-T Datasheet HTML 3Page - Unisonic Technologies UPSL101L-S08-T Datasheet HTML 4Page - Unisonic Technologies UPSL101L-S08-T Datasheet HTML 5Page - Unisonic Technologies UPSL101L-S08-T Datasheet HTML 6Page - Unisonic Technologies UPSL101L-S08-T Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
UPSL101
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R125-027.a
ELECTRICAL CHARACTERISTICS (Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Gm amplifier section
EA Reference Voltage
VREF
394
400
406
mV
EA Transconductance Gain
GM
100
μS
DC Gain
GAIN
35
45
dB
Dynamic Range
VOUT
1.2~4.5
V
Upper Clamp Voltage
VCOMP_H
6
V
Lower Clamp Voltage
VCOMP_L
1
V
EA Maximum Source Current
ISOURCE_Max
100
μA
EA Maximum Sink Current
ISINK_Max
35
μA
Watch Dog Section
Re-start Timer Period
TOFF_Max
50
μs
Minimum Off Time
TOFF_ Min
2
μs
Maximum On Time
TON_Max
44
μs
OTP Section
Over Temperature Protection
OTP_ON
120
140
160
°C
Gate Drive Output Section
Output Low Level
VOL
VCC=16V @ IOUT=100mA
2.5
V
Output High Level
VOH
VCC=16V @ IOUT=100mA
8
V
Output Clamping Voltage
VCLAMP
VCC=28V
16
V
Rising Edge Time
TR
CL=1nF, 10~90%
30
150
nS
Falling Edge Time
TF
CL=1nF, 10~90%
20
70
nS


Similar Part No. - UPSL101L-S08-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UPSL101G-S08-R UTC-UPSL101G-S08-R Datasheet
176Kb / 8P
   ISOLATED, PRIMARY SIDE CONTROL LED LIGHTING DRIVER
UPSL101 UTC-UPSL101_15 Datasheet
176Kb / 8P
   ISOLATED, PRIMARY SIDE CONTROL LED LIGHTING DRIVER
More results

Similar Description - UPSL101L-S08-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UPSL101 UTC-UPSL101_15 Datasheet
176Kb / 8P
   ISOLATED, PRIMARY SIDE CONTROL LED LIGHTING DRIVER
logo
Monolithic Power System...
MP4021A MPS-MP4021A Datasheet
616Kb / 21P
   Primary Side Control Offline LED Controller with Active PFC
MP4026 MPS-MP4026 Datasheet
1Mb / 18P
   Primary-Side-Control, Offline LED Controller with Active PFC
logo
List of Unclassifed Man...
FT825 ETC2-FT825 Datasheet
393Kb / 12P
   Primary-Side Control LED Driver with High PFC
logo
Richtek Technology Corp...
RT7304 RICHTEK-RT7304 Datasheet
273Kb / 14P
   Primary-Side-Regulation LED Driver Controller with Active PFC
logo
Monolithic Power System...
EV4026-J-00C MPS-EV4026-J-00C Datasheet
558Kb / 14P
   Universal Input, 18W Primary-side-control with Active PFC Isolated T8 LED Lamp Driver Evaluation Board
logo
Holtek Semiconductor In...
HT7L5600 HOLTEK-HT7L5600 Datasheet
1Mb / 10P
   Primary side regulation off line LED driver with active PFC
HT7L5610 HOLTEK-HT7L5610 Datasheet
1Mb / 9P
   Primary Side Regulation Off Line LED Driver with Active PFC
logo
Monolithic Power System...
MP4030 MPS-MP4030 Datasheet
643Kb / 21P
   TRIAC-Dimmable, Primary-Side-Control Offline LED Controller with Active PFC
MP4030A MPS-MP4030A Datasheet
766Kb / 20P
   TRIAC-Dimmable, Primary-Side-Control Offline LED Controller with Active PFC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com