Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

122156 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 122156
Description  TNC COAXIAL CONNECTORS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

122156 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  122156 Datasheet HTML 1Page - List of Unclassifed Manufacturers 122156 Datasheet HTML 2Page - List of Unclassifed Manufacturers 122156 Datasheet HTML 3Page - List of Unclassifed Manufacturers 122156 Datasheet HTML 4Page - List of Unclassifed Manufacturers 122156 Datasheet HTML 5Page - List of Unclassifed Manufacturers 122156 Datasheet HTML 6Page - List of Unclassifed Manufacturers 122156 Datasheet HTML 7Page - List of Unclassifed Manufacturers 122156 Datasheet HTML 8Page - List of Unclassifed Manufacturers 122156 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
122387 11 Nickel/Gold Teflon
50
N/A
122386 10 Nickel/Gold Teflon
50
N/A
122386HEX
10 Nickel/Gold Teflon
50
N/A
HEX COUPLING NUT
Cable
Crimp
P.N.
Group
Finish
Insulation Impedance Tool
STRAIGHT SOLDER PLUG — SEMI-RIGID CABLE
122116
05 Nickel
Delrin
50
B
122395
05 Nickel
Teflon
50
B
HIGH FREQUENCY
122375 05A Nickel
Delrin
50
B
122117
06 Nickel
Delrin
75
B
122447 06A Nickel
Delrin
75
B
122457
16 Nickel
Teflon
75
B
Remark: With teflon sleeve, Hex. crimp size .178"
Cable
Crimp
P.N.
Group
Finish
Insulation Impedance Tool
STRAIGHT CRIMP PLUG — MINIATURE CABLE
PLUG CRIMP ATTACHMENTS FOR FLEXIBLE AND SEMI-RIGID CABLE
For Reverse Polarized connecters, add RP to standard part number. Contact Connex marketing for availability.
For Reverse Threaded connecters, add RT to standard part number. Contact Connex marketing for availability.
For Crimp Tool information, see page 183.
98
For Cable Group Legend, see page 97
122387
122386
122112
02 Nickel
Delrin
50
A
122114
04 Nickel
Delrin
50
A
122115
04 Nickel
Delrin
75
A
122472 04A Nickel
Delrin
75
A
Cable
Crimp
P.N.
Group
Finish
Insulation Impedance Tool
STRAIGHT CRIMP PLUG — PLENUM CABLE
TNC.4
11/27/01
4:55 PM
Page 98


Similar Part No. - 122156

ManufacturerPart #DatasheetDescription
logo
STEGO Elektrotechnik Gm...
12215.0-00 STEGO-12215.0-00 Datasheet
934Kb / 3P
   VARIOLINE LAMP WITH SOCKET
20.07.2022
12215.0-30 STEGO-12215.0-30 Datasheet
934Kb / 3P
   VARIOLINE LAMP WITH SOCKET
20.07.2022
logo
PHOENIX CONTACT
1221548 PHOENIX-1221548 Datasheet
305Kb / 25P
   Thermal transfer printer set - THERMOMARK GO SET
More results

Similar Description - 122156

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
305W APITECH-305W Datasheet
629Kb / 2P
   SINGLE CHANNEL COAXIAL, N & TNC CONNECTORS
logo
Filtronic Compound Semi...
305 FILTRONIC-305 Datasheet
380Kb / 2P
   SINGLE CHANNEL COAXIAL, N & TNC CONNECTORS
logo
TE Connectivity Ltd
108-12001 TEC-108-12001 Datasheet
884Kb / 13P
   TNC Series Coaxial Connectors Dual Crimp Type
logo
API Technologies Corp
344F APITECH-344F Datasheet
692Kb / 2P
   ROTARY J OINTS SINGLE CHANNEL COAXIAL, N & TNC CONNECTORS
344AF APITECH-344AF Datasheet
688Kb / 2P
   ROTARY J OINTS SINGLE CHANNEL COAXIAL, N & TNC CONNECTORS
1591 APITECH-1591 Datasheet
511Kb / 1P
   TNC Connectors
logo
Amphenol Corporation
031-5684 AMPHENOL-031-5684 Datasheet
2Mb / 8P
   TNC Connectors
logo
Japan Aviation Electron...
SMB JAE-SMB Datasheet
370Kb / 9P
   COAXIAL CONNECTORS
logo
Murata Manufacturing Co...
MM8130-2600RB8 MURATA-MM8130-2600RB8 Datasheet
37Kb / 1P
   Coaxial Connectors
logo
Rosenberger Hochfrequen...
56K405-500N5 ROSENBERGER-56K405-500N5 Datasheet
82Kb / 2P
   TNC 50 PANEL JACK COAXIAL END
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com