Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPS3702L-D08-T Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UPS3702L-D08-T
Description  HIGH PERFORMANCE CURRENT MODE POWER SWITCH WITH ZERO CURRENT DETECTION
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UPS3702L-D08-T Datasheet(HTML) 3 Page - Unisonic Technologies

  UPS3702L-D08-T Datasheet HTML 1Page - Unisonic Technologies UPS3702L-D08-T Datasheet HTML 2Page - Unisonic Technologies UPS3702L-D08-T Datasheet HTML 3Page - Unisonic Technologies UPS3702L-D08-T Datasheet HTML 4Page - Unisonic Technologies UPS3702L-D08-T Datasheet HTML 5Page - Unisonic Technologies UPS3702L-D08-T Datasheet HTML 6Page - Unisonic Technologies UPS3702L-D08-T Datasheet HTML 7Page - Unisonic Technologies UPS3702L-D08-T Datasheet HTML 8Page - Unisonic Technologies UPS3702L-D08-T Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
UPS3702
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 9
www.unisonic.com.tw
QW-R119-022.b
ABSOLUTE MAXIMUM RATING (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
30
V
Input Voltage to FB Pin
VFB
-0.3~6.5
V
Junction Temperature
TJ
+150
°C
Operating Temperature
TOPR
-40~+125
°C
Storage Temperature
TSTG
-50~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
OPERATING RANGE
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
7~23
V
ELECTRICAL CHARACTERISTICS (TA=25°C, VCC=15V, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY SECTION
Start Up Current
IST
VCC = VTHD(ON)-1V
5
15
μA
Supply Current with switch
IOP
VFB=4V GATE Without
CLOAD
2
3
mA
UNDER-VOLTAGE LOCKOUT SECTION
Start Threshold Voltage
VTHD(ON)
12
13.5
14
V
Min. Operating Voltage
VCC(MIN)
7
8
9
V
CONTROL SECTION
Feedback Source Current
IFB
VFB=0
2
mA
VFB Open Level
VFBMAX
5.0
V
Burst-Mode Out FB Voltage
VFB(OUT) VCS =0
1.2
V
Reduce-Frequency end FB Voltage
VFB(END) VCS =0
2.4
V
Burst-Mode Enter FB Voltage
VFB(IN)
VCS =0
1.0
V
Switching
frequency
Normal initial
F(SW)
VFB=4V
69
75
81
kHz
Power-Saving
Before enter burst mode
20
kHz
Duty Cycle
DMAX
VFB=4V,vCS=0
70
75
80
%
Frequency Hopping
FJ(SW)
±3
±4.5
±6
%
Frequency Variation VS VCC Deviation
FDV
VCC=10~20V
5
%
Frequency
Variation
VS
Temperature
Deviation
FDT
T=-25~105°C
5
%
Soft-Start Time
TSoftS
2
4
6
ms
PROTECTION SECTION
OVP threshold
VOVP
VFB=4V
23
V
OLP threshold
VFB(OLP)
VCS=0
4.7
V
Delay Time Of OLP
TD-OLP
35
65
95
ms
OTP threshold
T(THR)
130
145
°C
CURRENT LIMITING SECTION
Peak Current Limitation
ILIM
VFB=4.4V
1.06
1.2
1.34
A
Threshold Voltage For Valley
ILIM-L
VFB=4.4V
1.14
A


Similar Part No. - UPS3702L-D08-T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UPS30-4003 ETC2-UPS30-4003 Datasheet
90Kb / 2P
   Open Frame 2.76X5.12 Universal Input AC/DC Converter
logo
Microsemi Corporation
UPS315 MICROSEMI-UPS315 Datasheet
105Kb / 2P
   3 Amp Schottky OR ing Rectifier
UPS340 MICROSEMI-UPS340 Datasheet
203Kb / 6P
   3 A LOW Vf Schottky Barrier Rectifier
logo
Micrel Semiconductor
UPS3540 MICREL-UPS3540 Datasheet
290Kb / 6P
   5 A Schottky Barrier Rectifier
logo
Microsemi Corporation
UPS360 MICROSEMI-UPS360 Datasheet
160Kb / 5P
   3 A Schottky Barrier Rectifier
More results

Similar Description - UPS3702L-D08-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UPS4602 UTC-UPS4602 Datasheet
408Kb / 10P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH WITH ZERO CURRENT DETECTION
UPS601 UTC-UPS601 Datasheet
257Kb / 12P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS602 UTC-UPS602 Datasheet
258Kb / 12P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS3652 UTC-UPS3652 Datasheet
432Kb / 9P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS702 UTC-UPS702 Datasheet
529Kb / 12P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS703 UTC-UPS703 Datasheet
560Kb / 12P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UCS1651S UTC-UCS1651S Datasheet
288Kb / 8P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UCS1704S UTC-UCS1704S Datasheet
301Kb / 10P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
US1602 UTC-US1602 Datasheet
369Kb / 10P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UCS17005S UTC-UCS17005S Datasheet
300Kb / 10P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com