Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ULD3380L-AG6-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # ULD3380L-AG6-R
Description  HIGH EFFICIENCY PWM BUCK LED DRIVER CONTROLLER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

ULD3380L-AG6-R Datasheet(HTML) 3 Page - Unisonic Technologies

  ULD3380L-AG6-R Datasheet HTML 1Page - Unisonic Technologies ULD3380L-AG6-R Datasheet HTML 2Page - Unisonic Technologies ULD3380L-AG6-R Datasheet HTML 3Page - Unisonic Technologies ULD3380L-AG6-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ULD3380
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R109-034.b
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Input Voltage
VCC
40
V
GATE Voltage
VGATE
14
V
ACTL Voltage (Note 2)
VACTL
8
V
VC Voltage
VVC
6
V
SENSE Voltage
VSENSE
-0.3~6
V
Power Dissipation
TA=25°C
PD
0.392
W
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-65~+150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. If the ACTL pin is connected with a serial 1MΩ resistor, the maximum voltage can go up to 36V.
RECOMMENDED OPERATING CONDITIONS (Note)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Input Voltage
VCC
17~32
V
Junction Temperature Range
TJ
-40~125
°C
Note: The device is not guaranteed to function outside its operating conditions.
THERMAL DATA
PARAMETER
SYMBOL
RATING
UNIT
Junction to Ambient
θJA
255
°C/W
ELECTRICAL CHARACTERISTICS (VCC=24VDC, TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Input Start-Up Voltage
VST
15
17
19
V
Minimum Operation Voltage After Star t-Up
VIN(MIN)
6.0
7.5
9.0
V
Input Quiescent Current
IQC
After Start-Up, VCC=24V
1.65
5.0
mA
Maximum Startup Current in VCC
Hiccup Operation
IST(MAX)
Maximum ICC at low end of VCC
250
300
μA
Input Shutdown Current
ISHDN
Before Start-Up, VCC=15V
0.1
5.0
μA
Over Voltage Protection
VOVP
VCC Pin
32.5 35.5 36.5
V
Current Sense Voltage
VSENSE
160
mV
Switching Frequency
fSW
38
47
55
kHz
Oscillator Maximum Duty Cycle
DMAX
VC=3V
100
%
Minimum Turn-On Time
tON(MIN)
300
ns
GATE Pin Maximum Voltage
VGATE
No Load at GATE Pin
11.5 12.5 13.5
V
GATE Voltage High
VGATE_H
IGATE=-20mA
11.4 12.4 13.4
V
IGATE=-100μA
11.5 12.5 13.5
V
GATE Voltage Low
VGATE_L
IGATE=20mA
0.55 0.75 0.95
V
IGATE=100μA
0.3
0.5
0.7
V
GATE Drive Rise and Fall Time
1nF Load at GATE
75
ns
GATE Drive Source and Sink Peak Current
1nF Load at GATE
0.5
A
ACTL LED Dimming
Analog Dimming ACTL Pin Input Current
IACTL
1
5
μA
Analog Dimming Range
0
1.3
V
Analog Dimming
Threshold Voltage
High Level
1.2
1.3
V
Low Level
0
0.1
V
VC Threshold for PWM Switch Off
VVC
1.1
1.25
1.4
V
Thermal Protection
Thermal Shutdown Temperature
TSD
150
°C


Similar Part No. - ULD3380L-AG6-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
ULD3380 UTC-ULD3380 Datasheet
111Kb / 4P
   HIGH EFFICIENCY PWM BUCK LED DRIVER CONTROLLER
ULD3380G-AG6-R UTC-ULD3380G-AG6-R Datasheet
153Kb / 4P
   HIGH EFFICIENCY PWM BUCK LED DRIVER CONTROLLER
ULD3380G-AG6-R UTC-ULD3380G-AG6-R Datasheet
111Kb / 4P
   HIGH EFFICIENCY PWM BUCK LED DRIVER CONTROLLER
ULD3380 UTC-ULD3380_15 Datasheet
153Kb / 4P
   HIGH EFFICIENCY PWM BUCK LED DRIVER CONTROLLER
ULD3380 UTC-ULD3380_16 Datasheet
111Kb / 4P
   HIGH EFFICIENCY PWM BUCK LED DRIVER CONTROLLER
More results

Similar Description - ULD3380L-AG6-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
ULD3380 UTC-ULD3380_16 Datasheet
111Kb / 4P
   HIGH EFFICIENCY PWM BUCK LED DRIVER CONTROLLER
USL1650 UTC-USL1650 Datasheet
174Kb / 4P
   HIGH EFFICIENCY PWM BUCK LED DRIVER CONTROLLER
ULD3380 UTC-ULD3380_15 Datasheet
153Kb / 4P
   HIGH EFFICIENCY PWM BUCK LED DRIVER CONTROLLER
logo
Texas Instruments
UCC2541 TI1-UCC2541_16 Datasheet
1,014Kb / 43P
[Old version datasheet]   HIGH-EFFICIENCY SYNCHRONOUS BUCK PWM CONTROLLER
logo
Richtek Technology Corp...
RT8128A RICHTEK-RT8128A Datasheet
172Kb / 15P
   High Efficiency Synchronous Buck PWM Controller
logo
Texas Instruments
UCC2541 TI-UCC2541 Datasheet
684Kb / 43P
[Old version datasheet]   HIGH-EFFICIENCY SYNCHRONOUS BUCK PWM CONTROLLER
logo
Diodes Incorporated
AL8807B DIODES-AL8807B Datasheet
4Mb / 18P
   HIGH EFFICIENCY 36V 1.3A PWM DIMMABLE BUCK LED DRIVER
logo
Richtek Technology Corp...
RT8130B RICHTEK-RT8130B Datasheet
235Kb / 16P
   12V High Efficiency Synchronous Buck PWM Controller
RT6542A RICHTEK-RT6542A Datasheet
267Kb / 15P
   High Efficiency Single Synchronous Buck PWM Controller
September 2019
RT8129A RICHTEK-RT8129A Datasheet
816Kb / 18P
   High Efficiency Single Synchronous Buck PWM Controller
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com