Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCD4050BG-P16-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UCD4050BG-P16-R
Description  CMOS HEX BUFFER/CONVERTERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UCD4050BG-P16-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UCD4050BG-P16-R Datasheet HTML 1Page - Unisonic Technologies UCD4050BG-P16-R Datasheet HTML 2Page - Unisonic Technologies UCD4050BG-P16-R Datasheet HTML 3Page - Unisonic Technologies UCD4050BG-P16-R Datasheet HTML 4Page - Unisonic Technologies UCD4050BG-P16-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
UCD4050B
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R502-864.b
SWITCHING CHARACTERISTICS(TA=25°С, Input: tR=tF=20ns, unless otherwise specified )
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Propagation delay from
Input(A or B) to Output(Y)
tPLH
VDD=5V, CL=50pF, RL=200kΩ
70
140
ns
VDD=10V, CL=50pF, RL=200kΩ
40
80
VDD=15V, CL=50pF, RL=200kΩ
30
60
tPHL
VDD=5V, CL=50pF, RL=200kΩ
55
110
VDD=10V, CL=50pF, RL=200kΩ
22
55
VDD=15V, CL=50pF, RL=200kΩ
15
30
Transition Time
tTLH
VDD=5V, CL=50pF, RL=200kΩ
80
160
ns
VDD=10V, CL=50pF, RL=200kΩ
40
80
VDD=15V, CL=50pF, RL=200kΩ
30
60
tTHL
VDD=5V, CL=50pF, RL=200kΩ
30
60
VDD=10V, CL=50pF, RL=200kΩ
20
40
VDD=15V, CL=50pF, RL=200kΩ
15
30
OPERATING CHARACTERISTICS(TA=25°С, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Average Input Capacitance
CIN
Any Input
5
7.5
pF


Similar Part No. - UCD4050BG-P16-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UCD4050BG-P16-R UTC-UCD4050BG-P16-R Datasheet
196Kb / 5P
   CMOS HEX BUFFER/CONVERTERS
More results

Similar Description - UCD4050BG-P16-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
JM3851005554BEA TI-JM3851005554BEA Datasheet
1Mb / 38P
[Old version datasheet]   CMOS Hex Buffer Converters
logo
Unisonic Technologies
UCD4049B UTC-UCD4049B Datasheet
210Kb / 5P
   CMOS HEX BUFFER/CONVERTERS
logo
Texas Instruments
CD4049UBDE4 TI1-CD4049UBDE4 Datasheet
1Mb / 38P
[Old version datasheet]   CMOS Hex Buffer/Converters
logo
Harris Corporation
CD4049UB HARRIS-CD4049UB Datasheet
75Kb / 10P
   CMOS Hex Buffer/Converters
logo
Texas Instruments
CD4049UB TI1-CD4049UB_15 Datasheet
1Mb / 37P
[Old version datasheet]   CMOS Hex Buffer/Converters
logo
Unisonic Technologies
UCD4049B UTC-UCD4049B_15 Datasheet
243Kb / 5P
   CMOS HEX BUFFER/CONVERTERS
UCD4050B UTC-UCD4050B_15 Datasheet
196Kb / 5P
   CMOS HEX BUFFER/CONVERTERS
logo
STMicroelectronics
HCC4009UB STMICROELECTRONICS-HCC4009UB Datasheet
302Kb / 13P
   HEX BUFFER/CONVERTERS
logo
Texas Instruments
CD4503B TI1-CD4503B_15 Datasheet
913Kb / 15P
[Old version datasheet]   Cmos Hex Buffer
logo
Intersil Corporation
CD4503BMS INTERSIL-CD4503BMS Datasheet
74Kb / 8P
   CMOS Hex Buffer
December 1992
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com