Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCD4050BG-S16-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UCD4050BG-S16-R
Description  CMOS HEX BUFFER/CONVERTERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UCD4050BG-S16-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UCD4050BG-S16-R Datasheet HTML 1Page - Unisonic Technologies UCD4050BG-S16-R Datasheet HTML 2Page - Unisonic Technologies UCD4050BG-S16-R Datasheet HTML 3Page - Unisonic Technologies UCD4050BG-S16-R Datasheet HTML 4Page - Unisonic Technologies UCD4050BG-S16-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
UCD4050B
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R502-864.b
ABSOLUTE MAXIMUM RATING(TA=25°С, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.5 ~ 20
V
Input Voltage
VIN
-0.5~VDD+0.5
V
Output Voltage
VOUT
-0.5~VDD+0.5
V
Storage Temperature
TSTG
-65 ~ + 150
°С
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Supply Voltage
VCC
5
15
V
Operating Temprature
TOPR
-40
125
°С
ELECTRICAL CHARACTERISTICS(TA=25°С, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
High-Level Input Voltage
VIH
VCC=5V, VOUT=4.5V
3.5
V
VCC=10V, VOUT=9.0V
7.0
VCC=15V, VOUT=13.5V
11.0
Low-Level Input Voltage
VIL
VCC=5V, VOUT=0.5V
1.5
V
VCC=10V, VOUT=1.0V
3.0
VCC=15V, VOUT=1.5V
4.0
High-Level Output Voltage
VOH
VCC=5V, No Load
4.95
5
V
VCC=10V, No Load
9.95
10
VCC=15V, No Load
14.95
15
Low-Level Output Voltage
VOL
VCC=5V, No Load
0
0.05
V
VCC=10V, No Load
0
0.05
VCC=15V, No Load
0
0.05
High-Level Output Current
(Note)
IOH
VCC=5V, VOUT=4.6V
-0.65
-1.2
mA
VCC=5V, VOUT=2.5V
-2.1
-3.9
VCC=10V, VOUT=9.5V
-1.65
-3.0
VCC=15V, VOUT=13.5V
-4.3
-8.0
Low-Level Output Current
(Note)
IOL
VCC=5V, VOUT=0.4V
3.2
6.4
VCC=10V, VOUT=0.5V
8.0
16.0
VCC=15V, VOUT=1.5V
24.0
48.0
Input Leakage Current
II(LEAK)
VCC=15V ,VIN=VCCor GND
±0.1
µA
Quiescent Supply Current
IQ
VCC=5V, VIN=VCCorVSS, IOUT=0
0.02
1
µA
VCC=10V, VIN=VCCorVSS, IOUT=0
0.02
2
VCC=15V, VIN=VCCorVSS, IOUT=0
0.02
4
VCC=20V, VIN=VCCorVSS, IOUT=0
0.02
20
Note: IOL and IOH are tested one output at a time


Similar Part No. - UCD4050BG-S16-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UCD4050BG-S16-R UTC-UCD4050BG-S16-R Datasheet
196Kb / 5P
   CMOS HEX BUFFER/CONVERTERS
More results

Similar Description - UCD4050BG-S16-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
JM3851005554BEA TI-JM3851005554BEA Datasheet
1Mb / 38P
[Old version datasheet]   CMOS Hex Buffer Converters
logo
Unisonic Technologies
UCD4049B UTC-UCD4049B Datasheet
210Kb / 5P
   CMOS HEX BUFFER/CONVERTERS
logo
Texas Instruments
CD4049UBDE4 TI1-CD4049UBDE4 Datasheet
1Mb / 38P
[Old version datasheet]   CMOS Hex Buffer/Converters
logo
Harris Corporation
CD4049UB HARRIS-CD4049UB Datasheet
75Kb / 10P
   CMOS Hex Buffer/Converters
logo
Texas Instruments
CD4049UB TI1-CD4049UB_15 Datasheet
1Mb / 37P
[Old version datasheet]   CMOS Hex Buffer/Converters
logo
Unisonic Technologies
UCD4049B UTC-UCD4049B_15 Datasheet
243Kb / 5P
   CMOS HEX BUFFER/CONVERTERS
UCD4050B UTC-UCD4050B_15 Datasheet
196Kb / 5P
   CMOS HEX BUFFER/CONVERTERS
logo
STMicroelectronics
HCC4009UB STMICROELECTRONICS-HCC4009UB Datasheet
302Kb / 13P
   HEX BUFFER/CONVERTERS
logo
Texas Instruments
CD4503B TI1-CD4503B_15 Datasheet
913Kb / 15P
[Old version datasheet]   Cmos Hex Buffer
logo
Intersil Corporation
CD4503BMS INTERSIL-CD4503BMS Datasheet
74Kb / 8P
   CMOS Hex Buffer
December 1992
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com