Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCD4015B Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UCD4015B
Description  CMOS Dual 4-Stage Static Shift Register
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UCD4015B Datasheet(HTML) 5 Page - Unisonic Technologies

  UCD4015B Datasheet HTML 1Page - Unisonic Technologies UCD4015B Datasheet HTML 2Page - Unisonic Technologies UCD4015B Datasheet HTML 3Page - Unisonic Technologies UCD4015B Datasheet HTML 4Page - Unisonic Technologies UCD4015B Datasheet HTML 5Page - Unisonic Technologies UCD4015B Datasheet HTML 6Page - Unisonic Technologies UCD4015B Datasheet HTML 7Page - Unisonic Technologies UCD4015B Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
UCD4015B
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 8
www.unisonic.com.tw
QW-R502-875.b
ELECTRICAL CHARACTERISTICS(Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Low Voltage
VIL
VOUT=0.5, 4.5V, VDD=5V
1.5
V
VOUT=1, 9V, VDD=10V
3
VOUT=1.5, 13.5V, VDD=15V
4
Input High Voltage
VIH
VOUT=0.5, 4.5V, VDD=5V
3.5
V
VOUT=1, 9V, VDD=10V
7
VOUT=1.5, 13.5V, VDD=15V
11
Input Leakage Current
II(LEAK)
VIN =0, 18V, VDD=18V
±0.1
μA
SWITCHING CHARACTERISTICS (TA =25°C, Input tr, tf =20ns, CL =50pF, RL = 200KΩ)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
CLOCKED OPERATION
Propagation Delay Time
tPLH / tPHL
VDD=5V
160
320
ns
VDD=10V
80
160
VDD=15V
60
120
Transition Time
tTHL/ tTLH
VDD=5V
100
200
ns
VDD=10V
50
100
VDD=15V
40
80
Maximum Clock Input Frequency
fCL
VDD=5V
3
6
MHz
VDD=10V
6
12
VDD=15V
8.5
17
Minimum Clock Pulse Width
tWCL
VDD=5V
90
180
ns
VDD=10V
40
80
VDD=15
25
50
Clock Rise and Fall Time
trCL / tfCL
VDD=5V
15
μs
VDD=10V
6
VDD=15V
2
Minimum Data Setup Time
tSU
VDD=5V
35
70
ns
VDD=10V
20
40
VDD=15V
15
30
Minimum Data Hold Timel
tH
VDD=5V
0
ns
VDD=10V
0
VDD=15V
0
Average Input Capacitance
CI
Any Input
5
7.5
pF
RESET OPERATION
Propagation Delay Time
tPLH / tPHL
VDD=5V
200
400
ns
VDD=10V
100
200
VDD=15V
80
160
Minimum Reset Pulse Width
tWR
VDD=5V
100
200
ns
VDD=10V
40
80
VDD=15
30
60


Similar Part No. - UCD4015B

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UCD4015B UTC-UCD4015B Datasheet
230Kb / 9P
   CMOS DUAL 4-STAGE STATIC SHIFT REGISTER
UCD4015BG-D16-T UTC-UCD4015BG-D16-T Datasheet
230Kb / 9P
   CMOS DUAL 4-STAGE STATIC SHIFT REGISTER
UCD4015BG-P16-R UTC-UCD4015BG-P16-R Datasheet
229Kb / 8P
   CMOS Dual 4-Stage Static Shift Register
UCD4015BG-P16-R UTC-UCD4015BG-P16-R Datasheet
230Kb / 9P
   CMOS DUAL 4-STAGE STATIC SHIFT REGISTER
UCD4015BG-P16-T UTC-UCD4015BG-P16-T Datasheet
229Kb / 8P
   CMOS Dual 4-Stage Static Shift Register
More results

Similar Description - UCD4015B

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UCD4015B UTC-UCD4015B_16 Datasheet
230Kb / 9P
   CMOS DUAL 4-STAGE STATIC SHIFT REGISTER
logo
Texas Instruments
CD4015B TI-CD4015B Datasheet
521Kb / 11P
[Old version datasheet]   CMOS Dual 4-Stage Static Shift Register
logo
Unisonic Technologies
UCD4015 UTC-UCD4015_15 Datasheet
229Kb / 8P
   CMOS Dual 4-Stage Static Shift Register
UCD4015 UTC-UCD4015 Datasheet
229Kb / 8P
   CMOS Dual 4-Stage Static Shift Register
UCD4015B UTC-UCD4015B_15 Datasheet
229Kb / 8P
   CMOS Dual 4-Stage Static Shift Register
logo
Texas Instruments
CD4015B TI1-CD4015B_15 Datasheet
884Kb / 15P
[Old version datasheet]   CMOS Dual 4-stage Static Shift Register
logo
KODENSHI_AUK CORP.
KK4015B KODENSHI-KK4015B Datasheet
311Kb / 6P
   Dual 4-Stage Static Shift Register
logo
System Logic Semiconduc...
SL4015B SLS-SL4015B Datasheet
39Kb / 5P
   Dual 4-Stage Static Shift Register
logo
Intersil Corporation
CD4517BMS INTERSIL-CD4517BMS Datasheet
116Kb / 9P
   CMOS Dual 64-Stage Static Shift Register
December 1992
logo
Texas Instruments
CD4517B TI-CD4517B Datasheet
245Kb / 6P
[Old version datasheet]   CMOS DUAL 64-STAGE STATIC SHIFT REGISTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com