Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

122426 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 122426
Description  TNC COAXIAL CONNECTORS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

122426 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  122426 Datasheet HTML 1Page - List of Unclassifed Manufacturers 122426 Datasheet HTML 2Page - List of Unclassifed Manufacturers 122426 Datasheet HTML 3Page - List of Unclassifed Manufacturers 122426 Datasheet HTML 4Page - List of Unclassifed Manufacturers 122426 Datasheet HTML 5Page - List of Unclassifed Manufacturers 122426 Datasheet HTML 6Page - List of Unclassifed Manufacturers 122426 Datasheet HTML 7Page - List of Unclassifed Manufacturers 122426 Datasheet HTML 8Page - List of Unclassifed Manufacturers 122426 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
TNC COAXIAL CONNECTORS
96
INTERFACE MATING DIMENSIONS
NOTE 1: I.D. TO MEET VSWR AND CONTACT RESISTANCE WHEN MATED
WITH 1.32/1.37 MM DIA. PIN.
Letter
Millimeters [Inches}
Minimum
Maximum
A
9.60 [.378]
9.70 [.382]
B
8.79 [.346]
9.04 [.356]
C
8.31 [.327]
8.46 [.333]
D
8.10 [.319]
8.15 [.321]
E
4.72 [.186]
F
1.73 [.068]
2.24 [.088]
G
8.31 [.327]
8.51 [.335]
H
4.75 [.187]
J
4.72 [.186]
5.23 [.206]
K
0.15 [.006]
L
4.95 [.195]
M
2.06 [.081]
2.21 [.087]
N
6.50 [.256]
P
4.78 [.188]
5.28 [.208]
R
10.52 [.414]
S
0.38 [.015]
0.76 [.030]
Letter
Millimeters [Inches}
Minimum
Maximum
A
11.18 [.440]
B
FLARED TO MEET GOOD
ELECTRICAL CONTACT
C
4.83 [.190]
D
1.32 [.052]
1.37 [.054]
E
5.33 [.210]
5.84 [.230]
F
0.15 [.006]
0.46 [.018]
G
5.28 [.208]
5.79 [.228]
H
0.08 [.003]
1.02 [.040]
J
2.06 [.081]
2.21 [.087]
K
1.98 [.078]
M
1.98 [.078]
N
1.60 [.063]
P
3.96 [.156]
Q
0.64 [.025]
PLUG
JACK
TNC.4
11/27/01
4:55 PM
Page 96


Similar Part No. - 122426

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
122420 AMPHENOL-122420 Datasheet
40Kb / 1P
   TNC R/A DIRECT SOLDER PLUG
logo
PHOENIX CONTACT
1224204 PHOENIX-1224204 Datasheet
380Kb / 8P
   SAC-4P-P12MR/ 1,5-PUR/P12FS SH - Sensor/actuator cable
1224208 PHOENIX-1224208 Datasheet
3Mb / 10P
   SAC-5P-P12MS/ 1,5-PUR/P12FS - Sensor/actuator cable
1224223 PHOENIX-1224223 Datasheet
2Mb / 5P
   Sensor/actuator cable - SAC-5P-P12MS/ 1,5-PUR/P12FR
01/13/2022
1224229 PHOENIX-1224229 Datasheet
2Mb / 5P
   Sensor/actuator cable - SAC-5P-P12MR/ 1,5-PUR/P12FS
01/13/2022
More results

Similar Description - 122426

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
305W APITECH-305W Datasheet
629Kb / 2P
   SINGLE CHANNEL COAXIAL, N & TNC CONNECTORS
logo
Filtronic Compound Semi...
305 FILTRONIC-305 Datasheet
380Kb / 2P
   SINGLE CHANNEL COAXIAL, N & TNC CONNECTORS
logo
TE Connectivity Ltd
108-12001 TEC-108-12001 Datasheet
884Kb / 13P
   TNC Series Coaxial Connectors Dual Crimp Type
logo
API Technologies Corp
344F APITECH-344F Datasheet
692Kb / 2P
   ROTARY J OINTS SINGLE CHANNEL COAXIAL, N & TNC CONNECTORS
344AF APITECH-344AF Datasheet
688Kb / 2P
   ROTARY J OINTS SINGLE CHANNEL COAXIAL, N & TNC CONNECTORS
1591 APITECH-1591 Datasheet
511Kb / 1P
   TNC Connectors
logo
Amphenol Corporation
031-5684 AMPHENOL-031-5684 Datasheet
2Mb / 8P
   TNC Connectors
logo
Japan Aviation Electron...
SMB JAE-SMB Datasheet
370Kb / 9P
   COAXIAL CONNECTORS
logo
Murata Manufacturing Co...
MM8130-2600RB8 MURATA-MM8130-2600RB8 Datasheet
37Kb / 1P
   Coaxial Connectors
logo
Rosenberger Hochfrequen...
56K405-500N5 ROSENBERGER-56K405-500N5 Datasheet
82Kb / 2P
   TNC 50 PANEL JACK COAXIAL END
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com