Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UB6054A Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UB6054A
Description  PC POWER SUPPLY PWM SUPERVISOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UB6054A Datasheet(HTML) 2 Page - Unisonic Technologies

  UB6054A Datasheet HTML 1Page - Unisonic Technologies UB6054A Datasheet HTML 2Page - Unisonic Technologies UB6054A Datasheet HTML 3Page - Unisonic Technologies UB6054A Datasheet HTML 4Page - Unisonic Technologies UB6054A Datasheet HTML 5Page - Unisonic Technologies UB6054A Datasheet HTML 6Page - Unisonic Technologies UB6054A Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
3520
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 7
www.unisonic.com.tw
QW-R502-923.a
PIN CONFIGURATION
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
V33
3.3V OVP/UVP input
2
V5
5V OVP/UVP input
3
V12
12V OVP/UVP input
4
PT
Extra OVP protection input
5
GND
Gnd
6
RT
Oscillation frequency by setting external resistor
7
C1
PWM OUTPUT 1
8
C2
PWM OUTPUT 2
9
REM
Remote on/off input
REM=”low” means the main SMPS is turned-on
REM=”high” means the main SMPS is turned-off
10
SS
Soft start function by setting external capacitor
11
PG
Power good signal
PG=”high” means “power good”
PG=”low” means “power fail”
12
DET
Power Good Signal Detection Input
13
VCC
Power
14
OPOUT
OP AMP OUTPUT
15
OPNEGIN
OP AMP NEGATIVE INPUT
16
VADJ
OP compensation positive input


Similar Part No. - UB6054A

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UB6054AG-AG6-R UTC-UB6054AG-AG6-R Datasheet
288Kb / 13P
   ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
UB6054A UTC-UB6054A_15 Datasheet
288Kb / 13P
   ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
UB6054A UTC-UB6054A_15 Datasheet
288Kb / 13P
   ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
More results

Similar Description - UB6054A

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3520 UTC-3520 Datasheet
206Kb / 7P
   PC POWER SUPPLY PWM SUPERVISOR
logo
Shenzhen Dongfangteng T...
EST7502B EST-EST7502B Datasheet
159Kb / 7P
   PC Power Supply PWM with Supervisor
2007-10-15 V2
logo
Fairchild Semiconductor
SG6108 FAIRCHILD-SG6108 Datasheet
650Kb / 16P
   Power Supply Supervisor PWM
logo
Weltrend Semiconductor
WT7522 WELTREND-WT7522 Datasheet
140Kb / 9P
   POWER SUPPLY PWM SUPERVISOR
Version 1.10 April 29, 2009
logo
Unisonic Technologies
3513 UTC-3513_15 Datasheet
387Kb / 12P
   PC POWER SUPPLY SUPERVISOR
S3525 UTC-S3525_15 Datasheet
303Kb / 9P
   PC POWER SUPPLY SUPERVISOR
logo
Weltrend Semiconductor
WT7527V WELTREND-WT7527V Datasheet
357Kb / 13P
   PC POWER SUPPLY SUPERVISOR
WT7502 WELTREND-WT7502 Datasheet
148Kb / 10P
   PC POWER SUPPLY SUPERVISOR
logo
Richtek Technology Corp...
R7510A RICHTEK-R7510A Datasheet
326Kb / 12P
   PC Power Supply Supervisor
January 2012
logo
Unisonic Technologies
3513 UTC-3513 Datasheet
272Kb / 12P
   PC POWER SUPPLY SUPERVISOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com