Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

19445000 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 19445000
Description  EPIC Rectangular Connectors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

19445000 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  19445000 Datasheet HTML 1Page - List of Unclassifed Manufacturers 19445000 Datasheet HTML 2Page - List of Unclassifed Manufacturers 19445000 Datasheet HTML 3Page - List of Unclassifed Manufacturers 19445000 Datasheet HTML 4Page - List of Unclassifed Manufacturers 19445000 Datasheet HTML 5Page - List of Unclassifed Manufacturers 19445000 Datasheet HTML 6Page - List of Unclassifed Manufacturers 19445000 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
309
800-774-3539 • www.lappusa.com • www.lappcanada.com • www.lappmexico.com
Contacts Sold Separately
All dimensions are in mm.
HD 25 CRIMP TERMINATED: STAMPED & FORMED CONTACT INSERTS
EPIC
® Rectangular Connectors
HD Series
Removal Tool: 11161000
Crimp Dies
0.14-0.5:
11147170
0.5-1.5:
11147180
1.5-2.5:
11147190
Locator
11147300
Crimp Tool
11147000
Crimp Tool for Reel:
11153500
Crimp Dies for Reel:
0.14-0.5:
11153600
0.5-1.5:
11153700
1.5-2.5:
11153800
STAMPED & FORMED CONTACTS: DIAMETER 1.6 MM
mm
2
0.14 - 0.5
0.5 - 1.5
1.5 - 2.5
StrippingLength (mm)
2.5 - 0.5
3.5 - 0.5
3.5 - 0.5
11260000
11261000
Plug
Receptacle
HA 16
Pg 383
View from cable side
Part number= 1 contact (bags) or 1 reel.
0.14 - 0.5
0.5 - 1.5
1.5 - 2.5
mm
2
AWG
26 - 20
20 - 16
16 - 14
Pin
11241100
11221000
11223500
Socket
Pin
Socket
11231100
11236100
11228500
Bags of 100:
Silver
Bags of 100:
Gold
11243100
11221300
-
11233100
11238100
-
0.14 - 0.5
0.5 - 1.5
1.5 - 2.5
mm
2
AWG
26 - 20
20 - 16
16 - 14
Pin
-
-
11223000
Socket
Pin
Socket
Pin
Socket
Pin
Socket
-
-
11228000
11240700
11220700
-
11230700
11235700
-
Reel of 2000: Right
Hand Feed- Silver
-
11220100
-
-
11235200
-
11240000
11220000
-
11230000
11235000
-
Reel of 2000: Right
Hand Feed- Gold
Pin
Socket
11240400
11226000
11222700
11230400
11226500
11227700
Reel of 2000: Left
Hand Feed- Silver
Pin
Socket
11230500
-
-
11240500
-
-
Reel of 2000: Left
Hand Feed- Silver
Reel of 100: Silver
Left Hand Feed
Reel of 200: Silver
Left Hand Feed


Similar Part No. - 19445000

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1944592 PHOENIX-1944592 Datasheet
305Kb / 9P
   MSTBVA 2,5/ 2-G-RN - PCB header
More results

Similar Description - 19445000

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FCN-360A1 FUJITSU-FCN-360A1 Datasheet
1Mb / 32P
   RECTANGULAR CONNECTORS
logo
Mitsumi Electronics, Co...
IAM-D82 MITSUMI-IAM-D82 Datasheet
97Kb / 4P
   Rectangular Connectors
logo
Fujitsu Component Limit...
FCN-361J024-AU FUJITSU-FCN-361J024-AU Datasheet
1Mb / 33P
   RECTANGULAR CONNECTORS
FCN-360C024-B FUJITSU-FCN-360C024-B Datasheet
1Mb / 32P
   RECTANGULAR CONNECTORS
logo
Mitsumi Electronics, Co...
IAM-F30 MITSUMI-IAM-F30 Datasheet
377Kb / 5P
   Rectangular Connectors
logo
List of Unclassifed Man...
FCN-363T-T011 ETC2-FCN-363T-T011 Datasheet
523Kb / 26P
   RECTANGULAR CONNECTORS
logo
Mitsumi Electronics, Co...
IAM-C26 MITSUMI-IAM-C26 Datasheet
239Kb / 4P
   Rectangular Connectors
logo
Fuji Electric
FCN-364P040-AU FUJI-FCN-364P040-AU Datasheet
1Mb / 32P
   RECTANGULAR CONNECTORS
logo
TE Connectivity Ltd
1-172165-2 TEC-1-172165-2 Datasheet
516Kb / 6P
   Rectangular Power Connectors
logo
Lite-On Technology Corp...
FCN-363J-AUS LITEON-FCN-363J-AUS Datasheet
1Mb / 32P
   RECTANGULAR CONNECTORS FCN360 Series
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com