Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLN04G72G2BF2HY-DCRT Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SLN04G72G2BF2HY-DCRT
Description  4096MB DDR3L ??SDRAM ECC SO-DIMM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SLN04G72G2BF2HY-DCRT Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SLN04G72G2BF2HY-DCRT Datasheet HTML 1Page - List of Unclassifed Manufacturers SLN04G72G2BF2HY-DCRT Datasheet HTML 2Page - List of Unclassifed Manufacturers SLN04G72G2BF2HY-DCRT Datasheet HTML 3Page - List of Unclassifed Manufacturers SLN04G72G2BF2HY-DCRT Datasheet HTML 4Page - List of Unclassifed Manufacturers SLN04G72G2BF2HY-DCRT Datasheet HTML 5Page - List of Unclassifed Manufacturers SLN04G72G2BF2HY-DCRT Datasheet HTML 6Page - List of Unclassifed Manufacturers SLN04G72G2BF2HY-DCRT Datasheet HTML 7Page - List of Unclassifed Manufacturers SLN04G72G2BF2HY-DCRT Datasheet HTML 8Page - List of Unclassifed Manufacturers SLN04G72G2BF2HY-DCRT Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
preliminary
Data Sheet
Rev.0.9
26.07.2013
Swissbit AG
Industriestrasse 4
Fon: +41 (0) 71 913 03 03
www.swissbit.com
Page 1
CH
– 9552 Bronschhofen
Fax: +41 (0) 71 913 03 15
eMail: info@swissbit.com
of 17
Figure: mechanical dimensions
1
4096MB DDR3L – SDRAM ECC SO-DIMM
204 Pin ECC SO-UDIMM
SLN04G72G2BF2HY-xxRT
4GByte in FBGA Technology
RoHS compliant
*) The refresh rate has to be doubled when 85°C<TC<95°C
Environmental Requirements:
Operating temperature (ambient)
Standard Grade
0°C to 70°C
Operating Humidity
10% to 90% relative humidity, noncondensing
Operating Pressure
105 to 69 kPa (up to 10000 ft.)
Storage Temperature
-55°C to 100°C
Storage Humidity
5% to 95% relative humidity, noncondensing
Storage Pressure
1682 PSI (up to 5000 ft.) at 50°C
Options:
Data Rate / Latency
Marking
DDR3 1333 MT/s CL9
-CC
DDR3 1600 MT/s CL11
-DC
Module density
4096MB with 18 dies and 2 ranks
Standard Grade
(TA)
0°C to 70°C
(TC)
0°C to 85°C
Features:
204-pin 72-bit DDR3 Small Outline, Dual-In-Line Double
Data Rate synchronous DRAM Module
Module organization: dual rank 512M x 72
VDD = 1.35V and 1.5V
VDDQ = 1.35V and 1.5V
SSTL_15 compatible
Fly-by-bus with termination for C/A & CLK bus
On-board I
2C temperature sensor with integrated serial
presence-detect (SPD) EEPROM
Gold-contact pad
This module is fully pin and functional compatible to the
JEDEC EP3-12800 DDR3 SDRAM 72bit-SO-DIMM
design spec. and JEDEC- Standard MO-268. (see
www.jedec.org)
The pcb and all components are manufactured according
to the RoHS compliance specification
[EU Directive 2002/95/EC Restriction of Hazardous
Substances (RoHS)]
DDR3 - SDRAM component Hynix
H5TC2G83FFR-PBA
256Mx8 DDR3 SDRAM in PG-TFBGA-78 package
8-bit prefetch architecture
Programmable CAS Latency, CAS Write Latency, Additive
Latency, Burst Length and Burst Type.
On-Die-Termination (ODT) and Dynamic ODT for
improved signal integrity.
Refresh, Self Refresh and Power Down Modes.
ZQ Calibration for output driver and ODT.
System Level Timing Calibration Support via Write
Leveling and Multi Purpose Register (MPR) Read Pattern.
1
if no tolerances specified ± 0.15mm


Similar Part No. - SLN04G72G2BF2HY-DCRT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SLN04G72G2BK2MT-CCRT ETC2-SLN04G72G2BK2MT-CCRT Datasheet
684Kb / 17P
   4096MB DDR3L ??SDRAM ECC SO-DIMM
SLN04G72G2BK2MT-DCRT ETC2-SLN04G72G2BK2MT-DCRT Datasheet
684Kb / 17P
   4096MB DDR3L ??SDRAM ECC SO-DIMM
SLN04G72G2BQ2SA-CC[EW]RT ETC2-SLN04G72G2BQ2SA-CC[EW]RT Datasheet
686Kb / 17P
   4096MB DDR3L ??SDRAM ECC SO-DIMM
SLN04G72G2BQ2SA-DC[E/W]RT ETC2-SLN04G72G2BQ2SA-DC[E/W]RT Datasheet
686Kb / 17P
   4096MB DDR3L ??SDRAM ECC SO-DIMM
More results

Similar Description - SLN04G72G2BF2HY-DCRT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SLN04G72G2BK2MT-CCRT ETC2-SLN04G72G2BK2MT-CCRT Datasheet
684Kb / 17P
   4096MB DDR3L ??SDRAM ECC SO-DIMM
SLN04G72G2BQ2SA-CC[EW]RT ETC2-SLN04G72G2BQ2SA-CC[EW]RT Datasheet
686Kb / 17P
   4096MB DDR3L ??SDRAM ECC SO-DIMM
SLN04G64E1BK2MT-CCRT ETC2-SLN04G64E1BK2MT-CCRT Datasheet
689Kb / 17P
   4096MB DDR3L . SDRAM SO-DIMM
SLN04G64E1BF2HY-CC[EW]RT ETC2-SLN04G64E1BF2HY-CC[EW]RT Datasheet
689Kb / 17P
   4096MB DDR3L . SDRAM SO-DIMM
SGN04G72G2BQ2SA-CC[EW]RT ETC2-SGN04G72G2BQ2SA-CC[EW]RT Datasheet
674Kb / 17P
   4096MB DDR3 ??SDRAM ECC SO-DIMM
SGN04G72G1BD2SA-BB[W]RT ETC2-SGN04G72G1BD2SA-BB[W]RT Datasheet
713Kb / 17P
   4096MB DDR3 . SDRAM ECC SO-DIMM
SGN04G72G2BK2MT-DCWRT ETC2-SGN04G72G2BK2MT-DCWRT Datasheet
629Kb / 17P
   4096MB DDR3 ??SDRAM ECC SO-DIMM
SLN08G72G2BD2SA-CC[EW]RT ETC2-SLN08G72G2BD2SA-CC[EW]RT Datasheet
767Kb / 17P
   8GB DDR3L ??SDRAM ECC SO-DIMM
SLN08G72G2BB2SA-CCRT ETC2-SLN08G72G2BB2SA-CCRT Datasheet
782Kb / 17P
   8GB DDR3L ??SDRAM ECC SO-DIMM
SLN08G72G2BA2HY-CCRT ETC2-SLN08G72G2BA2HY-CCRT Datasheet
795Kb / 17P
   8GB DDR3L ??SDRAM ECC SO-DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com