Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

320003 Datasheet(PDF) 4 Page - Numonyx B.V

Part # 320003
Description  NumonyxTM StrataFlash Embedded Memory P33 (256-Mbit, 256-Mbit/256- Mbit) 130nm to 65nm
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

320003 Datasheet(HTML) 4 Page - Numonyx B.V

  320003 Datasheet HTML 1Page - Numonyx B.V 320003 Datasheet HTML 2Page - Numonyx B.V 320003 Datasheet HTML 3Page - Numonyx B.V 320003 Datasheet HTML 4Page - Numonyx B.V 320003 Datasheet HTML 5Page - Numonyx B.V 320003 Datasheet HTML 6Page - Numonyx B.V 320003 Datasheet HTML 7Page - Numonyx B.V 320003 Datasheet HTML 8Page - Numonyx B.V 320003 Datasheet HTML 9Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Conversion Guide: P33 130nm to 65nm
Application Note
Nov 2008
4
Order Number: 320005-04
Revision History
Date of
Revision
Revision
Description
May 2008
001
Initial Release.
July 2008
02
Removed buffer programming difference; added in its place Section 5.7, “Perfor-
mance Improvements in P33 65nm” on page 16.
Sep 2008
03
Updated Axcell trademark
Removed 64M related contents.
Nov 2008
04
Returned to StrataFlashl trademark
Removed 128M related contents
Clarify package options for each density
Align Address to start from A1
Remove Numonyx Confidential
Remove Enhanced Configuration Register command


Similar Part No. - 320003

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3200030 PHOENIX-3200030 Datasheet
143Kb / 4P
   Ferrules With Insulating Collar According to DIN 46228-4
More results

Similar Description - 320003

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYB25L256160AC INFINEON-HYB25L256160AC Datasheet
1Mb / 55P
   256-Mbit Mobile-RAM
V1.1, 2003-04-16
HYE25L256160AC INFINEON-HYE25L256160AC Datasheet
1Mb / 55P
   256-Mbit Mobile-RAM
V1.1, 2003-04-16
logo
Qimonda AG
HYB39SC256 QIMONDA-HYB39SC256 Datasheet
1Mb / 24P
   256-MBit Synchronous DRAM
HYB25L256160AC QIMONDA-HYB25L256160AC Datasheet
716Kb / 18P
   256-MBit Mobile-RAM
logo
Siemens Semiconductor G...
HYB39S256400 SIEMENS-HYB39S256400 Datasheet
425Kb / 56P
   256 MBit Synchronous DRAM
logo
Infineon Technologies A...
HYB39S256400D INFINEON-HYB39S256400D Datasheet
630Kb / 28P
   256-MBit Synchronous DRAM
Rev. 1.02, Feb. 2004
HYB39S256400DT INFINEON-HYB39S256400DT Datasheet
564Kb / 22P
   256 MBit Synchronous DRAM
2002-04-23
logo
Qimonda AG
HYB39S256407FE QIMONDA-HYB39S256407FE Datasheet
1Mb / 27P
   256-MBit Synchronous DRAM
logo
Integrated Silicon Solu...
IS42S16160 ISSI-IS42S16160 Datasheet
949Kb / 60P
   256-MBIT SYNCHRONOUS DRAM
logo
Qimonda AG
HYB18L256169BF QIMONDA-HYB18L256169BF Datasheet
1Mb / 48P
   256-Mbit Mobile-RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com