Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

60145 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # 60145
Description  60132 Circuit Breaker
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

60145 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  60145 Datasheet HTML 1Page - List of Unclassifed Manufacturers 60145 Datasheet HTML 2Page - List of Unclassifed Manufacturers 60145 Datasheet HTML 3Page - List of Unclassifed Manufacturers 60145 Datasheet HTML 4Page - List of Unclassifed Manufacturers 60145 Datasheet HTML 5Page - List of Unclassifed Manufacturers 60145 Datasheet HTML 6Page - List of Unclassifed Manufacturers 60145 Datasheet HTML 7Page - List of Unclassifed Manufacturers 60145 Datasheet HTML 8Page - List of Unclassifed Manufacturers 60145 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
20
© 2002–2008 Schneider Electric All Rights Reserved
03/2008
Multi 9
System Catalog
Section 2—UL and CSA Rated Protection Devices
UL 489 Listed C60 Circuit Breakers (DC)
Overview
A portion of the range of UL 489 circuit breakers are also Listed by UL for use with dc circuits. The
specifications are the same as the UL 489 circuit breakers, with the following exceptions:
Number of poles: 1 and 2
Time/current curve: C curve
Magnetic setting of C curve: between 7 and 14 times ampere rating
DC voltage (nominal): 1 pole—60 Vdc, 2 pole—125 Vdc
Connection: box lug only (same torque)
Catalog Numbers
Table 9:
Specifications for UL 489 C60 DC Circuit Breakers
Ratings per UL Standards
UL 489 C60 (DC)
Number of Poles
1
2
Rated Current (A) at 77°F (25°C)
60 Vdc
Interrupting Ratings per UL 489 (kA)
60 Vdc
10
125 Vdc
10
Service Breaking Capacity (Ics) (%Icu)
75%
75%
Magnetic Setting (Times Ampere Rating)
B curve
C Curve
7 to 14
7 to 14
D Curve
Dimensions
Width
0.71 in. (18 mm)
1.42 in. (36 mm)
Height (Box/Box)
4.21 in. (107 mm)
4.21 in. (107 mm)
Depth
3.00 in. (76 mm)
Weight (Max.)
4.4 oz. (136 g)
8.7 oz. (271 g)
Load
4
1
2
12 in. Min.
+
3
2-Pole Wiring
Diagram
Table 10:
Catalog Numbers for UL 489 C60 Listed Miniature Circuit Breakers (DC)1
1
The dc catalog numbers are the same as the UL 489 ac equivalents.
Rating
C Curve
Rating
C Curve
1P, Box/Box
2P, Box/Box
1P, Box/Box
2P, Box/Box
0.5 A
1 A
60100
60101
30134
60135
10 A
13 A
60110
60111
60144
60145
1.5 A
2 A
60102
60103
60136
60137
15 A
20 A
60112
60113
60146
60147
3 A
4 A
60104
60105
60138
60139
25 A
30 A
60114
60115
60148
60149
5 A
6 A
60106
60107
60140
60141
35 A
40 A
60116
60400
60150
7 A
8 A
60108
60109
60142
60143
50 A
63 A
60401
60102


Similar Part No. - 60145

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
6014 MICRONETICS-6014 Datasheet
41Kb / 1P
   SINGLE POLE, SINGLE THROW DROP-IN/CONNECTORIZED SWITCH MODULES
logo
List of Unclassifed Man...
6014 ETC2-6014 Datasheet
373Kb / 1P
   PLUGS AND JACKS
logo
Mallory performance clu...
6014 MALLORY-6014 Datasheet
1Mb / 12P
   MSD LS Ignition Control
logo
Heyco.
6014 HEYCO-6014 Datasheet
318Kb / 2P
   Heavy Duty Male Blades for Range and Dryer
logo
Christian Bürkert GmbH ...
6014 BURKERT-6014 Datasheet
1Mb / 17P
   Solenoids with Kick and Drop
16.11.2023
More results

Similar Description - 60145

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SI-60132-F BEL-SI-60132-F Datasheet
251Kb / 3P
   SI-60132-F
logo
Carling Technologies
MA1-B-34-615-1A26 CARLINGTECH-MA1-B-34-615-1A26 Datasheet
4Mb / 24P
   Circuit Breaker
logo
Qualtek Electronics Cor...
QMB-032-00ENN-3BA QUALTEK-QMB-032-00ENN-3BA Datasheet
382Kb / 1P
   CIRCUIT BREAKER
QMB-102-11C3N-3BA QUALTEK-QMB-102-11C3N-3BA Datasheet
387Kb / 1P
   CIRCUIT BREAKER
QLB-053-00DNN-3BA QUALTEK-QLB-053-00DNN-3BA Datasheet
392Kb / 1P
   CIRCUIT BREAKER
QLB-153-11B3N-3BA QUALTEK-QLB-153-11B3N-3BA Datasheet
396Kb / 1P
   CIRCUIT BREAKER
QMB-053-00ENN-3BA QUALTEK-QMB-053-00ENN-3BA Datasheet
404Kb / 1P
   CIRCUIT BREAKER
QMB-033-00ENN-3BA QUALTEK-QMB-033-00ENN-3BA Datasheet
404Kb / 1P
   CIRCUIT BREAKER
QMB-053-11C3N-3BA QUALTEK-QMB-053-11C3N-3BA Datasheet
413Kb / 1P
   CIRCUIT BREAKER
QMB-103-11C3N-3BA QUALTEK-QMB-103-11C3N-3BA Datasheet
413Kb / 1P
   CIRCUIT BREAKER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com