Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXTP08N100P Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXTP08N100P
Description  N-Channel Enhancement Mode Avalanche Rated
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP08N100P Datasheet(HTML) 3 Page - IXYS Corporation

  IXTP08N100P Datasheet HTML 1Page - IXYS Corporation IXTP08N100P Datasheet HTML 2Page - IXYS Corporation IXTP08N100P Datasheet HTML 3Page - IXYS Corporation IXTP08N100P Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2009 IXYS CORPORATION, All Rights Reserved
IXTA08N100P IXTP08N100P
IXTY08N100P
Fig. 1. Output Characteristics
@ 25ºC
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
02
46
8
10
12
14
16
18
VDS - Volts
VGS = 10V
7V
5V
6V
Fig. 2. Extended Output Characteristics
@ 25ºC
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
5
10
15
20
25
30
35
VDS - Volts
VGS = 10V
7V
6V
5V
Fig. 3. Output Characteristics
@ 125ºC
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
5
10
15
20
25
30
35
40
VDS - Volts
VGS = 10V
7V
5V
6V
Fig. 4. RDS(on) Normalized to ID = 0.4A Value
vs. Junction Temperature
0.2
0.6
1.0
1.4
1.8
2.2
2.6
3.0
-50
-25
0
25
50
75
100
125
150
TJ - Degrees Centigrade
VGS = 10V
I D = 0.8A
I D = 0.4A
Fig. 5. RDS(on) Normalized to ID = 0.4A Value
vs. Drain Current
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
ID - Amperes
VGS = 10V
TJ = 125ºC
TJ = 25ºC
Fig. 6. Maximum Drain Current vs.
Case Temperature
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
-50
-25
0
25
50
75
100
125
150
TC - Degrees Centigrade


Similar Part No. - IXTP08N100P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTP08N100P IXYS-IXTP08N100P Datasheet
263Kb / 6P
   N-Channel Enhancement Mode Power MOSFET
logo
Inchange Semiconductor ...
IXTP08N100P ISC-IXTP08N100P Datasheet
295Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - IXTP08N100P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFA60N25X3 IXYS-IXFA60N25X3 Datasheet
272Kb / 6P
   N-Channel Enhancement Mode Avalanche Rated Avalanche Rated
IXTU1R4N60P IXYS-IXTU1R4N60P Datasheet
157Kb / 4P
   N-Channel Enhancement Mode Avalanche Rated
IXTA180N10T IXYS-IXTA180N10T Datasheet
160Kb / 2P
   N-Channel Enhancement Mode Avalanche Rated
IXTH30N50P IXYS-IXTH30N50P Datasheet
352Kb / 5P
   N-Channel Enhancement Mode Avalanche Rated
IXTP2N100P IXYS-IXTP2N100P Datasheet
153Kb / 4P
   N-Channel Enhancement Mode Avalanche Rated
MMIX1T132N50P3 IXYS-MMIX1T132N50P3 Datasheet
273Kb / 7P
   N-Channel Enhancement Mode Avalanche Rated
IXTH96N25T IXYS-IXTH96N25T Datasheet
176Kb / 5P
   N-Channel Enhancement Mode Avalanche Rated
IXTH160N15T IXYS-IXTH160N15T Datasheet
130Kb / 5P
   N-Channel Enhancement Mode Avalanche Rated
IXTF200N10T IXYS-IXTF200N10T Datasheet
166Kb / 5P
   N-Channel Enhancement Mode Avalanche Rated
IXTL2X200N085T IXYS-IXTL2X200N085T Datasheet
71Kb / 2P
   N-Channel Enhancement Mode Avalanche Rated
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com