Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXBN42N170A Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXBN42N170A
Description  High Voltage, High Gain BIMOSFETTM Monolithic Bipolar MOS Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXBN42N170A Datasheet(HTML) 4 Page - IXYS Corporation

  IXBN42N170A Datasheet HTML 1Page - IXYS Corporation IXBN42N170A Datasheet HTML 2Page - IXYS Corporation IXBN42N170A Datasheet HTML 3Page - IXYS Corporation IXBN42N170A Datasheet HTML 4Page - IXYS Corporation IXBN42N170A Datasheet HTML 5Page - IXYS Corporation IXBN42N170A Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions and Dimensions.
IXBN42N170A
Fig. 7. Transconductance
0
5
10
15
20
25
30
35
40
45
0
1020
3040
5060
7080
90
100
IC - Amperes
TJ = - 40ºC
25ºC
125ºC
Fig. 11. Reverse-Bias Safe Operating Area
0
10
20
30
40
50
60
70
80
90
200
400
600
800
1000
1200
1400
1600
1800
VCE - Volts
TJ = 125ºC
RG = 10Ω
dv / dt < 10V / ns
Fig. 8. Gate Charge
0
2
4
6
8
10
12
14
16
0
20
40
60
80
100
120
140
160
180
200
QG - NanoCoulombs
VCE = 850V
I C = 42A
I G = 10mA
Fig. 10. Capacitance
10
100
1,000
10,000
0
5
10
15
20
25
30
35
40
VCE - Volts
f = 1 MHz
Cies
Coes
Cres
Fig. 9. Forward Voltage Drop of Intrinsic Diode
0
20
40
60
80
100
120
140
160
180
200
220
02
46
8
10
12
VF - Volts
TJ = 125ºC
TJ
J
= 25ºC
Fig. 12. Maximum Transient Thermal Impedance
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
Pulse Width - Second


Similar Part No. - IXBN42N170A

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXBN75N170 IXYS-IXBN75N170 Datasheet
180Kb / 5P
   BiMOSFETTM Monolithic Bipolar MOS Transistor
IXBN75N170A IXYS-IXBN75N170A Datasheet
91Kb / 2P
   BIMOSFET Monolithic Bipolar MOS Transistor
More results

Similar Description - IXBN42N170A

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXBH16N170 IXYS-IXBH16N170 Datasheet
182Kb / 5P
   High Voltage, High Gain BIMOSFETTM Monolithic Bipolar MOS Transistor
IXBR42N170 IXYS-IXBR42N170 Datasheet
175Kb / 5P
   High Voltage, High Gain BIMOSFETTM Monolithic Bipolar MOS Transistor
IXBA16N170AHV IXYS-IXBA16N170AHV Datasheet
168Kb / 2P
   High Voltage, High Gain BIMOSFETTM Monolithic Bipolar MOS Transistor
IXBH24N170 IXYS-IXBH24N170 Datasheet
181Kb / 5P
   High Voltage, High Gain BIMOSFETTM Monolithic Bipolar MOS Transistor
IXBF32N300 IXYS-IXBF32N300 Datasheet
201Kb / 5P
   High Voltage, High Gain BIMOSFETTM Monolithic Bipolar MOS Transistor
IXBH20N300 IXYS-IXBH20N300 Datasheet
180Kb / 5P
   High Voltage, High Gain BIMOSFETTM Monolithic Bipolar MOS Transistor
IXBA14N300HV IXYS-IXBA14N300HV Datasheet
365Kb / 6P
   High Voltage, High Gain BIMOSFETTM Monolithic Bipolar MOS Transistor
IXBH12N300 IXYS-IXBH12N300 Datasheet
183Kb / 5P
   High Voltage, High Gain BIMOSFETTM Monolithic Bipolar MOS Transistor
IXBK55N300 IXYS-IXBK55N300 Datasheet
221Kb / 6P
   High Voltage, High Gain BiMOSFETTM Monolithic Bipolar MOS Transistor
IXBH42N170 IXYS-IXBH42N170 Datasheet
581Kb / 5P
   High Voltage, High Gain BIMOSFETTM Monolithic Bipolar MOS Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com