Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS6072CDG4 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # THS6072CDG4
Description  LOW-POWER ADSL DIFFERENTIAL RECEIVER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS6072CDG4 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  THS6072CDG4 Datasheet HTML 1Page - National Semiconductor (TI) THS6072CDG4 Datasheet HTML 2Page - National Semiconductor (TI) THS6072CDG4 Datasheet HTML 3Page - National Semiconductor (TI) THS6072CDG4 Datasheet HTML 4Page - National Semiconductor (TI) THS6072CDG4 Datasheet HTML 5Page - National Semiconductor (TI) THS6072CDG4 Datasheet HTML 6Page - National Semiconductor (TI) THS6072CDG4 Datasheet HTML 7Page - National Semiconductor (TI) THS6072CDG4 Datasheet HTML 8Page - National Semiconductor (TI) THS6072CDG4 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
THS6072
LOW-POWER ADSL DIFFERENTIAL RECEIVER
SLOS290B – FEBRUARY 2000 – REVISED JUNE 2001
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at TA = 25°C, VCC = ±15 V, RL = 150 Ω (unless otherwise noted)
dynamic performance
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC = ± 15 V
Gain = 1
175
MHz
Small signal bandwidth ( 3 dB)
VCC = ± 5 V
Gain = 1
160
MHz
Small-signal bandwidth (–3 dB)
VCC = ± 15 V
Gain = 1
70
MHz
BW
VCC = ± 5 V
Gain = –1
65
MHz
BW
Bandwidth for 0 1 dB flatness
VCC = ± 15 V
Gain = 1
35
MHz
Bandwidth for 0.1 dB flatness
VCC = ± 5 V
Gain = 1
35
MHz
Full power bandwidth†
VO(pp) = 20 V,
VCC = ± 15 V
2.7
MHz
Full power bandwidth†
VO(pp) = 5 V,
VCC = ± 5 V
7.1
MHz
SR
Slew rate‡
VCC = ± 15 V,
20-V step
Gain = 5
230
V/
µs
SR
Slew rate‡
VCC = ± 5 V,
5-V step
Gain = 1
170
V/
µs
Settling time to 0 1%
VCC = ± 15 V,
5-V step
Gain = 1
43
ns
t
Settling time to 0.1%
VCC = ± 5 V,
2-V step
Gain = –1
30
ns
ts
Settling time to 0 01%
VCC = ± 15 V,
5-V step
Gain = 1
233
ns
Settling time to 0.01%
VCC = ± 5 V,
2-V step
Gain = –1
280
ns
† Full power bandwidth = slew rate/2
π VO(Peak).
‡ Slew rate is measured from an output level range of 25% to 75%.
noise/distortion performance
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
THD
Total harmonic distortion
VO(pp) = 2 V,
VCC = ± 15 V
RL = 1 kΩ
–79
dBc
THD
Total harmonic distortion
O(
)
,
f = 1 MHz, Gain = 2
VCC = ± 5 V
RL = 1 kΩ
–77
dBc
Vn
Input voltage noise
VCC = ± 5 V or ± 15 V, f = 10 kHz
10
nV/
√Hz
In
Input current noise
VCC = ± 5 V or ± 15 V, f = 10 kHz
0.7
pA/
√Hz
Channel-to-channel crosstalk
VCC = ± 5 V or ± 15 V, f = 1 MHz
–75
dB
dc performance
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC = ± 15 V
VO = ± 10 V
RL =1kΩ
TA = 25°C
10
19
V/mV
Open loop gain
VCC = ± 15 V, VO = ± 10 V, RL = 1 kΩ
TA = full range
9
V/mV
Open loop gain
VCC = ± 5V
VO = ± 25 V
RL = 250 Ω
TA = 25°C
8
16
V/mV
VCC = ± 5 V,
VO = ± 2.5 V, RL = 250 Ω
TA = full range
7
V/mV
VOS
Input offset voltage
TA = 25°C
1
7
mV
VOS
Input offset voltage
TA = full range
8
mV
Offset voltage drift
TA = full range
15
µV/°C
IIB
Input bias current
VCC = ± 5 V or ± 15 V
TA = 25°C
1.2
6
µA
IIB
Input bias current
TA = full range
8
µA
IOS
Input offset current
TA = 25°C
20
250
nA
IOS
Input offset current
TA = full range
400
nA
Offset current drift
TA = full range
0.3
nA/
°C


Similar Part No. - THS6072CDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6072CDGN TI-THS6072CDGN Datasheet
385Kb / 24P
[Old version datasheet]   LOW-POWER ADSL DIFFERENTIAL RECEIVER
More results

Similar Description - THS6072CDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6072 TI-THS6072 Datasheet
385Kb / 24P
[Old version datasheet]   LOW-POWER ADSL DIFFERENTIAL RECEIVER
THS6062 TI-THS6062 Datasheet
540Kb / 31P
[Old version datasheet]   LOW-NOISE ADSL DUAL DIFFERENTIAL RECEIVER
THS6062 TI1-THS6062_16 Datasheet
1Mb / 36P
[Old version datasheet]   LOW-NOISE ADSL DUAL DIFFERENTIAL RECEIVER
THS6062IDR TI1-THS6062IDR Datasheet
1Mb / 36P
[Old version datasheet]   LOW-NOISE ADSL DUAL DIFFERENTIAL RECEIVER
SN55LBC173 TI-SN55LBC173 Datasheet
312Kb / 12P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL RECEIVER
SN55LBC173-DIE TI1-SN55LBC173-DIE Datasheet
97Kb / 5P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL RECEIVER
SN55LBC173 TI-SN55LBC173_07 Datasheet
323Kb / 12P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL RECEIVER
SNJ55LBC173 TI-SNJ55LBC173 Datasheet
137Kb / 8P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL RECEIVER
SN55LBC173-HIREL TI1-SN55LBC173-HIREL Datasheet
190Kb / 12P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL RECEIVER
logo
National Semiconductor ...
100314 NSC-100314 Datasheet
112Kb / 8P
   Low Power Quint Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com