Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS4505DGNRG4 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # THS4505DGNRG4
Description  WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4505DGNRG4 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  THS4505DGNRG4 Datasheet HTML 1Page - National Semiconductor (TI) THS4505DGNRG4 Datasheet HTML 2Page - National Semiconductor (TI) THS4505DGNRG4 Datasheet HTML 3Page - National Semiconductor (TI) THS4505DGNRG4 Datasheet HTML 4Page - National Semiconductor (TI) THS4505DGNRG4 Datasheet HTML 5Page - National Semiconductor (TI) THS4505DGNRG4 Datasheet HTML 6Page - National Semiconductor (TI) THS4505DGNRG4 Datasheet HTML 7Page - National Semiconductor (TI) THS4505DGNRG4 Datasheet HTML 8Page - National Semiconductor (TI) THS4505DGNRG4 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
THS4504
THS4505
www.ti.com ......................................................................................................................................................... SLOS363D – AUGUST 2002 – REVISED MAY 2008
ELECTRICAL CHARACTERISTICS: VS = ±5 V (continued)
VS = ±5 V, RF = RG = 499 Ω, RL = 800 Ω, G = +1, and single-ended input, unless otherwise noted.
THS4504 AND THS4505
TYP
OVER TEMPERATURE
MIN/
PARAMETER
TEST CONDITIONS
TYP/
0
°C to
–40
°C to
+25
°C
+25
°C
UNIT
MAX
+70
°C
+85
°C
INPUT
Common-mode input range
–5.7/2.6
–5.4/2.3
–5.1/2
–5.1/2
V
Min
Common-mode rejection ratio
80
74
70
70
dB
Min
Input impedance
107 || 1
Ω || pF
Typ
OUTPUT
Differential output voltage swing
RL = 1 kΩ
±8
±7.6
±7.4
±7.4
V
Min
Differential output current drive
RL = 20 Ω
130
110
100
100
mA
Min
Output balance error
PIN = –20 dBm, f = 100 kHz
–65
dB
Typ
Closed-loop output impedance
f = 1 MHz
0.1
Typ
(single-ended)
OUTPUT COMMON-MODE VOLTAGE CONTROL
Small-signal bandwidth
RL = 400 Ω
200
MHz
Typ
Slew rate
2 VPP Step
92
V/
µs
Typ
Minimum gain
1
0.98
0.98
0.98
V/V
Min
Maximum gain
1
1.02
1.02
1.02
V/V
Max
Common-mode offset voltage
–0.4
–4.6/+3.8
–6.6/+5.8
–7.6/+6.8
mV
Max
Input bias current
VOCM = 2.5 V
100
150
170
170
µA
Max
Input voltage range
±4
±3.7
±3.4
±3.4
V
Min
Input impedance
25 || 1
k
Ω || pF
Typ
Maximum default voltage
VOCM left floating
0
0.05
0.10
0.10
V
Max
Minimum default voltage
VOCM left floating
0
–0.05
–0.10
–0.10
V
Min
POWER SUPPLY
Specified operating voltage
±5
±7.5
±7.5
±7.5
V
Max
Maximum quiescent current
16
20
23
25
mA
Max
Minimum quiescent current
16
13
11
9
mA
Min
Power-supply rejection (±PSRR)
80
76
73
70
dB
Min
POWER-DOWN (THS4504 ONLY)
Enable voltage threshold
Device enabled ON above –2.9 V
–2.9
V
Min
Device disabled OFF below
Disable voltage threshold
–4.3
V
Max
–4.3 V
Power-down quiescent current
800
1000
1200
1200
µA
Max
Input bias current
200
240
260
260
µA
Max
Input impedance
50 || 1
k
Ω || pF
Typ
Turn-on time delay
1000
ns
Typ
Turn-off time delay
800
ns
Typ
Copyright © 2002–2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): THS4504 THS4505


Similar Part No. - THS4505DGNRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4505DGNR TI-THS4505DGNR Datasheet
1Mb / 38P
[Old version datasheet]   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
More results

Similar Description - THS4505DGNRG4

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
THS4503-EP NSC-THS4503-EP Datasheet
1Mb / 40P
   WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
logo
Texas Instruments
THS4503-EP TI1-THS4503-EP_17 Datasheet
1Mb / 40P
[Old version datasheet]   WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
THS4502 TI1-THS4502_16 Datasheet
1Mb / 48P
[Old version datasheet]   Wideband, Low-Distortion Fully Differential Amplifiers
THS4503-EP TI1-THS4503-EP Datasheet
768Kb / 38P
[Old version datasheet]   WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
logo
National Semiconductor ...
THS4502 NSC-THS4502 Datasheet
1Mb / 49P
   Wideband, Low-Distortion Fully Differential Amplifiers
logo
Texas Instruments
THS4505 TI-THS4505 Datasheet
1Mb / 38P
[Old version datasheet]   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
logo
National Semiconductor ...
THS4501 NSC-THS4501 Datasheet
1Mb / 48P
   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
logo
Texas Instruments
THS4500IDR TI1-THS4500IDR Datasheet
1Mb / 48P
[Old version datasheet]   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
THS4500 TI-THS4500 Datasheet
585Kb / 37P
[Old version datasheet]   WIDEBAND, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
THS4502 TI-THS4502 Datasheet
609Kb / 40P
[Old version datasheet]   WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com