Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS4504D Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4504D
Description  WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4504D Datasheet(HTML) 1 Page - National Semiconductor (TI)

  THS4504D Datasheet HTML 1Page - National Semiconductor (TI) THS4504D Datasheet HTML 2Page - National Semiconductor (TI) THS4504D Datasheet HTML 3Page - National Semiconductor (TI) THS4504D Datasheet HTML 4Page - National Semiconductor (TI) THS4504D Datasheet HTML 5Page - National Semiconductor (TI) THS4504D Datasheet HTML 6Page - National Semiconductor (TI) THS4504D Datasheet HTML 7Page - National Semiconductor (TI) THS4504D Datasheet HTML 8Page - National Semiconductor (TI) THS4504D Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
DGK-8
DGN-8
D-8
1
FEATURES
APPLICATIONS
1
2
3
4
8
7
6
5
VIN−
VIN+
VOCM
VS+
VOUT+
PD
VS−
VOUT−
RELATED DEVICES
DESCRIPTION
-
+
-
+
VOCM
12 Bit/80 MSps
IN
IN
5 V
Vref
5 V
VS
0.1
µF
10
µF
499
8.2 pF
1
µF
53.6
ADC
487
50
523
499
8.2 pF
24.9
24.9
THS4504
THS4505
www.ti.com ......................................................................................................................................................... SLOS363D – AUGUST 2002 – REVISED MAY 2008
WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
• High Linearity Analog-to-Digital Converter
23
• Fully Differential Architecture
Preamplifier
• Bandwidth: 260 MHz
• Wireless Communication Receiver Chains
• Slew Rate: 1800 V/µs
• Single-Ended to Differential Conversion
• IMD
3: –73 dBc at 30 MHz
• Differential Line Driver
• OIP
3: 29 dBm at 30 MHz
• Active Filtering of Differential Signals
• Output Common-Mode Control
• Wide Power-Supply Voltage Range: 5 V, ±5 V,
12 V, 15 V
• Input Common-Mode Range Shifted to Include
the Negative Power-Supply Rail
• Power-Down Capability (THS4504)
• Evaluation Module Available
DEVICE(1)
DESCRIPTION
The THS4504 and THS4505 are high-performance,
fully differential amplifiers from Texas Instruments.
THS4504/5
260 MHz, 1800 V/
µs, V
ICR Includes VS–
The THS4504, featuring power-down capability, and
THS4500/1
370 MHz, 2800 V/
µs, V
ICR Includes VS–
the THS4505, without power-down capability, set new
THS4502/3
370 MHz, 2800 V/
µs, Centered V
ICR
performance standards for fully differential amplifiers
THS4120/1
3.3 V, 100 MHz, 43 V/
µs, 3.7 nV/√Hz
with
unsurpassed
linearity,
supporting
12-bit
THS4130/1
15 V, 150 MHz, 51 V/
µs, 1.3 nV/√Hz
operation through 40 MHz. Package options include
the SOIC-8 and the MSOP-8 with PowerPAD™ for a
THS4140/1
15 V, 160 MHz, 450 V/
µs, 6.5 nV/√Hz
smaller footprint, enhanced ac performance, and
THS4150/1
15 V, 150 MHz, 650 V/
µs, 7.6 nV/√Hz
improved thermal dissipation capability.
(1)
Even numbered devices feature power-down capability
APPLICATION CIRCUIT DIAGRAM
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments, Incorporated.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2002–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - THS4504D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4504D TI-THS4504D Datasheet
1Mb / 38P
[Old version datasheet]   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
THS4504DGK TI-THS4504DGK Datasheet
1Mb / 38P
[Old version datasheet]   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
THS4504DGKR TI-THS4504DGKR Datasheet
1Mb / 38P
[Old version datasheet]   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
THS4504DGN TI-THS4504DGN Datasheet
1Mb / 38P
[Old version datasheet]   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
THS4504DGNR TI-THS4504DGNR Datasheet
1Mb / 38P
[Old version datasheet]   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
More results

Similar Description - THS4504D

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
THS4503-EP NSC-THS4503-EP Datasheet
1Mb / 40P
   WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
logo
Texas Instruments
THS4503-EP TI1-THS4503-EP_17 Datasheet
1Mb / 40P
[Old version datasheet]   WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
THS4502 TI1-THS4502_16 Datasheet
1Mb / 48P
[Old version datasheet]   Wideband, Low-Distortion Fully Differential Amplifiers
THS4503-EP TI1-THS4503-EP Datasheet
768Kb / 38P
[Old version datasheet]   WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
logo
National Semiconductor ...
THS4502 NSC-THS4502 Datasheet
1Mb / 49P
   Wideband, Low-Distortion Fully Differential Amplifiers
logo
Texas Instruments
THS4505 TI-THS4505 Datasheet
1Mb / 38P
[Old version datasheet]   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
logo
National Semiconductor ...
THS4501 NSC-THS4501 Datasheet
1Mb / 48P
   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
logo
Texas Instruments
THS4500IDR TI1-THS4500IDR Datasheet
1Mb / 48P
[Old version datasheet]   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
THS4500 TI-THS4500 Datasheet
585Kb / 37P
[Old version datasheet]   WIDEBAND, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
THS4502 TI-THS4502 Datasheet
609Kb / 40P
[Old version datasheet]   WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com