Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS4215DGNG4 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # THS4215DGNG4
Description  LOW-DISTORTION, HIGH-SPEED, VOLTAGE FEEDBACK AMPLIFIER
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4215DGNG4 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button THS4215DGNG4 Datasheet HTML 7Page - National Semiconductor (TI) THS4215DGNG4 Datasheet HTML 8Page - National Semiconductor (TI) THS4215DGNG4 Datasheet HTML 9Page - National Semiconductor (TI) THS4215DGNG4 Datasheet HTML 10Page - National Semiconductor (TI) THS4215DGNG4 Datasheet HTML 11Page - National Semiconductor (TI) THS4215DGNG4 Datasheet HTML 12Page - National Semiconductor (TI) THS4215DGNG4 Datasheet HTML 13Page - National Semiconductor (TI) THS4215DGNG4 Datasheet HTML 14Page - National Semiconductor (TI) THS4215DGNG4 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
-100
-95
-90
-85
-80
-75
-70
0
0.5 1
1.5 2
2.5 3
3.5
4
4.5 5
VO - Output Voltage Swing - ±V
HD2, RL = 499Ω
HD3, RL = 150Ω
HD2, RL = 150Ω
HD3, RL = 499Ω
Gain = 1
f= 8 MHz
VS = ±5 V
VO - Output Voltage Swing - ±V
Gain = 1
f= 32 MHz
VS = ±5 V
HD2, RL = 499Ω
HD2, RL = 150Ω
HD3, RL = 150Ω
HD3, RL = 499Ω
-100
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
0
0.5 1
1.5 2
2.5 3
3.5 4
4.5 5
-100
-95
-90
-85
-80
-75
-70
-65
0
0.5
1
1.5
2
2.5 3
3.5 4
4.5 5
VO - Output Voltage Swing - ±V
Gain = 2
Rf = 249 Ω
f = 8 MHz
VS = ±5 V
HD3, RL = 150Ω
HD2, RL = 499Ω
HD3, RL = 499Ω
HD2, RL = 150Ω
-100
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
0
1
2
3
4
5
VO - Output Voltage Swing - ±V
Gain = 2
Rf = 249 Ω
f = 32 MHz
VS = ±5 V
HD3, RL = 150Ω
HD2, RL = 499Ω
HD2, RL = 150Ω
HD3, RL = 499Ω
0.5
1.5
2.5
3.5
4.5
30
35
40
45
50
55
60
0
20
40
60
80
100
VO = 2 VPP
VO = 1 VPP
Gain = 1
RL = 150 Ω
VS = ±5 V
200 kHz Tone Spacing
f - Frequency - MHz
-100
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
10
100
f - Frequency - MHz
VO = 2 VPP
VO = 1 VPP
Gain = 1
RL = 150 Ω
VS = ±5 V
200 kHz Tone Spacing
1
10
100
1 k
10 k
100 k
1 M
10 M
100 M
1
10
100
Vn
In
f - Frequency - Hz
f - Frequency - MHz
Gain = 2
RL = 150 Ω
VS = ±5 V
200 kHz Tone Spacing
VO = 2 VPP
VO = 1 VPP
-100
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
10
100
20
25
30
35
40
45
50
55
60
0
20
40
60
80
100
f - Frequency - MHz
Gain = 2
RL = 150 Ω
VS = ±5 V
200 kHz Tone Spacing
VO = 1 VPP
VO = 2 VPP
THS4211
THS4215
www.ti.com ................................................................................................................................... SLOS400E – SEPTEMBER 2002 – REVISED SEPTEMBER 2009
TYPICAL CHARACTERISTICS: ±5 V (continued)
HARMONIC DISTORTION
HARMONIC DISTORTION
HARMONIC DISTORTION
vs
vs
vs
OUTPUT VOLTAGE SWING
OUTPUT VOLTAGE SWING
OUTPUT VOLTAGE SWING
Figure 10.
Figure 11.
Figure 12.
THIRD-ORDER INTERMODULATION
THIRD-ORDER OUTPUT
HARMONIC DISTORTION
DISTORTION
INTERCEPT POINT
vs
vs
vs
OUTPUT VOLTAGE SWING
FREQUENCY
FREQUENCY
Figure 13.
Figure 14.
Figure 15.
THIRD-ORDER INTERMODULATION
THIRD-ORDER OUTPUT
DISTORTION
INTERCEPT POINT
VOLTAGE AND CURRENT NOISE
vs
vs
vs
FREQUENCY
FREQUENCY
FREQUENCY
Figure 16.
Figure 17.
Figure 18.
Copyright © 2002–2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): THS4211 THS4215


Similar Part No. - THS4215DGNG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4215DGNG4 TI-THS4215DGNG4 Datasheet
1Mb / 41P
[Old version datasheet]   LOW-DISTORTION HIGH-SPEED VOLTAGE FEEDBACK AMPLIFIER
More results

Similar Description - THS4215DGNG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4211 TI-THS4211 Datasheet
1Mb / 41P
[Old version datasheet]   LOW-DISTORTION HIGH-SPEED VOLTAGE FEEDBACK AMPLIFIER
LM6171 TI1-LM6171 Datasheet
1Mb / 30P
[Old version datasheet]   High Speed Low Power Low Distortion Voltage Feedback Amplifier
logo
National Semiconductor ...
LM6171 NSC-LM6171 Datasheet
708Kb / 17P
   High Speed Low Power Low Distortion Voltage Feedback Amplifier
LM6171 NSC-LM6171_14 Datasheet
1Mb / 30P
   LM6171 High Speed Low Power Low Distortion Voltage Feedback Amplifier
logo
Texas Instruments
LM6171AIM TI-LM6171AIM Datasheet
1Mb / 30P
[Old version datasheet]   LM6171 High Speed Low Power Low Distortion Voltage Feedback Amplifier
LM6171AIM TI1-LM6171AIM Datasheet
1Mb / 30P
[Old version datasheet]   LM6171 High Speed Low Power Low Distortion Voltage Feedback Amplifier
LM6172QML TI1-LM6172QML Datasheet
1Mb / 22P
[Old version datasheet]   Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
logo
National Semiconductor ...
LM6172 NSC-LM6172 Datasheet
551Kb / 16P
   Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
logo
Texas Instruments
LM6172 TI1-LM6172 Datasheet
1Mb / 25P
[Old version datasheet]   Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
LM6172QML-SP TI1-LM6172QML-SP Datasheet
1Mb / 25P
[Old version datasheet]   Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com