Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS4281DGKG4 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # THS4281DGKG4
Description  VERY LOW-POWER, HIGH-SPEED, RAIL-TO-RAIL INPUT AND OUTPUT VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4281DGKG4 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button THS4281DGKG4 Datasheet HTML 5Page - National Semiconductor (TI) THS4281DGKG4 Datasheet HTML 6Page - National Semiconductor (TI) THS4281DGKG4 Datasheet HTML 7Page - National Semiconductor (TI) THS4281DGKG4 Datasheet HTML 8Page - National Semiconductor (TI) THS4281DGKG4 Datasheet HTML 9Page - National Semiconductor (TI) THS4281DGKG4 Datasheet HTML 10Page - National Semiconductor (TI) THS4281DGKG4 Datasheet HTML 11Page - National Semiconductor (TI) THS4281DGKG4 Datasheet HTML 12Page - National Semiconductor (TI) THS4281DGKG4 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
THS4281
www.ti.com
SLOS432A – APRIL 2004 – REVISED NOVEMBER 2009
ELECTRICAL CHARACTERISTICS, VS = ±5 V (continued)
At G = +2, RF = 2.49 kΩ, and RL = 1 kΩ, unless otherwise noted
TYP
OVER TEMPERATURE
PARAMETER
CONDITIONS
0°C to
–40°C to
MIN/
+25°C
+25°C
UNITS
+70°C
+85°C
MAX
POWER SUPPLY
Maximum Operating Voltage
±5
±8.25
±8.25
±8.25
V
Max
Minimum Operating Voltage
±5
±1.35
±1.35
±1.35
V
Min
Maximum Quiescent Current
0.8
0.93
1.0
1.05
mA
Max
Minimum Quiescent Current
0.8
0.67
0.62
0.6
mA
Min
Power-Supply Rejection (+PSRR)
VS+ = 5.5 V to 4.5 V, VS– = 5.0 V
100
80
75
75
dB
Min
Power-Supply Rejection (–PSRR)
VS+ = 5 V, VS– = –5.5 V to –4.5 V
100
80
75
75
dB
Min
Copyright © 2004–2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): THS4281


Similar Part No. - THS4281DGKG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4281DGK TI-THS4281DGK Datasheet
1Mb / 31P
[Old version datasheet]   VERY LOW-POWER, HIGH-SPEED, RAIL-TO-RAIL INPUT AND OUTPUT VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
THS4281DGK TI1-THS4281DGK Datasheet
1Mb / 38P
[Old version datasheet]   VERY LOW-POWER, HIGH-SPEED, RAIL-TO-RAIL INPUT AND OUTPUT VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
THS4281DGKR TI-THS4281DGKR Datasheet
1Mb / 31P
[Old version datasheet]   VERY LOW-POWER, HIGH-SPEED, RAIL-TO-RAIL INPUT AND OUTPUT VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
THS4281DGKR TI1-THS4281DGKR Datasheet
1Mb / 38P
[Old version datasheet]   VERY LOW-POWER, HIGH-SPEED, RAIL-TO-RAIL INPUT AND OUTPUT VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
THS4281DGKR TI1-THS4281DGKR Datasheet
2Mb / 43P
[Old version datasheet]   Voltage-Feedback Operational Amplifier
More results

Similar Description - THS4281DGKG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4281 TI1-THS4281_14 Datasheet
1Mb / 38P
[Old version datasheet]   VERY LOW-POWER, HIGH-SPEED, RAIL-TO-RAIL INPUT AND OUTPUT VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
THS4281 TI-THS4281 Datasheet
1Mb / 31P
[Old version datasheet]   VERY LOW-POWER, HIGH-SPEED, RAIL-TO-RAIL INPUT AND OUTPUT VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
OPA2836-Q1 TI1-OPA2836-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   Very-Low Power, Rail-to-Rail Out, Negative-Rail In, Voltage-Feedback Operational Amplifier
logo
National Semiconductor ...
LMC6582 NSC-LMC6582 Datasheet
678Kb / 19P
   Low Voltage, Rail-To-Rail Input and Output CMOS Operational Amplifier
logo
STMicroelectronics
TS951 STMICROELECTRONICS-TS951_05 Datasheet
350Kb / 15P
   Input/Output Rail-to-Rail Low Power Operational Amplifier
TS951 STMICROELECTRONICS-TS951_07 Datasheet
440Kb / 17P
   Input/output rail-to-rail low power operational amplifier
TS971 STMICROELECTRONICS-TS971_07 Datasheet
473Kb / 17P
   Output rail-to-rail very low noise operational amplifier
logo
Analog Devices
AD8040 AD-AD8040 Datasheet
649Kb / 20P
   Low Power, High Speed Rail-to-Rail Input/Output Amplifier
REV. A
AD8040 AD-AD8040_15 Datasheet
670Kb / 25P
   Low Power, High Speed Rail-to-Rail Input/Output Amplifier
REV. B
AD8029 AD-AD8029 Datasheet
728Kb / 24P
   Low Power, High Speed Rail-to-Rail Input/Output Amplifier
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com