Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS4151IDGK Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4151IDGK
Description  HIGH-SPEED DIFFERENTIAL I/O AMPLIFIERS
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4151IDGK Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button THS4151IDGK Datasheet HTML 3Page - National Semiconductor (TI) THS4151IDGK Datasheet HTML 4Page - National Semiconductor (TI) THS4151IDGK Datasheet HTML 5Page - National Semiconductor (TI) THS4151IDGK Datasheet HTML 6Page - National Semiconductor (TI) THS4151IDGK Datasheet HTML 7Page - National Semiconductor (TI) THS4151IDGK Datasheet HTML 8Page - National Semiconductor (TI) THS4151IDGK Datasheet HTML 9Page - National Semiconductor (TI) THS4151IDGK Datasheet HTML 10Page - National Semiconductor (TI) THS4151IDGK Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
−100
−90
−80
−70
0.2
1.2
2.2
3.2
4.2
Single Input to
Differential Output
Differential Input to
Differential Output
VCC = ±5 to ±15
Gain = 1,
Rf = 390 Ω,
RL = 800 Ω,
f = 1 MHz
VO − Output Voltage − V
−120
−110
−100
−90
−80
−70
−60
−50
−40
100 k
1 M
f − Frequency − Hz
10 M
100 M
Gain = 1,
Rf = 390 Ω,
RL = 800 Ω,
VO = 2 Vpp,
VCC = ±2.5 V
2nd HD
3rd HD
5th HD
4th HD
Single Input to
Differential Output
−120
−110
−100
−90
−80
−70
−60
−50
−40
100 k
1 M
f − Frequency − Hz
10 M
100 M
Gain = 1,
Rf = 390 Ω,
RL = 800 Ω,
VO = 2 Vpp,
VCC = ±5 V
2nd HD
3rd HD
5th HD
4th HD
Single Input to
Differential Output
THS4150
THS4151
www.ti.com........................................................................................................................................................... SLOS321G – MAY 2000 – REVISED MARCH 2009
TYPICAL CHARACTERISTICS (continued)
TOTAL HARMONIC DISTORTION
vs
OUTPUT VOLTAGE
Figure 7.
HARMONIC DISTORTION
HARMONIC DISTORTION
vs
vs
FREQUENCY
FREQUENCY
Figure 8.
Figure 9.
Copyright © 2000–2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): THS4150 THS4151


Similar Part No. - THS4151IDGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4151IDGK TI-THS4151IDGK Datasheet
1,010Kb / 34P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL I/O AMPLIFIERS
THS4151IDGKG4 TI-THS4151IDGKG4 Datasheet
1,010Kb / 34P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL I/O AMPLIFIERS
More results

Similar Description - THS4151IDGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4150CDGN TI-THS4150CDGN Datasheet
1,010Kb / 34P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL I/O AMPLIFIERS
THS4150 TI-THS4150 Datasheet
563Kb / 27P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL I/O AMPLIFIERS
THS4121IDGN TI1-THS4121IDGN Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4121CD TI-THS4121CD Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4141CDGNR TI-THS4141CDGNR Datasheet
1Mb / 33P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
National Semiconductor ...
THS4140 NSC-THS4140 Datasheet
1Mb / 33P
   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
Texas Instruments
THS4140 TI-THS4140 Datasheet
523Kb / 24P
[Old version datasheet]   HIGH SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4120 TI-THS4120 Datasheet
504Kb / 23P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
National Semiconductor ...
THS4121 NSC-THS4121 Datasheet
1Mb / 31P
   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
Texas Instruments
THS4130CDG4 TI-THS4130CDG4 Datasheet
1Mb / 36P
[Old version datasheet]   HIGH-SPEED, LOW-NOISE, FULLY-DIFFERENTIAL I/O AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com