Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M25PX16 Datasheet(PDF) 9 Page - Numonyx B.V

Part # M25PX16
Description  16-Mbit, dual I/O, 4-Kbyte subsector erase, serial Flash memory with 75 MHz SPI bus interface
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25PX16 Datasheet(HTML) 9 Page - Numonyx B.V

Back Button M25PX16 Datasheet HTML 5Page - Numonyx B.V M25PX16 Datasheet HTML 6Page - Numonyx B.V M25PX16 Datasheet HTML 7Page - Numonyx B.V M25PX16 Datasheet HTML 8Page - Numonyx B.V M25PX16 Datasheet HTML 9Page - Numonyx B.V M25PX16 Datasheet HTML 10Page - Numonyx B.V M25PX16 Datasheet HTML 11Page - Numonyx B.V M25PX16 Datasheet HTML 12Page - Numonyx B.V M25PX16 Datasheet HTML 13Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 65 page
background image
M25PX16
Signal descriptions
9/65
2
Signal descriptions
2.1
Serial Data output (DQ1)
This output signal is used to transfer data serially out of the device. Data are shifted out on
the falling edge of Serial Clock (C).
During the Dual Input Fast Program (DIFP) instruction, pin DQ1 is used as an input. It is
latched on the rising edge of the Serial Clock (C).
2.2
Serial Data input (DQ0)
This input signal is used to transfer data serially into the device. It receives instructions,
addresses, and the data to be programmed. Values are latched on the rising edge of Serial
Clock (C).
During the Dual Output Fast Read (DOFR) instruction, pin DQ0 is used as an output. Data
are shifted out on the falling edge of the Serial Clock (C).
2.3
Serial Clock (C)
This input signal provides the timing of the serial interface. Instructions, addresses, or data
present at Serial Data input (DQ0) are latched on the rising edge of Serial Clock (C). Data
on Serial Data output (DQ1) changes after the falling edge of Serial Clock (C).
2.4
Chip Select (S)
When this input signal is High, the device is deselected and Serial Data output (DQ1) is at
high impedance. Unless an internal Program, Erase or Write Status Register cycle is in
progress, the device will be in the Standby Power mode (this is not the Deep Power-down
mode). Driving Chip Select (S) Low enables the device, placing it in the Active Power mode.
After power-up, a falling edge on Chip Select (S) is required prior to the start of any
instruction.
2.5
Hold (HOLD)
The Hold (HOLD) signal is used to pause any serial communications with the device without
deselecting the device.
During the Hold condition, the Serial Data output (DQ1) is high impedance, and Serial Data
input (DQ0) and Serial Clock (C) are Don’t care.
To start the Hold condition, the device must be selected, with Chip Select (S) driven Low.
2.6
Write Protect/Enhanced Program supply voltage (W/VPP)
W/VPP is both a control input and a power supply pin. The two functions are selected by the
voltage range applied to the pin.


Similar Part No. - M25PX16

ManufacturerPart #DatasheetDescription
logo
Micron Technology
M25PX16 MICRON-M25PX16 Datasheet
1Mb / 65P
   16-Mbit, dual I/O, 4-Kbyte subsector erase, serial Flash memory with 75 MHz SPI bus interface
M25PX16-VMW6TG MICRON-M25PX16-VMW6TG Datasheet
732Kb / 56P
   Micron M25PX16 Serial Flash Embedded Memory
M25PX16SOVZM6TP MICRON-M25PX16SOVZM6TP Datasheet
1Mb / 65P
   16-Mbit, dual I/O, 4-Kbyte subsector erase, serial Flash memory with 75 MHz SPI bus interface
More results

Similar Description - M25PX16

ManufacturerPart #DatasheetDescription
logo
Micron Technology
M25PX16SOVZM6TP MICRON-M25PX16SOVZM6TP Datasheet
1Mb / 65P
   16-Mbit, dual I/O, 4-Kbyte subsector erase, serial Flash memory with 75 MHz SPI bus interface
logo
Numonyx B.V
M25PX64-VMF6TP NUMONYX-M25PX64-VMF6TP Datasheet
1Mb / 70P
   64-Mbit, dual I/O, 4-Kbyte subsector erase, serial flash memory with 75 MHz SPI bus interface
logo
STMicroelectronics
M25PX32 STMICROELECTRONICS-M25PX32 Datasheet
550Kb / 63P
   32-Mbit, dual I/O, 4-Kbyte subsector erase, serial Flash memory with 75 MHz SPI bus interface
logo
Numonyx B.V
M25PX32 NUMONYX-M25PX32 Datasheet
1Mb / 65P
   32-Mbit, dual I/O, 4-Kbyte subsector erase, serial Flash memory with 75 MHz SPI bus interface
M25PX64 NUMONYX-M25PX64 Datasheet
1Mb / 66P
   64-Mbit, dual I/O, 4-Kbyte subsector erase, serial flash memory with 75 MHz SPI bus interface
logo
Micron Technology
N25Q032A13E1241F MICRON-N25Q032A13E1241F Datasheet
5Mb / 153P
   32-Mbit 3 V, multiple I/O, 4-Kbyte subsector erase, XiP enabled, serial flash memory with 108 MHz SPI bus interface
logo
Numonyx B.V
M25P16 NUMONYX-M25P16 Datasheet
1Mb / 55P
   16 Mbit, serial Flash memory, 75 MHz SPI bus interface
N25Q128 NUMONYX-N25Q128 Datasheet
5Mb / 185P
   128-Mbit, 1.8 V, multiple I/O, 4-Kbyte subsector erase on boot sectors, XiP enabled, serial flash memory with 108 MHz SPI bus interface
N25Q128 NUMONYX-N25Q128_1 Datasheet
5Mb / 180P
   128-Mbit 3 V, multiple I/O, 4-Kbyte subsector erase on boot sectors,XiP enabled, serial flash memory with 108 MHz SPI bus interface
logo
Micron Technology
N25Q128A11B1241F MICRON-N25Q128A11B1241F Datasheet
5Mb / 185P
   128-Mbit, 1.8 V, multiple I/O, 4-Kbyte subsector erase on boot sectors, XiP enabled, serial flash memory with 108 MHz SPI bus interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com