Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS4211DGK Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4211DGK
Description  LOW-DISTORTION, HIGH-SPEED, VOLTAGE FEEDBACK AMPLIFIER
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4211DGK Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button THS4211DGK Datasheet HTML 3Page - National Semiconductor (TI) THS4211DGK Datasheet HTML 4Page - National Semiconductor (TI) THS4211DGK Datasheet HTML 5Page - National Semiconductor (TI) THS4211DGK Datasheet HTML 6Page - National Semiconductor (TI) THS4211DGK Datasheet HTML 7Page - National Semiconductor (TI) THS4211DGK Datasheet HTML 8Page - National Semiconductor (TI) THS4211DGK Datasheet HTML 9Page - National Semiconductor (TI) THS4211DGK Datasheet HTML 10Page - National Semiconductor (TI) THS4211DGK Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
THS4211
THS4215
www.ti.com ................................................................................................................................... SLOS400E – SEPTEMBER 2002 – REVISED SEPTEMBER 2009
ELECTRICAL CHARACTERISTICS: VS = 5 V (continued)
At RF = 392 Ω, RL = 499 Ω, and G = +2, unless otherwise noted.
TYP
OVER TEMPERATURE
MIN/
–40°C
PARAMETER
TEST CONDITIONS
TYP/
0°C to
+25°C
+25°C
to
UNITS
MAX
+70°C
+85°C
POWER SUPPLY
Specified operating voltage
5
15
15
15
V
Max
Maximum quiescent current
19
22
23
24
mA
Max
Minimum quiescent current
19
16
15
14
mA
Min
Power-supply rejection (+PSRR)
VS+ = 5.5 V to 4.5 V, VS– = 0 V
63
58
54
54
dB
Min
Power-supply rejection (–PSRR)
VS+ = 5 V, VS– = –0.5 V to 0.5 V
65
60
56
56
dB
Min
POWER-DOWN CHARACTERISTICS (THS4215 ONLY)
Enable
REF+1.8
V
Min
REF = 0 V, or VS–
Power down
REF+1
V
Max
Power-down voltage level
Enable
REF–1
V
Min
REF = VS+ or floating
Power down
REF–1.5
V
Max
Power-down quiescent current
PD = Ref +1.0 V, Ref = 0 V
450
650
750
850
µA
Max
Power-down quiescent current
PD = Ref –1.5 V, Ref = 5 V
400
650
750
850
µA
Max
Turn-on-time delay(t(ON))
4
µs
Typ
50% of final value
Turn-off-time delay (t(Off))
3
µs
Typ
Input impedance
6
G
Typ
Output impedance
f = 1 MHz
75
k
Typ
Copyright © 2002–2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): THS4211 THS4215


Similar Part No. - THS4211DGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4211DGK TI-THS4211DGK Datasheet
1Mb / 41P
[Old version datasheet]   LOW-DISTORTION HIGH-SPEED VOLTAGE FEEDBACK AMPLIFIER
THS4211DGKR TI-THS4211DGKR Datasheet
1Mb / 41P
[Old version datasheet]   LOW-DISTORTION HIGH-SPEED VOLTAGE FEEDBACK AMPLIFIER
THS4211DGKRG4 TI-THS4211DGKRG4 Datasheet
1Mb / 41P
[Old version datasheet]   LOW-DISTORTION HIGH-SPEED VOLTAGE FEEDBACK AMPLIFIER
More results

Similar Description - THS4211DGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4211 TI-THS4211 Datasheet
1Mb / 41P
[Old version datasheet]   LOW-DISTORTION HIGH-SPEED VOLTAGE FEEDBACK AMPLIFIER
LM6171 TI1-LM6171 Datasheet
1Mb / 30P
[Old version datasheet]   High Speed Low Power Low Distortion Voltage Feedback Amplifier
logo
National Semiconductor ...
LM6171 NSC-LM6171 Datasheet
708Kb / 17P
   High Speed Low Power Low Distortion Voltage Feedback Amplifier
LM6171 NSC-LM6171_14 Datasheet
1Mb / 30P
   LM6171 High Speed Low Power Low Distortion Voltage Feedback Amplifier
logo
Texas Instruments
LM6171AIM TI-LM6171AIM Datasheet
1Mb / 30P
[Old version datasheet]   LM6171 High Speed Low Power Low Distortion Voltage Feedback Amplifier
LM6171AIM TI1-LM6171AIM Datasheet
1Mb / 30P
[Old version datasheet]   LM6171 High Speed Low Power Low Distortion Voltage Feedback Amplifier
LM6172QML TI1-LM6172QML Datasheet
1Mb / 22P
[Old version datasheet]   Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
logo
National Semiconductor ...
LM6172 NSC-LM6172 Datasheet
551Kb / 16P
   Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
logo
Texas Instruments
LM6172 TI1-LM6172 Datasheet
1Mb / 25P
[Old version datasheet]   Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
LM6172QML-SP TI1-LM6172QML-SP Datasheet
1Mb / 25P
[Old version datasheet]   Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com